Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN7002W Datasheet(PDF) 7 Page - Infineon Technologies AG

Part # SN7002W
Description  SIPMOS횘 Small-Signal-Transistor Feature N-Channel Enhancement mode
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

SN7002W Datasheet(HTML) 7 Page - Infineon Technologies AG

  SN7002W Datasheet HTML 1Page - Infineon Technologies AG SN7002W Datasheet HTML 2Page - Infineon Technologies AG SN7002W Datasheet HTML 3Page - Infineon Technologies AG SN7002W Datasheet HTML 4Page - Infineon Technologies AG SN7002W Datasheet HTML 5Page - Infineon Technologies AG SN7002W Datasheet HTML 6Page - Infineon Technologies AG SN7002W Datasheet HTML 7Page - Infineon Technologies AG SN7002W Datasheet HTML 8Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
2009-08-19
Rev. 2.4
Page 7
SN7002W
13 Typ. gate charge
VGS = f (QG); parameter: VDS ,
ID = 0.16 A pulsed, Tj = 25 °C
0
0.2
0.4
0.6
0.8
1
1.2
1.4 nC
1.7
QG
0
2
4
6
8
10
12
V
16
SN7002W
0.2 VDS max
0.5 VDS max
0.8 VDS max
14 Drain-source breakdown voltage
V(BR)DSS = f (Tj)
-60
-20
20
60
100
°C
180
Tj
54
56
58
60
62
64
66
68
V
72
SN7002W


Similar Part No. - SN7002W

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
SN7002W INFINEON-SN7002W Datasheet
113Kb / 8P
   SIPMOS Small-Signal-Transistor
2003-04-03
SN7002W INFINEON-SN7002W Datasheet
317Kb / 8P
   SIPMOS횘 Small-Signal-Transistor
Rev. 2.5 2011-07-13
logo
VBsemi Electronics Co.,...
SN7002W VBSEMI-SN7002W Datasheet
1Mb / 8P
   N-Channel 60-V (D-S) MOSFET
logo
Shanghai Leiditech Elec...
SN7002W LEIDITECH-SN7002W Datasheet
1Mb / 6P
   We declare that the material of product compliance with RoHS requirements and Halogen Free.
Rev : 01.06.2015
logo
Infineon Technologies A...
SN7002W INFINEON-SN7002W_11 Datasheet
317Kb / 8P
   SIPMOS횘 Small-Signal-Transistor
Rev. 2.5 2011-07-13
More results

Similar Description - SN7002W

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BSO615CG INFINEON-BSO615CG_12 Datasheet
440Kb / 13P
   SIPMOS횘 Small-Signal-Transistor
2012-04-04
BSO612CV INFINEON-BSO612CV_12 Datasheet
392Kb / 13P
   SIPMOS횘 Small-Signal-Transistor
2012-04-04
SN7002W INFINEON-SN7002W_11 Datasheet
317Kb / 8P
   SIPMOS횘 Small-Signal-Transistor
Rev. 2.5 2011-07-13
BSP315P-E6327 INFINEON-BSP315P-E6327 Datasheet
543Kb / 9P
   SIPMOS횘 Small-Signal-Transistor
Rev.1.7 2012-11-26
BSP613P INFINEON-BSP613P_16 Datasheet
387Kb / 9P
   SIPMOS횘 Small-Signal-Transistor
Rev.2.8 2016-05-30
SN7002N INFINEON-SN7002N_11 Datasheet
333Kb / 9P
   SIPMOS횘 Small-Signal-Transistor
Rev. 2.6 2011-07-11
SN7002N INFINEON-SN7002N_09 Datasheet
5Mb / 9P
   SIPMOS Small-Signal-Transistor Feature Enhancement mode Logic Level
Rev. 2.5 2009-14-08
logo
Siemens Semiconductor G...
BSP125 SIEMENS-BSP125 Datasheet
175Kb / 9P
   SIPMOS Small-Signal Transistor (N channel Enhancement mode)
BSP324 SIEMENS-BSP324 Datasheet
176Kb / 9P
   SIPMOS Small-Signal Transistor (N channel Enhancement mode)
BSS145 SIEMENS-BSS145 Datasheet
138Kb / 8P
   SIPMOS Small-Signal Transistor (N channel Enhancement mode)
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com