Electronic Components Datasheet Search |
|
BTS133TC Datasheet(PDF) 3 Page - Infineon Technologies AG |
|
BTS133TC Datasheet(HTML) 3 Page - Infineon Technologies AG |
3 / 11 page Electrical Characteristics Parameter Symbol Values Unit at Tj=25°C, unless otherwise specified min. typ. max. Characteristics Drain source clamp voltage Tj = - 40 ...+ 150°C, ID = 10 mA VDS(AZ) 60 - 73 V Off state drain current VDS = 32 V, Tj = -40...+150 °C, VIN = 0 V IDSS - - 10 μA Input threshold voltage ID = 1,4 mA VIN(th) 1.3 1.7 2.2 V Input current - normal operation, ID<ID(lim): VIN = 10 V IIN(1) - 30 55 μA Input current - current limitation mode, ID=ID(lim): VIN = 10 V IIN(2) 60 150 350 Input current - after thermal shutdown, ID=0 A: VIN = 10 V IIN(3) 1000 2500 4000 Input holding current after thermal shutdown 1) Tj = 25 °C Tj = 150 °C IIN(H) 500 300 - - - - On-state resistance VIN = 5 V, ID = 7 A, Tj = 25 °C VIN = 5 V, ID = 7 A, Tj = 150 °C RDS(on) - - 50 90 60 120 m Ω On-state resistance VIN = 10 V, ID = 7 A, Tj = 25 °C VIN = 10 V, ID = 7 A, Tj = 150 °C RDS(on) - - 40 75 50 100 Nominal load current (ISO 10483) VIN = 10 V, VDS = 0.5 V, TC = 85 °C ID(ISO) 7 - - A 1If the input current is limited by external components, low drain currents can flow and heat the device. Auto restart behaviour can occur. Datasheet 3 Rev. 1.0, 2009-07-20 Smart Low Side Power Switch HITFET BTS 133TC |
Similar Part No. - BTS133TC |
|
Similar Description - BTS133TC |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |