Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BTS640S2G Datasheet(PDF) 2 Page - Infineon Technologies AG

Part # BTS640S2G
Description  Smart Sense High-Side Power Switch
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BTS640S2G Datasheet(HTML) 2 Page - Infineon Technologies AG

  BTS640S2G Datasheet HTML 1Page - Infineon Technologies AG BTS640S2G Datasheet HTML 2Page - Infineon Technologies AG BTS640S2G Datasheet HTML 3Page - Infineon Technologies AG BTS640S2G Datasheet HTML 4Page - Infineon Technologies AG BTS640S2G Datasheet HTML 5Page - Infineon Technologies AG BTS640S2G Datasheet HTML 6Page - Infineon Technologies AG BTS640S2G Datasheet HTML 7Page - Infineon Technologies AG BTS640S2G Datasheet HTML 8Page - Infineon Technologies AG BTS640S2G Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
Pin
Symbol
Function
1
ST
Diagnostic feedback: open drain, invers to input level
2
GND
Logic ground
3
IN
Input, activates the power switch in case of logical high signal
4
Vbb
Positive power supply voltage, the tab is shorted to this pin
5
IS
Sense current output, proportional to the load current, zero in
the case of current limitation of load current
6 & 7
OUT
(Load, L)
Output, protected high-side power output to the load.
Both output pins have to be connected in parallel for operation
according this spec (e.g. kILIS).
Design the wiring for the max. short circuit current
Maximum Ratings at
Tj = 25 °C unless otherwise specified
Parameter
Symbol
Values
Unit
Supply voltage (overvoltage protection see page 4)
Vbb
43
V
Supply voltage for full short circuit protection
Tj Start=-40 ...+150°C
Vbb
34
V
Load dump protection1) VLoadDump = VA + Vs, VA = 13.5V
RI2)= 2 Ω, RL= 1 Ω, td= 200 ms, IN= low or high
VLoad dump3)
60
V
Load current (Short circuit current, see page 5)
IL
self-limited
A
Operating temperature range
Storage temperature range
Tj
Tstg
-40 ...+150
-55 ...+150
°C
Power dissipation (DC), TC ≤ 25 °C
Ptot
85
W
Inductive load switch-off energy dissipation, single pulse
Vbb = 12V, Tj,start = 150°C, TC = 150°C const.
IL = 12.6 A, ZL = 4,2 mH, 0 Ω:
IL = 4 A, ZL = 330 mH, 0 Ω:
EAS
EAS
0,41
3,5
J
Electrostatic discharge capability (ESD)
IN:
(Human Body Model)
ST, IS:
out to all other pins shorted:
acc. MIL-STD883D, method 3015.7 and ESD assn. std. S5.1-1993
R=1.5k
Ω; C=100pF
VESD
1.0
4.0
8.0
kV
Input voltage (DC)
VIN
-10 ... +16
V
Current through input pin (DC)
Current through status pin (DC)
Current through current sense pin (DC)
see internal circuit diagrams page 8
IIN
IST
IIS
±2.0
±5.0
±14
mA
1
)
Supply voltages higher than Vbb(AZ) require an external current limit for the GND and status pins (a 150
resistor in the GND connection is recommended).
2)
RI = internal resistance of the load dump test pulse generator
3)
VLoad dump is setup without the DUT connected to the generator according to ISO 7637-1 and DIN 40839
Data Sheet
2
V1.1, 2008-19-08
Smart High-Side Power Switch
BTS640S2G


Similar Part No. - BTS640S2G

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BTS640S2G INFINEON-BTS640S2G Datasheet
240Kb / 15P
   Smart Sense High-Side Power Switch
2003-Oct-01
More results

Similar Description - BTS640S2G

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BTS640S2 INFINEON-BTS640S2 Datasheet
240Kb / 15P
   Smart Sense High-Side Power Switch
2003-Oct-01
ITS640S2 INFINEON-ITS640S2 Datasheet
254Kb / 14P
   Smart Sense High-Side Power Switch For Industrial Applications
2006-Mar-28
BTS5210G INFINEON-BTS5210G_09 Datasheet
339Kb / 17P
   Smart High-Side Power Switch
Rev. 1.3, April 2009
BTS4142N INFINEON-BTS4142N_07 Datasheet
383Kb / 20P
   Smart High-Side Power Switch
V1.1, 2007-05-29
BTS4175SGA INFINEON-BTS4175SGA Datasheet
472Kb / 26P
   Smart High-Side Power Switch
Rev.1.0, April 2008
BTS5215L INFINEON-BTS5215L_07 Datasheet
262Kb / 16P
   Smart High-Side Power Switch
V1.1, 2007-05-29
BSP752T INFINEON-BSP752T_07 Datasheet
240Kb / 17P
   Smart High-Side Power Switch
V1.1, 2007-05-29
BTS5180-2EKA INFINEON-BTS5180-2EKA Datasheet
2Mb / 54P
   Smart High-Side Power Switch
Rev. 2.0, 2010-08-02
BTS4160DGA INFINEON-BTS4160DGA Datasheet
868Kb / 26P
   Smart High-Side Power Switch
Rev. 1.0, March 2008
BTS452T INFINEON-BTS452T_07 Datasheet
282Kb / 18P
   Smart Power High-Side-Switch
V1.1, 2007-05-29
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com