Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BTS716GB Datasheet(PDF) 1 Page - Infineon Technologies AG

Part # BTS716GB
Description  Smart High-Side Power Switch Four Chanmels : 4 x 140m廓 Status Feedback
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BTS716GB Datasheet(HTML) 1 Page - Infineon Technologies AG

  BTS716GB Datasheet HTML 1Page - Infineon Technologies AG BTS716GB Datasheet HTML 2Page - Infineon Technologies AG BTS716GB Datasheet HTML 3Page - Infineon Technologies AG BTS716GB Datasheet HTML 4Page - Infineon Technologies AG BTS716GB Datasheet HTML 5Page - Infineon Technologies AG BTS716GB Datasheet HTML 6Page - Infineon Technologies AG BTS716GB Datasheet HTML 7Page - Infineon Technologies AG BTS716GB Datasheet HTML 8Page - Infineon Technologies AG BTS716GB Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
6PDUW+LJK6LGH3RZHU6ZLWFK
)RXU&KDQQHOV[PΩ
6WDWXV)HHGEDFN
Product Summary
Package
2SHUDWLQJ9ROWDJH
9EE
9
$FWLYHFKDQQHOV RQH
IRXU SDUDOOHO
2QVWDWH5HVLVWDQFH
521
PΩ
PΩ
1RPLQDOORDGFXUUHQW
,/ 120
$
$
&XUUHQWOLPLWDWLRQ
,/ 6&U
$
$
*HQHUDO'HVFULSWLRQ
1FKDQQHOYHUWLFDOSRZHU 026)(7 ZLWKFKDUJHSXPSJURXQGUHIHUHQFHG&026FRPSDWLEOHLQSXWDQG
GLDJQRVWLF IHHGEDFNPRQROLWKLFDOO\ LQWHJUDWHGLQ6PDUW6,3026
WHFKQRORJ\
)XOO\ SURWHFWHGE\ HPEHGGHGSURWHFWLRQIXQFWLRQV
$SSOLFDWLRQV
—&FRPSDWLEOHKLJKVLGHSRZHU VZLWFKZLWKGLDJQRVWLF IHHGEDFN IRU 9DQG9JURXQGHGORDGV
$OOW\SHV RI UHVLVWLYHLQGXFWLYHDQGFDSDFLWYHORDGV
0RVWVXLWDEOHIRU ORDGV ZLWKKLJKLQUXVKFXUUHQWVVRDV ODPSV
5HSODFHV HOHFWURPHFKDQLFDOUHOD\VIXVHV DQGGLVFUHWHFLUFXLWV
%DVLF)XQFWLRQV
9HU\ ORZ VWDQGE\ FXUUHQW
&026FRPSDWLEOHLQSXW
,PSURYHGHOHFWURPDJQHWLF FRPSDWLELOLW\ (0&
)DVWGHPDJQHWL]DWLRQRI LQGXFWLYHORDGV
6WDEOHEHKDYLRXU DWXQGHUYROWDJH
:LGHRSHUDWLQJYROWDJHUDQJH
/RJLF JURXQGLQGHSHQGHQWIURP ORDGJURXQG
3URWHFWLRQ)XQFWLRQV
Block Diagram
6KRUWFLUFXLWSURWHFWLRQ
2YHUORDGSURWHFWLRQ
&XUUHQWOLPLWDWLRQ
7KHUPDOVKXWGRZQ
2YHUYROWDJHSURWHFWLRQ LQFOXGLQJORDGGXPS ZLWKH[WHUQDO
UHVLVWRU
5HYHUVHEDWWHU\ SURWHFWLRQZLWKH[WHUQDOUHVLVWRU
/RVV RI JURXQGDQGORVV RI 9EE SURWHFWLRQ
(OHFWURVWDWLF GLVFKDUJHSURWHFWLRQ (6'
'LDJQRVWLF)XQFWLRQ
'LDJQRVWLF IHHGEDFN ZLWKRSHQGUDLQRXWSXW
2SHQORDGGHWHFWLRQLQ2))VWDWH
)HHGEDFN RI WKHUPDOVKXWGRZQLQ21VWDWH
P-DSO-20
9EE
/RJLF
&KDQQHO 
&KDQQHO 
*1'
/RDG 
/RDG
/RJLF
&KDQQHO 
&KDQQHO 
/RDG 
/RDG
,1
67
,1
,1
67
,1
PG-DSO20
Data Sheet
1
V1.0, 2007-05-13
Smart High-Side Power Switch
BTS716GB


Similar Part No. - BTS716GB

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BTS716G INFINEON-BTS716G Datasheet
402Kb / 14P
   Smart High-Side Power Switch Four Channels: 4 x 140m??Status Feedback
2003-Oct-01
BTS716G INFINEON-BTS716G Datasheet
283Kb / 16P
   Smart High-Side Power Switch
V1.0, 2007-05-13
BTS716G INFINEON-BTS716G_07 Datasheet
283Kb / 16P
   Smart High-Side Power Switch
V1.0, 2007-05-13
More results

Similar Description - BTS716GB

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BTS716G INFINEON-BTS716G Datasheet
402Kb / 14P
   Smart High-Side Power Switch Four Channels: 4 x 140m??Status Feedback
2003-Oct-01
BTS5210L INFINEON-BTS5210L Datasheet
240Kb / 14P
   Smart High-Side Power Switch Two Channels: 2 x 140m??Status Feedback
2003-Oct-01
BTS5210G INFINEON-BTS5210G Datasheet
309Kb / 14P
   Smart High-Side Power Switch Two Channels: 2 x 140m??Status Feedback
2003-Oct-01
BTS724G INFINEON-BTS724G Datasheet
402Kb / 14P
   Smart High-Side Power Switch Four Channels: 4 x 90m??Status Feedback
2003-Oct-01
BTS824R INFINEON-BTS824R Datasheet
334Kb / 14P
   Smart High-Side Power Switch Four Channels: 4 x 90m??Status Feedback
2003-Oct-01
ITS716G INFINEON-ITS716G Datasheet
432Kb / 14P
   Smart High-Side Power Switch For Industrial Applications Four Channels: 4 x 140m?
2006-Mar-23
BTS736L2 INFINEON-BTS736L2 Datasheet
383Kb / 14P
   Smart High-Side Power Switch Two Channels: 2 x 40m??Status Feedback
2003-Oct-01
logo
Siemens Semiconductor G...
BTS728L2 SIEMENS-BTS728L2 Datasheet
241Kb / 14P
   Smart High-Side Power Switch Two Channels: 2 x 60mW Status Feedback
logo
Infineon Technologies A...
BTS728L2 INFINEON-BTS728L2 Datasheet
389Kb / 14P
   Smart High-Side Power Switch Two Channels: 2 x 60m??Status Feedback
2003-Oct-01
BTS5215L INFINEON-BTS5215L Datasheet
240Kb / 14P
   Smart High-Side Power Switch Two Channels: 2 x 90m??Status Feedback
2003-Oct-01
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com