Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BTS50050-1EGA Datasheet(PDF) 9 Page - Infineon Technologies AG

Part # BTS50050-1EGA
Description  Smart High-Side Power Switch PROFET?
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BTS50050-1EGA Datasheet(HTML) 9 Page - Infineon Technologies AG

Back Button BTS50050-1EGA Datasheet HTML 5Page - Infineon Technologies AG BTS50050-1EGA Datasheet HTML 6Page - Infineon Technologies AG BTS50050-1EGA Datasheet HTML 7Page - Infineon Technologies AG BTS50050-1EGA Datasheet HTML 8Page - Infineon Technologies AG BTS50050-1EGA Datasheet HTML 9Page - Infineon Technologies AG BTS50050-1EGA Datasheet HTML 10Page - Infineon Technologies AG BTS50050-1EGA Datasheet HTML 11Page - Infineon Technologies AG BTS50050-1EGA Datasheet HTML 12Page - Infineon Technologies AG BTS50050-1EGA Datasheet HTML 13Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 33 page
background image
Datasheet
9
V1.0, 2009-04-06
Smart High-Side Power Switch
BTS50050-1EGA
General Product Characteristics
4.3
Thermal Resistance
Pos.
Parameter
Symbol
Limit Values
Unit
Conditions
Min.
Typ.
Max.
Junction to case
1) Not subject to production test, specified by design
1)
R
thjc
-
-
1.3
K/W
2) Specified Rthjc value is simulated at natural convection on a cold plate setup. Ta = 25 °C.
Control chip to case 1)
R
thj(cc)c
-
40
-
K/W
3) Specified Rthj(cc)c value is simulated at natural convection on a cold plate setup. Ta = 25 °C, IL = 0A.
Junction to ambient 1)
device on PCB
4) Specified Rthja value and Figure 4 are according Jedec JESD51_7 at natural convection on FR4 2s2p board. The
BTS50050-1EGA was measured on a 76.2 x 114.3 x 1.6 mm board with 2 inner copper layers (2 x 70µm Cu, 2 x 35µm Cu)
applying power losses of 1.4W at the channel. According to JESD51-5 a thermal via array under the exposed pad contacted
the first inner copper layer. Ta = 25 °C.
4)
R
thja
-
27
-
K/W
3)
2)





 

  
W 3
VHF
= WK -$
.:
Figure 4 shows the typical transient thermal impedance of BTS50050-1EGA.
Figure 4
Transient Thermal Impedance Zth(JA)=f(tp)
4)
4.4
Pos.
Parameter
Value
Test Conditions
Jedec humidity category acc. J-STD-020-D
MSL3
-
Jedec classification temperature acc. J-STD-020-D 260°C
-
Package
4.3.1
4.3.1
4.3.1
4.4.1
4.4.2


Similar Part No. - BTS50050-1EGA

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BTS50055-1TMA INFINEON-BTS50055-1TMA Datasheet
304Kb / 18P
   Smart Highside High Current Power Switch
2010-April-27
BTS50055-1TMB INFINEON-BTS50055-1TMB Datasheet
299Kb / 18P
   Smart Highside High Current Power Switch
2010-April-27
BTS50055-1TMC INFINEON-BTS50055-1TMC Datasheet
296Kb / 17P
   Smart Highside High Current Power Switch
2010-April-27
More results

Similar Description - BTS50050-1EGA

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BTS50080-1EGA INFINEON-BTS50080-1EGA Datasheet
1Mb / 33P
   Smart High-Side Power Switch PROFET?
V1.0, April 2009
BTS50070-1EGA INFINEON-BTS50070-1EGA Datasheet
1Mb / 33P
   Smart High-Side Power Switch PROFET?
V1.0, April 2009
BTS50060-1EGA INFINEON-BTS50060-1EGA Datasheet
1Mb / 33P
   Smart High-Side Power Switch PROFET?
V1.0, April 2009
BTS5230GS INFINEON-BTS5230GS Datasheet
453Kb / 28P
   Smart High-Side Power Switch PROFET
V2.0, June 2005
BTS50090-1TMB INFINEON-BTS50090-1TMB Datasheet
528Kb / 27P
   Smart High-Side Power Switch PROFET One Channel
Rev. 1.0, Feb. 2008
BTS50080-1TEB INFINEON-BTS50080-1TEB Datasheet
576Kb / 27P
   Smart High-Side Power Switch PROFET??One Channel
Rev. 1.0, Aug. 2008
BTS7004-1EPP INFINEON-BTS7004-1EPP Datasheet
1Mb / 57P
   PROFET??2 12V Smart High-Side Power Switch
Rev. 1.01.01 2019-04-29
BTS5016SDA INFINEON-BTS5016SDA Datasheet
564Kb / 27P
   Smart High-Side Power Switch PROFET??One Channel
Rev. 1.1, Nov. 2008
BTS50070-1TMB INFINEON-BTS50070-1TMB Datasheet
559Kb / 27P
   Smart High-Side Power Switch PROFET??One Channel
Rev. 1.0, Sept. 2008
BTS5014SDA INFINEON-BTS5014SDA Datasheet
564Kb / 27P
   Smart High-Side Power Switch PROFET??One Channel
Rev. 1.1, Nov. 2008
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com