Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BTS5210G Datasheet(PDF) 4 Page - Infineon Technologies AG

Part # BTS5210G
Description  Smart High-Side Power Switch
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BTS5210G Datasheet(HTML) 4 Page - Infineon Technologies AG

  BTS5210G_09 Datasheet HTML 1Page - Infineon Technologies AG BTS5210G_09 Datasheet HTML 2Page - Infineon Technologies AG BTS5210G_09 Datasheet HTML 3Page - Infineon Technologies AG BTS5210G_09 Datasheet HTML 4Page - Infineon Technologies AG BTS5210G_09 Datasheet HTML 5Page - Infineon Technologies AG BTS5210G_09 Datasheet HTML 6Page - Infineon Technologies AG BTS5210G_09 Datasheet HTML 7Page - Infineon Technologies AG BTS5210G_09 Datasheet HTML 8Page - Infineon Technologies AG BTS5210G_09 Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
Data Sheet
4
Rev. 1.3, 2009-04-16
Smart High-Side Power Switch
BTS5210G
Pin Definitions and Functions
Pin
Symbol
Function
1,7,
8,14
Vbb
Positive power supply voltage. Design the
wiring for the simultaneous max. short circuit
currents from channel 1 to 2 and also for low
thermal resistance
2
GND
Logic Ground
3
IN1
5
IN2
Input 1,2 activates channel 1,2 in case
of logic high signal
4
ST1
6
ST2
Diagnostic feedback 1,2 of channel 1,2
open drain
12,13
OUT1
Output 1,2 protected high-side power output of
channel 1,2. Design the wiring for the max.
short circuit current; both output pins have to
9,10
OUT2
be connected in parallel for operation
according this spec.
11
NC
Not Connected
Pin configuration
(top view)
Vbb
1
14 V
bb
GND
2
13 OUT1
IN1
3
12 OUT1
ST1
4
11 NC
IN2
5
10 OUT2
ST2
6
9 OUT2
Vbb
7
8 Vbb


Similar Part No. - BTS5210G_09

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BTS5210G INFINEON-BTS5210G Datasheet
309Kb / 14P
   Smart High-Side Power Switch Two Channels: 2 x 140m??Status Feedback
2003-Oct-01
More results

Similar Description - BTS5210G_09

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BTS4142N INFINEON-BTS4142N_07 Datasheet
383Kb / 20P
   Smart High-Side Power Switch
V1.1, 2007-05-29
BTS4175SGA INFINEON-BTS4175SGA Datasheet
472Kb / 26P
   Smart High-Side Power Switch
Rev.1.0, April 2008
BTS5215L INFINEON-BTS5215L_07 Datasheet
262Kb / 16P
   Smart High-Side Power Switch
V1.1, 2007-05-29
BSP752T INFINEON-BSP752T_07 Datasheet
240Kb / 17P
   Smart High-Side Power Switch
V1.1, 2007-05-29
BTS5180-2EKA INFINEON-BTS5180-2EKA Datasheet
2Mb / 54P
   Smart High-Side Power Switch
Rev. 2.0, 2010-08-02
BTS4160DGA INFINEON-BTS4160DGA Datasheet
868Kb / 26P
   Smart High-Side Power Switch
Rev. 1.0, March 2008
BTS452T INFINEON-BTS452T_07 Datasheet
282Kb / 18P
   Smart Power High-Side-Switch
V1.1, 2007-05-29
BTS716G INFINEON-BTS716G_07 Datasheet
283Kb / 16P
   Smart High-Side Power Switch
V1.0, 2007-05-13
BTS740S2 INFINEON-BTS740S2_07 Datasheet
289Kb / 17P
   Smart High-Side Power Switch
V1.0, 2007-05-13
BTS462T INFINEON-BTS462T Datasheet
304Kb / 16P
   Smart Power High-Side-Switch
2004-01-27
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com