Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BGB741L7ESD Datasheet(PDF) 4 Page - Infineon Technologies AG

Part # BGB741L7ESD
Description  ESD-Robust and Easy-To-Use Broadband LNA MMIC
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BGB741L7ESD Datasheet(HTML) 4 Page - Infineon Technologies AG

  BGB741L7ESD Datasheet HTML 1Page - Infineon Technologies AG BGB741L7ESD Datasheet HTML 2Page - Infineon Technologies AG BGB741L7ESD Datasheet HTML 3Page - Infineon Technologies AG BGB741L7ESD Datasheet HTML 4Page - Infineon Technologies AG BGB741L7ESD Datasheet HTML 5Page - Infineon Technologies AG BGB741L7ESD Datasheet HTML 6Page - Infineon Technologies AG BGB741L7ESD Datasheet HTML 7Page - Infineon Technologies AG BGB741L7ESD Datasheet HTML 8Page - Infineon Technologies AG BGB741L7ESD Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
Data Sheet
4
Rev. 1.0, 2009-04-17
BGB741L7ESD
ESD-Robust and Easy-To-Use Broadband LNA MMIC
1
ESD-Robust and Easy-To-Use Broadband LNA MMIC
2
Product Brief
The BGB741L7ESD is an advanced high performance low noise amplifier (LNA) MMIC which simplifies the design
of arbitrary LNA application circuits. Due to its integrated feedback the device is perfectly matched up to 3.5 GHz.
The integrated biasing further reduces external parts count and stabilizes the bias current against temperature-
and process-variations. The integrated feedback provides unconditional stability and eases the design process.
The device is highly flexible because the bias current is adjustable and the device works with a broad supply
voltage range. The BGB741L7ESD is based upon Infineon Techologies’ cost effective bipolar silicon germanium
carbon (SiGe:C) technology and comes in a low profile TSLP-7-1 leadless “green” package.
Features
High-performance broadband LNA MMIC for applications
between 50 MHz and 5.5 GHz
Integrated stabilization, biasing, matching and ESD-protection
simplifies design and reduces external parts count
Integrated active biasing circuit makes operation point highly
stable against temperature- and processing-variations
Integrated ESD protection: RF input pin typical 4 kV vs. GND,
RF output pin 2.5 kV vs. GND (HBM stress pulses)
Supply voltage 1.8 - 4.0 V
Adjustable current 6 mA to 30 mA by an external resistor
Power-off function
Excellent noise figure for a broadband LNA by using latest SiGe:C
bipolar technolgy
High linearity due to active biasing
Very small, leadless, Pb-free (RoHS compliant) and halogen-free
(WEEE compliant) “green” package TSLP-7-1,
2.0 x 1.3 x 0.4 mm
Applications
Mobile TV, DAB, RKE, AMR, Cellular, ZigBee, WiMAX, SDARs, WiFi, Cordless phone, UMTS, WLAN, UWB
Type
Package
Marking
BGB741L7ESD
TSLP-7-1
AY


Similar Part No. - BGB741L7ESD

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BGB741L7ESD INFINEON-BGB741L7ESD_12 Datasheet
1Mb / 22P
   Robust Low Noise Broadband RF Amplifier MMIC
Revision 2.0, 2012-09-10
More results

Similar Description - BGB741L7ESD

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BGB741L7ESD INFINEON-BGB741L7ESD_12 Datasheet
1Mb / 22P
   Robust Low Noise Broadband RF Amplifier MMIC
Revision 2.0, 2012-09-10
logo
DAICO Industries, Inc.
DAML6278 DAICO-DAML6278 Datasheet
49Kb / 1P
   Broadband LNA
logo
Generalplus Technology ...
GPES216B2 GENERALPLUS-GPES216B2 Datasheet
423Kb / 14P
   Easy-to-use SOUNDPLUS
GPES220B2 GENERALPLUS-GPES220B2 Datasheet
427Kb / 14P
   Easy-to-use SOUNDPLUS
GPES230B2 GENERALPLUS-GPES230B2 Datasheet
719Kb / 15P
   Easy-to-use SOUNDPLUS
GPES203B GENERALPLUS-GPES203B Datasheet
250Kb / 12P
   Easy-to-use SOUNDPLUS
GPES209B1 GENERALPLUS-GPES209B1 Datasheet
277Kb / 13P
   Easy-to-use SOUNDPLUS
GPES240B2 GENERALPLUS-GPES240B2 Datasheet
390Kb / 14P
   Easy-to-use SOUNDPLUS
GPES207B1 GENERALPLUS-GPES207B1 Datasheet
280Kb / 13P
   Easy-to-use SOUNDPLUS
GPES270B1 GENERALPLUS-GPES270B1 Datasheet
406Kb / 15P
   Easy-to-use SOUNDPLUS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com