Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BAL74 Datasheet(PDF) 5 Page - Infineon Technologies AG

Part # BAL74
Description  Silicon Switching Diode
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BAL74 Datasheet(HTML) 5 Page - Infineon Technologies AG

  BAL74_07 Datasheet HTML 1Page - Infineon Technologies AG BAL74_07 Datasheet HTML 2Page - Infineon Technologies AG BAL74_07 Datasheet HTML 3Page - Infineon Technologies AG BAL74_07 Datasheet HTML 4Page - Infineon Technologies AG BAL74_07 Datasheet HTML 5Page - Infineon Technologies AG BAL74_07 Datasheet HTML 6Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
2007-04-19
5
BAL74/BAR74...
Package SOT23
Package Outline
Foot Print
Marking Layout (Example)
Standard Packing
Reel ø180 mm = 3.000 Pieces/Reel
Reel ø330 mm = 10.000 Pieces/Reel
EH
s
BCW66
Type code
Pin 1
0.8
0.8
1.2
0.25 M BC
1.9
-0.05
+0.1
0.4
±0.1
2.9
0.95
C
B
0...8˚
0.2
A
0.1 MAX.
0.08...0.15
M
±0.1
1
A
1)
1) Lead width can be 0.6 max. in dambar area
12
3
3.15
4
0.9
0.2
1.15
Pin 1
Manufacturer
2005, June
Date code (YM)


Similar Part No. - BAL74_07

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BAL74 PHILIPS-BAL74_03 Datasheet
66Kb / 9P
   High-speed diode
2003 Dec 17
More results

Similar Description - BAL74_07

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BAW101 INFINEON-BAW101 Datasheet
429Kb / 3P
   Silicon Switching Diode
Sep-24-2003
BAS21 INFINEON-BAS21 Datasheet
453Kb / 5P
   Silicon Switching Diode
Jan-30-2003
logo
ON Semiconductor
BAS16TT1 ONSEMI-BAS16TT1 Datasheet
123Kb / 8P
   Silicon Switching Diode
March, 2000 ??Rev. 0
logo
Central Semiconductor C...
1N4454 CENTRAL-1N4454 Datasheet
67Kb / 1P
   Silicon switching diode
logo
M/A-COM Technology Solu...
1N914 MA-COM-1N914 Datasheet
534Kb / 3P
   Silicon Switching Diode
logo
ON Semiconductor
BAS16TT1 ONSEMI-BAS16TT1_04 Datasheet
63Kb / 6P
   Silicon Switching Diode
May, 2004 ??Rev. 2
logo
Leshan Radio Company
LBAS16WT1 LRC-LBAS16WT1 Datasheet
166Kb / 4P
   Silicon Switching Diode
logo
Guangdong Kexin Industr...
1SS222 KEXIN-1SS222 Datasheet
36Kb / 1P
   SILICON SWITCHING DIODE
logo
ON Semiconductor
BAS16TT1G ONSEMI-BAS16TT1G Datasheet
128Kb / 5P
   Silicon Switching Diode
October, 2010 -- Rev. 3
logo
Infineon Technologies A...
BAS21 INFINEON-BAS21_07 Datasheet
119Kb / 9P
   Silicon Switching Diode
2007-04-19
BAW56 INFINEON-BAW56_07 Datasheet
153Kb / 12P
   Silicon Switching Diode
2007-09-19
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com