Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BAR50 Datasheet(PDF) 11 Page - Infineon Technologies AG

Part # BAR50
Description  Silicon PIN Diodes
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BAR50 Datasheet(HTML) 11 Page - Infineon Technologies AG

Back Button BAR50_09 Datasheet HTML 4Page - Infineon Technologies AG BAR50_09 Datasheet HTML 5Page - Infineon Technologies AG BAR50_09 Datasheet HTML 6Page - Infineon Technologies AG BAR50_09 Datasheet HTML 7Page - Infineon Technologies AG BAR50_09 Datasheet HTML 8Page - Infineon Technologies AG BAR50_09 Datasheet HTML 9Page - Infineon Technologies AG BAR50_09 Datasheet HTML 10Page - Infineon Technologies AG BAR50_09 Datasheet HTML 11Page - Infineon Technologies AG BAR50_09 Datasheet HTML 12Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
2009-05-13
11
BAR50...
Package TSLP-2-1
Reel ø180 mm = 15.000 Pieces/Reel
Reel ø330 mm = 50.000 Pieces/Reel (optional)
For board assembly information please refer to Infineon website "Packages"
1
2
0.45
Copper
Solder mask
Stencil apertures
0.6
BAS16-02L
Type code
Cathode marking
Laser marking
0.76
4
0.5
Cathode
marking
Package Outline
Foot Print
Marking Layout (Example)
Standard Packing
0.4
0.05 MAX.
+0.1
Cathode
marking
1) Dimension applies to plated terminal
Top view
Bottom view
1
2
1)
±0.035
0.5
±0.05
0.6


Similar Part No. - BAR50_09

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BAR50-02L INFINEON-BAR50-02L Datasheet
465Kb / 8P
   Silicon PIN Diodes
Feb-04-2003
BAR50-02L INFINEON-BAR50-02L Datasheet
982Kb / 12P
   Silicon PIN Diodes
2011-07-18
BAR50-02V INFINEON-BAR50-02V Datasheet
465Kb / 8P
   Silicon PIN Diodes
Feb-04-2003
BAR50-02V INFINEON-BAR50-02V Datasheet
982Kb / 12P
   Silicon PIN Diodes
2011-07-18
BAR50-03W INFINEON-BAR50-03W Datasheet
465Kb / 8P
   Silicon PIN Diodes
Feb-04-2003
More results

Similar Description - BAR50_09

ManufacturerPart #DatasheetDescription
logo
Guangdong Kexin Industr...
BAR60 KEXIN-BAR60 Datasheet
38Kb / 1P
   Silicon PIN Diodes
BAR14 KEXIN-BAR14 Datasheet
39Kb / 1P
   Silicon PIN Diodes
BAR50-03W KEXIN-BAR50-03W Datasheet
39Kb / 2P
   Silicon PIN Diodes
logo
Infineon Technologies A...
BAR50 INFINEON-BAR50 Datasheet
465Kb / 8P
   Silicon PIN Diodes
Feb-04-2003
logo
Vishay Siliconix
BA479G VISHAY-BA479G Datasheet
36Kb / 3P
   Silicon PIN Diodes
Rev. 2, 01-Apr-99
logo
Infineon Technologies A...
BAR-50-02V-H6327 INFINEON-BAR-50-02V-H6327 Datasheet
982Kb / 12P
   Silicon PIN Diodes
2011-07-18
logo
Vishay Siliconix
BA7792 VISHAY-BA7792 Datasheet
46Kb / 3P
   Silicon PIN Diodes
Rev. 3, 01-Apr-99
logo
Siemens Semiconductor G...
BA682 SIEMENS-BA682 Datasheet
52Kb / 3P
   SILICON PIN DIODES
BAR14-1 SIEMENS-BAR14-1 Datasheet
69Kb / 3P
   Silicon PIN Diodes
logo
Infineon Technologies A...
BAR-63-02V-H6327 INFINEON-BAR-63-02V-H6327 Datasheet
1Mb / 16P
   Silicon PIN Diodes
2011-07-18
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com