Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BAR63-03W Datasheet(PDF) 3 Page - Infineon Technologies AG

Part # BAR63-03W
Description  Silicon PIN Diodes
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BAR63-03W Datasheet(HTML) 3 Page - Infineon Technologies AG

  BAR63-03W Datasheet HTML 1Page - Infineon Technologies AG BAR63-03W Datasheet HTML 2Page - Infineon Technologies AG BAR63-03W Datasheet HTML 3Page - Infineon Technologies AG BAR63-03W Datasheet HTML 4Page - Infineon Technologies AG BAR63-03W Datasheet HTML 5Page - Infineon Technologies AG BAR63-03W Datasheet HTML 6Page - Infineon Technologies AG BAR63-03W Datasheet HTML 7Page - Infineon Technologies AG BAR63-03W Datasheet HTML 8Page - Infineon Technologies AG BAR63-03W Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
2007-04-19
3
BAR63...
Electrical Characteristics at TA = 25°C, unless otherwise specified
Parameter
Symbol
Values
Unit
min.
typ.
max.
AC Characteristics
Diode capacitance
VR = 5 V, f = 1 MHz
VR = 0 V, 100 MHz ... 1.8 GHz
CT
-
-
0.21
0.3
0.3
-
pF
Reverse parallel resistance
VR = 0 V, f = 100 MHz
VR = 0 V, f = 1 GHz
VR = 0 V, f = 1.8 GHz
RP
-
-
-
500
15
5
-
-
-
k
Forward resistance
IF = 5 mA, f = 100 MHz
IF = 10 mA, f = 100 MHz
rf
-
-
1.2
1
2
-
Charge carrier life time
IF = 10 mA, IR = 6 mA, measured at IR = 3 mA,
RL = 100 Ω
τ
rr
-
75
-
ns
I-region width
WI
-
4.5
-
µm
Insertion loss1)
IF = 1 mA, f = 1.8 GHz
IF = 5 mA, f = 1.8 GHz
IF = 10 mA, f = 1.8 GHz
IL
-
-
-
0.15
0.11
0.1
-
-
-
dB
Isolation1)
VR = 0 V, f = 0.9 GHz
VR = 0 V, f = 1.8 GHz
VR = 0 V, f = 2.45 GHz
ISO
-
-
-
17.9
12.3
10
-
-
-
1BAR63-02L in series configuration, Z = 50


Similar Part No. - BAR63-03W

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
BAR63-03W SIEMENS-BAR63-03W Datasheet
52Kb / 4P
   Silicon PIN Diode (PIN diode for high speed switching of RF signals Low forward resistance Very low capacitance For frequencies up to 3 GHz)
logo
Infineon Technologies A...
BAR63-03W INFINEON-BAR63-03W Datasheet
497Kb / 9P
   Silicon PIN Diodes
Jun-27-2003
BAR63-03W INFINEON-BAR63-03W Datasheet
1Mb / 16P
   Silicon PIN Diodes
2011-07-18
BAR63-03W INFINEON-BAR63-03W Datasheet
1Mb / 16P
   Silicon PIN Diodes
2011-07-18
More results

Similar Description - BAR63-03W

ManufacturerPart #DatasheetDescription
logo
Guangdong Kexin Industr...
BAR60 KEXIN-BAR60 Datasheet
38Kb / 1P
   Silicon PIN Diodes
BAR14 KEXIN-BAR14 Datasheet
39Kb / 1P
   Silicon PIN Diodes
BAR50-03W KEXIN-BAR50-03W Datasheet
39Kb / 2P
   Silicon PIN Diodes
logo
Infineon Technologies A...
BAR50 INFINEON-BAR50 Datasheet
465Kb / 8P
   Silicon PIN Diodes
Feb-04-2003
logo
Vishay Siliconix
BA479G VISHAY-BA479G Datasheet
36Kb / 3P
   Silicon PIN Diodes
Rev. 2, 01-Apr-99
logo
Infineon Technologies A...
BAR-50-02V-H6327 INFINEON-BAR-50-02V-H6327 Datasheet
982Kb / 12P
   Silicon PIN Diodes
2011-07-18
BAR50 INFINEON-BAR50_09 Datasheet
874Kb / 12P
   Silicon PIN Diodes
2009-05-13
logo
Vishay Siliconix
BA7792 VISHAY-BA7792 Datasheet
46Kb / 3P
   Silicon PIN Diodes
Rev. 3, 01-Apr-99
logo
Siemens Semiconductor G...
BA682 SIEMENS-BA682 Datasheet
52Kb / 3P
   SILICON PIN DIODES
BAR14-1 SIEMENS-BAR14-1 Datasheet
69Kb / 3P
   Silicon PIN Diodes
logo
Infineon Technologies A...
BAR-63-02V-H6327 INFINEON-BAR-63-02V-H6327 Datasheet
1Mb / 16P
   Silicon PIN Diodes
2011-07-18
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com