Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

THE6228GP Datasheet(PDF) 10 Page - Infineon Technologies AG

Part # THE6228GP
Description  Smart Quad Channel Low-Side Switch
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

THE6228GP Datasheet(HTML) 10 Page - Infineon Technologies AG

Back Button THE6228GP Datasheet HTML 6Page - Infineon Technologies AG THE6228GP Datasheet HTML 7Page - Infineon Technologies AG THE6228GP Datasheet HTML 8Page - Infineon Technologies AG THE6228GP Datasheet HTML 9Page - Infineon Technologies AG THE6228GP Datasheet HTML 10Page - Infineon Technologies AG THE6228GP Datasheet HTML 11Page - Infineon Technologies AG THE6228GP Datasheet HTML 12Page - Infineon Technologies AG THE6228GP Datasheet HTML 13Page - Infineon Technologies AG THE6228GP Datasheet HTML 14Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 19 page
background image
Datasheet TLE 6228 G P
Timing Diagrams
Output Slope
V
VI NH
V
t
VDS
t
VST
85%
15%
t f
ton
t r
t D
t
VS
INL
IN
t off
Fig. 1
Overload Switch OFF Delay
ID
ID(lim)
ID(OL)
t
VST
t
t
DSO
t
D-failure
Fig. 2
V4.1
Page
10
2010-07-10


Similar Part No. - THE6228GP

ManufacturerPart #DatasheetDescription
logo
Allen-Bradley
THE901 ALLEN-BRADLEY-THE901 Datasheet
11Mb / 114P
   IEC Contactor Specifications
2021
THE902 ALLEN-BRADLEY-THE902 Datasheet
11Mb / 114P
   IEC Contactor Specifications
2021
THE903 ALLEN-BRADLEY-THE903 Datasheet
11Mb / 114P
   IEC Contactor Specifications
2021
THE904 ALLEN-BRADLEY-THE904 Datasheet
11Mb / 114P
   IEC Contactor Specifications
2021
logo
Dongguan City Niuhang E...
Theavailable NIUHANG-Theavailable Datasheet
6Mb / 4P
   TRANSIENT VOLTAGE SUPPRESSOR DIODES
More results

Similar Description - THE6228GP

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TLE6216G INFINEON-TLE6216G Datasheet
267Kb / 17P
   Smart Quad Channel Low-Side Switch
V7.1 18.10.02
TLE6228GP INFINEON-TLE6228GP_10 Datasheet
1Mb / 19P
   Smart Quad Channel Low-Side Switch
V4.1 2010-07-10
TLE6217G INFINEON-TLE6217G Datasheet
207Kb / 20P
   Smart Quad Channel Low-Side Switch
V5 30. 07. 2002
TLE6217G INFINEON-TLE6217G_08 Datasheet
391Kb / 19P
   Smart Quad Channel Low-Side Switch
Rev. 6.1, 2008-04
TLE6228GP INFINEON-TLE6228GP Datasheet
753Kb / 18P
   Smart Quad Channel Low-Side Switch?
V3.1 26. Aug. 2002 1
logo
Siemens Semiconductor G...
TLE5216G SIEMENS-TLE5216G Datasheet
88Kb / 17P
   Smart Quad Channel Low-Side Switch
TLE5226G SIEMENS-TLE5226G Datasheet
196Kb / 13P
   Smart Quad Channel Low-Side Switch
logo
Infineon Technologies A...
Q67006-A9315 INFINEON-Q67006-A9315 Datasheet
740Kb / 17P
   Smart Quad Low-Side Switch
V1.1 26.Aug. 2002
TLE6220GP INFINEON-TLE6220GP Datasheet
739Kb / 17P
   Smart Quad Low-Side Switch???
V1.1 26.Aug. 2002
TLE6220GP INFINEON-TLE6220GP_09 Datasheet
378Kb / 19P
   Smart Quad Low-Side Switch
V2.2 2009-11-18
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com