Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLE6711G Datasheet(PDF) 5 Page - Infineon Technologies AG

Part # TLE6711G
Description  Multifunctional Voltage Regulator and Watchdog
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE6711G Datasheet(HTML) 5 Page - Infineon Technologies AG

  TLE6711G Datasheet HTML 1Page - Infineon Technologies AG TLE6711G Datasheet HTML 2Page - Infineon Technologies AG TLE6711G Datasheet HTML 3Page - Infineon Technologies AG TLE6711G Datasheet HTML 4Page - Infineon Technologies AG TLE6711G Datasheet HTML 5Page - Infineon Technologies AG TLE6711G Datasheet HTML 6Page - Infineon Technologies AG TLE6711G Datasheet HTML 7Page - Infineon Technologies AG TLE6711G Datasheet HTML 8Page - Infineon Technologies AG TLE6711G Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 25 page
background image
TLE 6711
Pin Configuration
Data Sheet
5
Rev. 3.4, 2007-08-16
2.2
Pin Definitions and Functions
Pin
SO-14
Pin
SO-20
Symbol
Function
1
1
R
Reference Input; an external resistor from this pin to GND determines the
reference current and the oscillator frequency
2
2
RO
Reset Output; open drain output from reset comparator with an internal pull-up
resistor
3
3
WDI
Watchdog Input; input for the watchdog control signal from the controller
4
4, 5, 6, 7,
14, 15,
16, 17
GND
Ground; analog signal ground
5
8
SEN
System Enable Output; open drain output from Watchdog fail-circuit with an
internal pull-up resistor
6
9
BUC
Buck-Converter Compensation Input; output of internal error amplifier; for
loop-compensation connect an external
R-C-series combination to GND
7
10
V
CC
Supply Voltage Output; buck converter output; external blocking capacitor
necessary
8
11
BUO
Buck Converter Output; source of the integrated power-DMOS
9
12
V
BOOST
Boost Converter Input; input supply voltage of the IC; coming from the boost
converter output voltage; buck converter input voltage
10
13
BDS
Buck Driver Supply Input; voltage to drive the buck converter powerstage
11
18
OVL
Boost Status Output; open drain output from boost PWM comparator
12
19
BOFB
Boost Converter Feedback Input; connect boost voltage divider to this pin;
internal reference is the boost feedback threshold
V
BOFBTH
13
BOGND
Boost-Ground; power signal ground; source of boost converter power-DMOS
14
20
BOI
Boost Converter Input; drain of the integrated buck converter power-DMOS


Similar Part No. - TLE6711G

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TLE6711G INFINEON-TLE6711G Datasheet
265Kb / 28P
   Multifunctional Voltage Regulator and Watchdog
V 2.22 2001-04-23
More results

Similar Description - TLE6711G

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TLE6711 INFINEON-TLE6711 Datasheet
265Kb / 28P
   Multifunctional Voltage Regulator and Watchdog
V 2.22 2001-04-23
TLE6363 INFINEON-TLE6363 Datasheet
278Kb / 28P
   Multifunctional Voltage Regulator and Watchdog
V 1.1 2000-11-8
TLE6363 INFINEON-TLE6363_03 Datasheet
770Kb / 28P
   Multifunctional Voltage Regulator and Watchdog
Rev. 1.2 2003-06-02
logo
Sanyo Semicon Device
LA5611 SANYO-LA5611 Datasheet
60Kb / 5P
   Multifunctional Voltage Regulator for TVs and VCRs
logo
Rohm
BD3021HFP-M ROHM-BD3021HFP-M_10 Datasheet
384Kb / 15P
   Regulator with Voltage Detector and Watchdog Timer
logo
Melexis Microelectronic...
TH8065 MELEXIS-TH8065 Datasheet
1Mb / 40P
   Voltage Regulator with LIN Transceiver and Watchdog
logo
Rohm
BD3010AFV-M ROHM-BD3010AFV-M Datasheet
561Kb / 22P
   Regulator with Voltage Detector and Watchdog Timer
logo
ELMOS Semiconductor AG
E910.48 ELMOS-E910.48 Datasheet
122Kb / 1P
   LIN transceiver with voltage regulator and watchdog
logo
Sanyo Semicon Device
LA5612 SANYO-LA5612 Datasheet
59Kb / 5P
   Multifunctional Voltage Regulator for TVs and VCRs with BS Tuner
logo
Seiko Instruments Inc
S-19500A03A-E8T1U4 SII-S-19500A03A-E8T1U4 Datasheet
4Mb / 52P
   CMOS VOLTAGE REGULATOR WITH WATCHDOG TIMER AND RESET FUNCTION
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com