Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SMBT3906 Datasheet(PDF) 8 Page - Infineon Technologies AG

Part # SMBT3906
Description  High DC current gain: 0.1 mA to 100 mA Low collector-emitter saturation voltage
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

SMBT3906 Datasheet(HTML) 8 Page - Infineon Technologies AG

Back Button SMBT3906_08 Datasheet HTML 4Page - Infineon Technologies AG SMBT3906_08 Datasheet HTML 5Page - Infineon Technologies AG SMBT3906_08 Datasheet HTML 6Page - Infineon Technologies AG SMBT3906_08 Datasheet HTML 7Page - Infineon Technologies AG SMBT3906_08 Datasheet HTML 8Page - Infineon Technologies AG SMBT3906_08 Datasheet HTML 9Page - Infineon Technologies AG SMBT3906_08 Datasheet HTML 10Page - Infineon Technologies AG SMBT3906_08 Datasheet HTML 11Page - Infineon Technologies AG SMBT3906_08 Datasheet HTML 12Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
2008-02-29
8
SMBT3906...MMBT3906
Permissible Pulse Load
Ptotmax/PtotDC = ƒ(tp)
SMBT3906S
10
-6
10
-5
10
-4
10
-3
10
-2
10
0
s
tp
0
10
1
10
2
10
3
10
-
D = 0
0.005
0.01
0.02
0.05
0.1
0.2
0.5
Permissible Puls Load RthJS = ƒ (tp)
SMBT3906U
10
-6
10
-5
10
-4
10
-3
10
-2
10
0
s
tp
0
10
1
10
2
10
3
10
K/W
D=0.5
0.2
0.1
0.05
0.02
0.01
0.005
0
Permissible Pulse Load
Ptotmax/PtotDC = ƒ(tp)
SMBT3906U
10
-6
10
-5
10
-4
10
-3
10
-2
10
0
s
tp
0
10
1
10
2
10
D=0
0.005
0.01
0.02
0.05
0.1
0.2
0.5
Delay time td = ƒ(IC)
Rise time tr = ƒ(IC)
EHP00772
10
mA
t
C
r
10
1
10
0
10
10
01
2
Ι
55
ns
r
t
t
d
,
3
10
5
d
t
10
2
10
3
= 3 V
CC
V
0 V
V
= 2 V
BE
40 V
15 V
h
FE = 10


Similar Part No. - SMBT3906_08

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
SMBT3906/MMBT3906 INFINEON-SMBT3906/MMBT3906 Datasheet
892Kb / 12P
   PNP Silicon Switching Transistors
2012-08-21
logo
ON Semiconductor
SMBT3906DW1 ONSEMI-SMBT3906DW1 Datasheet
132Kb / 6P
   Dual General Purpose Transistor
July, 2013 ??Rev. 5
SMBT3906DW1T1G ONSEMI-SMBT3906DW1T1G Datasheet
132Kb / 6P
   Dual General Purpose Transistor
July, 2013 ??Rev. 5
logo
Infineon Technologies A...
SMBT3906E6327 INFINEON-SMBT3906E6327 Datasheet
892Kb / 12P
   PNP Silicon Switching Transistors
2012-08-21
logo
Siemens Semiconductor G...
SMBT3906S SIEMENS-SMBT3906S Datasheet
68Kb / 8P
   PNP Silicon Switching Transistor Array
More results

Similar Description - SMBT3906_08

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
BSS80 SIEMENS-BSS80 Datasheet
179Kb / 6P
   PNP Silicon Switching Transistors (High DC current gain Low collector-emitter saturation voltage)
BSS79 SIEMENS-BSS79 Datasheet
157Kb / 5P
   NPN Silicon Switching Transistors (High DC current gain Low collector-emitter saturation voltage)
BC369 SIEMENS-BC369 Datasheet
126Kb / 4P
   PNP Silicon AF Transistor (High current gain High collector current Low collector-emitter saturation voltage)
BC327 SIEMENS-BC327 Datasheet
143Kb / 6P
   PNP Silicon AF Transistors (High current gain High collector current Low collector-emitter saturation voltage)
BC337 SIEMENS-BC337 Datasheet
150Kb / 6P
   NPN Silicon AF Transistors (High current gain High collector current Low collector-emitter saturation voltage)
logo
Fairchild Semiconductor
KSB1151 FAIRCHILD-KSB1151 Datasheet
50Kb / 5P
   Low Collector-Emitter Saturation Voltage Large Collector Current
logo
Siemens Semiconductor G...
BC875 SIEMENS-BC875 Datasheet
173Kb / 4P
   NPN Silicon Darlington Transistors (High current gain Low collector-emitter saturation voltage
BCX78 SIEMENS-BCX78 Datasheet
143Kb / 7P
   PNP Silicon AF Transistors (High current gain Low collector-emitter saturation voltage)
BCX58BCX59 SIEMENS-BCX58BCX59 Datasheet
144Kb / 6P
   NPN Silicon AF Transistors (High current gain Low collector-emitter saturation voltage)
logo
Nanjing International G...
A44 DGNJDZ-A44 Datasheet
304Kb / 1P
   Low Collector-Emitter Saturation Voltage
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com