Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SPP08P06P Datasheet(PDF) 1 Page - Infineon Technologies AG

Part # SPP08P06P
Description  P-Channel Enhancement mode Avalanche rated dv/dt rated
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

SPP08P06P Datasheet(HTML) 1 Page - Infineon Technologies AG

  SPP08P06P Datasheet HTML 1Page - Infineon Technologies AG SPP08P06P Datasheet HTML 2Page - Infineon Technologies AG SPP08P06P Datasheet HTML 3Page - Infineon Technologies AG SPP08P06P Datasheet HTML 4Page - Infineon Technologies AG SPP08P06P Datasheet HTML 5Page - Infineon Technologies AG SPP08P06P Datasheet HTML 6Page - Infineon Technologies AG SPP08P06P Datasheet HTML 7Page - Infineon Technologies AG SPP08P06P Datasheet HTML 8Page - Infineon Technologies AG SPP08P06P Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
2009-04-14
Rev 1.5
Page 1
SPP08P06P G
SIPMOS® Power-Transistor
Features
· P-Channel
· Enhancement mode
· Avalanche rated
· dv/dt rated
· 175°C operating temperature
Product Summary
Drain source voltage
V
VDS
-60
Drain-source on-state resistance
RDS(on)
0.3
W
Continuous drain current
A
ID
-8.8
Type
Package
SPP08P06P G
PG-TO220-3
Pin 1
PIN 2/4
PIN 3
G
D
S
Maximum Ratings,at
Tj = 25 °C, unless otherwise specified
Parameter
Symbol
Unit
Value
-8.8
-6.2
Continuous drain current
TC = 25 °C
TC = 100 °C
A
ID
Pulsed drain current
TC = 25 °C
ID puls
-35.2
Avalanche energy, single pulse
ID = -8.8 A , VDD = -25 V, RGS = 25 W
70
mJ
EAS
Avalanche energy, periodic limited by
Tjmax
EAR
4.2
d
v/dt
6
Reverse diode d
v/dt
IS = -8.8 A, VDS = -48 , di/dt = 200 A/µs,
Tjmax = 175 °C
kV/µs
Gate source voltage
VGS
±20
V
Power dissipation
TC = 25 °C
Ptot
42
W
Operating and storage temperature
Tj , Tstg
-55...+175
°C
IEC climatic category; DIN IEC 68-1
55/175/56
• Pb-free lead plating; RoHS compliant


Similar Part No. - SPP08P06P

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
SPP08P06P INFINEON-SPP08P06P Datasheet
96Kb / 9P
   SIPMOS Power-Transistor
1999-11-22
SPP08P06PH INFINEON-SPP08P06PH Datasheet
484Kb / 10P
   SIPMOS횘 Power-Transistor
Rev 1.6 2011-08-31
logo
VBsemi Electronics Co.,...
SPP08P06PH VBSEMI-SPP08P06PH Datasheet
955Kb / 7P
   P-Channel 60-V (D-S) MOSFET
More results

Similar Description - SPP08P06P

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
BSP170P SIEMENS-BSP170P Datasheet
152Kb / 9P
   SIPMOS Power Transistor (P-Channel Enhancement mode Avalanche rated dv/dt rated)
logo
IXYS Corporation
IXFH80N08 IXYS-IXFH80N08 Datasheet
93Kb / 2P
   N-Channel Enhancement Mode Avalanche Rated, High dv/dt
logo
Siemens Semiconductor G...
BSP171P SIEMENS-BSP171P Datasheet
60Kb / 5P
   SIPMOS Power Transistor (P-Channel Enhancement mode Avalanche rated Logic Level dv/dt rated)
BUZ100S SIEMENS-BUZ100S Datasheet
126Kb / 8P
   SIPMOS Power Transistor (N channel Enhancement mode Avalanche-rated dv/dt rated)
BUZ102S SIEMENS-BUZ102S Datasheet
123Kb / 8P
   SIPMOS Power Transistor (N channel Enhancement mode Avalanche-rated dv/dt rated)
BUZ111S SIEMENS-BUZ111S Datasheet
121Kb / 8P
   SIPMOS Power Transistor (N channel Enhancement mode Avalanche-rated dv/dt rated)
BUZ110S SIEMENS-BUZ110S Datasheet
122Kb / 8P
   SIPMOS Power Transistor (N channel Enhancement mode Avalanche-rated dv/dt rated)
logo
IXYS Corporation
IXFN100N25 IXYS-IXFN100N25 Datasheet
78Kb / 2P
   N-Channel Enhancement Mode Avalanche Rated, High dv/dt, Low
logo
International Rectifier
IRFM150 IRF-IRFM150 Datasheet
312Kb / 8P
   REPETITIVE AVALANCHE RATED AND dv/dt RATED
IRFU010 IRF-IRFU010 Datasheet
275Kb / 8P
   AVALANCHE AND dv/dt RATED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com