Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SPI21N50C3 Datasheet(PDF) 2 Page - Infineon Technologies AG

Part # SPI21N50C3
Description  Cool MOS??Power Transistor Feature New revolutionary high voltage technology
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

SPI21N50C3 Datasheet(HTML) 2 Page - Infineon Technologies AG

  SPI21N50C3 Datasheet HTML 1Page - Infineon Technologies AG SPI21N50C3 Datasheet HTML 2Page - Infineon Technologies AG SPI21N50C3 Datasheet HTML 3Page - Infineon Technologies AG SPI21N50C3 Datasheet HTML 4Page - Infineon Technologies AG SPI21N50C3 Datasheet HTML 5Page - Infineon Technologies AG SPI21N50C3 Datasheet HTML 6Page - Infineon Technologies AG SPI21N50C3 Datasheet HTML 7Page - Infineon Technologies AG SPI21N50C3 Datasheet HTML 8Page - Infineon Technologies AG SPI21N50C3 Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
200
9-12-22
Rev.
3.2
page 2
SPP21N50C
3
SPI21N50C3, SPA21N50C3
Maximum Ratings
Parameter
Symbol
Value
Unit
Drain Source voltage slope
VDS = 400 V, ID = 21 A, Tj = 125 °C
dv/dt
50
V/ns
Thermal Characteristics
Parameter
Symbol
Values
Unit
min.
typ.
max.
Thermal resistance, junction - case
RthJC
-
-
0.6
K/W
Thermal resistance, junction - case, FullPAK
RthJC_FP
-
-
3.6
Thermal resistance, junction - ambient, leaded
RthJA
-
-
62
Thermal resistance, junction - ambient, FullPAK
RthJA_FP
-
-
80
SMD version, device on PCB:
@ min. footprint
@ 6 cm2 cooling area 3)
RthJA
-
-
-
35
62
-
Soldering temperature, wavesoldering
1.6 mm (0.063 in.) from case for 10s 4)
Tsold
-
-
260
°C
Electrical Characteristics, at Tj=25°C unless otherwise specified
Parameter
Symbol
Conditions
Values
Unit
min.
typ.
max.
Drain-source breakdown voltage V(BR)DSS VGS=0V, ID=0.25mA
500
-
-
V
Drain-Source avalanche
breakdown voltage
V(BR)DS VGS=0V, ID=21A
-
600
-
Gate threshold voltage
VGS(th)
ID=1000µA, VGS=VDS 2.1
3
3.9
Zero gate voltage drain current
IDSS
VDS=500V, VGS=0V,
Tj=25°C
Tj=150°C
-
-
0.1
-
1
100
µA
Gate-source leakage current
IGSS
VGS=20V, VDS=0V
-
-
100
nA
Drain-source on-state resistance RDS(on) VGS=10V, ID=13.1A
Tj=25°C
Tj=150°C
-
-
0.16
0.54
0.19
-
Gate input resistance
RG
f=1MHz, open drain
-
0.53
-


Similar Part No. - SPI21N50C3

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
SPI21N50C3 INFINEON-SPI21N50C3 Datasheet
341Kb / 13P
   Cool MOS??Power Transistor
2003-07-02
SPI21N50C3 INFINEON-SPI21N50C3 Datasheet
2Mb / 14P
   New revolutionary high voltage technology Worldwide best RDS(on) in TO 220 Ultra low gate charge
Rev. 3.0 2007-08-30
logo
Inchange Semiconductor ...
SPI21N50C3 ISC-SPI21N50C3 Datasheet
355Kb / 3P
   Isc N-Channel MOSFET Transistor
More results

Similar Description - SPI21N50C3

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
SPP12N50C3 INFINEON-SPP12N50C3_09 Datasheet
644Kb / 14P
   Cool MOS??Power Transistor Feature New revolutionary high voltage technology
Rev. 3.1 2009-11-30
SPP02N60S5 INFINEON-SPP02N60S5_09 Datasheet
357Kb / 10P
   Cool MOS??Power Transistor Feature New revolutionary high voltage technology
Rev. 2.7 2009-11-26
SPS02N60C3 INFINEON-SPS02N60C3_09 Datasheet
1Mb / 12P
   Cool MOS Power Transistor Feature new revolutionary high voltage technology
Rev.2.2 2009-07-07
SPP11N60CFD INFINEON-SPP11N60CFD_07 Datasheet
680Kb / 12P
   Cool MOS??Power Transistor Feature New revolutionary high voltage technology
Rev. 2.6 2007-08-30
IPW60R250CP INFINEON-IPW60R250CP Datasheet
538Kb / 11P
   Cool MOS??Power Transistor Feature New revolutionary high voltage technology
Rev. 2.2 2009-04-01
SPP11N60C3 INFINEON-SPP11N60C3_09 Datasheet
659Kb / 16P
   Cool MOS??Power Transistor Feature New revolutionary high voltage technology
Rev. 3 . 2 2009-11-27
SPP07N60S5 INFINEON-SPP07N60S5_09 Datasheet
534Kb / 12P
   Cool MOS??Power Transistor Feature New revolutionary high voltage technology
Rev. 2.7 2009-11-27
SPI20N60CFD INFINEON-SPI20N60CFD Datasheet
366Kb / 12P
   Cool MOS??Power Transistor Feature New revolutionary high voltage technology
Rev. 2.5 2007-02-01
SPB02N60S5 INFINEON-SPB02N60S5_07 Datasheet
349Kb / 10P
   Cool MOS??Power Transistor Feature New revolutionary high voltage technology
Rev. 2.4 2007-02-14
SPP20N60CFD INFINEON-SPP20N60CFD_09 Datasheet
339Kb / 12P
   Cool MOS??Power Transistor Feature New revolutionary high voltage technology
Rev. 2.6 2009-11-30
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com