Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLE7236G Datasheet(PDF) 10 Page - Infineon Technologies AG

Part # TLE7236G
Description  8 Channel High-Side and Low-Side Relay Switch with Limp Home Mode and Cranking
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE7236G Datasheet(HTML) 10 Page - Infineon Technologies AG

Back Button TLE7236G Datasheet HTML 6Page - Infineon Technologies AG TLE7236G Datasheet HTML 7Page - Infineon Technologies AG TLE7236G Datasheet HTML 8Page - Infineon Technologies AG TLE7236G Datasheet HTML 9Page - Infineon Technologies AG TLE7236G Datasheet HTML 10Page - Infineon Technologies AG TLE7236G Datasheet HTML 11Page - Infineon Technologies AG TLE7236G Datasheet HTML 12Page - Infineon Technologies AG TLE7236G Datasheet HTML 13Page - Infineon Technologies AG TLE7236G Datasheet HTML 14Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 38 page
background image
TLE7236G
Electrical Characteristics
Data Sheet
10
Rev. 1.0, 2008-10-30
4
Electrical Characteristics
4.1
Absolute Maximum Ratings 1)
Stresses above the ones listed here may affect device reliability or may cause permanent damage to the device.
The values below are not considering combinations of different maximum conditions at one time
1) not subject to production test
T
j = -40 °C to +150 °C; all voltages with respect to ground, positive current flowing into pin
(unless otherwise specified)
Absolute Maximum Ratings1)
Pos.
Parameter
Symbol
Limit Values
Unit
Test Conditions
min.
max.
Power Supply
4.1.1
Power supply voltage
Vbb
-16
40
V
-16V max. 2 minutes
4.1.2
Digital supply voltage
V
DD
-0.3
5.5
V
4.1.3
Power supply voltage for full short circuit
protection (single pulse)
(
T
j = -40 °C … 150 °C)
V
bat(SC)
028
V
Power Stages
4.1.4
Load current
I
L
A–
channel 0, 1, 4, 5, 6, 7
-0.5
0.5
channel 2, 3
-0.25
0.25
4.1.5
Voltage at power transistor
V
DS
–41
V
4.1.6
Power transistor’s source voltage
V
Out_S
-16
V
4.1.7
Power transistor’s drain voltage
V
Out_D
–41
V
4.1.8
Max. energy dissipation one channel single
pulse for ch. 0, 1, 4, 5, 6, 7
E
AS
mJ
2)
–65
T
j(0) = 105 °C
I
D(0) = 0.35 A
–50
T
j(0) = 150 °C
I
D(0)= 0.250 A
4.1.9
Maximum energy dissipation one channel
repetitive pulses for ch. 0, 1, 4, 5, 6, 7
E
AR
mJ
2)
1·104 cycles
18
T
j(0) = 105 °C
I
D(0) = 0.250 A
1·106 cycles
13
T
j(0) = 105 °C
I
D(0) = 0.220 A
4.1.10 Max. energy dissipation one channel single
pulse for ch. 2,3
E
AS
mJ
2)
–50
T
j(0) = 105 °C
I
D(0) = 0.250 A
–30
T
j(0) = 150 °C
I
D(0)= 0.250 A


Similar Part No. - TLE7236G

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TLE7236E INFINEON-TLE7236E Datasheet
744Kb / 37P
   8 Channel High-Side and Low-Side Relay Switch with Limp Home Mode and Cranking
Rev. 1.0, October 2008
TLE7236EM INFINEON-TLE7236EM Datasheet
1Mb / 37P
   SPI Driver for Enhanced Relay Control
Rev. 1.0, 2010-02-18
TLE7236SE INFINEON-TLE7236SE Datasheet
1Mb / 37P
   SPI Driver for Enhanced Relay Control
Rev. 1.0, 2010-02-18
More results

Similar Description - TLE7236G

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TLE7239GS INFINEON-TLE7239GS Datasheet
729Kb / 37P
   8 Channel High-Side and Low-Side Relay Switch with Limp Home Mode and Cranking
Rev. 1.0, October 2008
TLE7236E INFINEON-TLE7236E Datasheet
744Kb / 37P
   8 Channel High-Side and Low-Side Relay Switch with Limp Home Mode and Cranking
Rev. 1.0, October 2008
TLE7235E INFINEON-TLE7235E Datasheet
738Kb / 37P
   8 Channel High-Side and Low-Side Relay Switch with Limp Home Mode
Rev. 1.0, October 2008
TLE7235G INFINEON-TLE7235G Datasheet
715Kb / 37P
   8 Channel High-Side and Low-Side Relay Switch with Limp Home Mode
Rev. 1.0, October 2008
TLE7238GS INFINEON-TLE7238GS Datasheet
723Kb / 37P
   8 Channel High-Side and Low-Side Relay Switch with Limp Home Mode
Rev. 1.0, October 2008
TLE7237GS INFINEON-TLE7237GS Datasheet
705Kb / 36P
   8 Channel High-Side and Low-Side Relay Switch
Rev. 1.0, October 2008
TLE7234E INFINEON-TLE7234E Datasheet
718Kb / 36P
   8 Channel High-Side and Low-Side Relay Switch
Rev. 1.0, October 2008
TLE7234G INFINEON-TLE7234G Datasheet
697Kb / 36P
   8 Channel High-Side and Low-Side Relay Switch
Rev. 1.0, October 2008
TLE7233G INFINEON-TLE7233G_15 Datasheet
937Kb / 33P
   4 channel low-side driver with limp home
Rev. 1.2, May 2014
TLE7240SL INFINEON-TLE7240SL Datasheet
639Kb / 28P
   8 Channel Protected Low-Side Relay Switch
Rev. 1.1, April 2009
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com