Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLE7234E Datasheet(PDF) 5 Page - Infineon Technologies AG

Part # TLE7234E
Description  8 Channel High-Side and Low-Side Relay Switch
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE7234E Datasheet(HTML) 5 Page - Infineon Technologies AG

  TLE7234E Datasheet HTML 1Page - Infineon Technologies AG TLE7234E Datasheet HTML 2Page - Infineon Technologies AG TLE7234E Datasheet HTML 3Page - Infineon Technologies AG TLE7234E Datasheet HTML 4Page - Infineon Technologies AG TLE7234E Datasheet HTML 5Page - Infineon Technologies AG TLE7234E Datasheet HTML 6Page - Infineon Technologies AG TLE7234E Datasheet HTML 7Page - Infineon Technologies AG TLE7234E Datasheet HTML 8Page - Infineon Technologies AG TLE7234E Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 36 page
background image
Data Sheet
5
Rev. 1.0, 2008-10-30
TLE7234E
Overview
Detailed Description
The TLE7234E is an eight channel high-side and low-side relay switch providing embedded protective functions.
The output stages incorporate two low-side switches (0.9
Ω per channel), four high-side switches (two channels
with 0.9
Ω and two channels with 1.6 Ω) and two auto-configuring high-side or low-side switches (0.9 Ω per
channel). The auto-configuring switches can be utilized in high-side or low-side configuration just by connecting
the load accordingly. They are also suitable to switch a 5 V supply line in high-side configuration. Protective and
diagnostic functions adjust automatically to the chosen configuration.
The 8 bit serial peripheral interface (SPI) is utilized for control and diagnosis of the device and the loads. The SPI
interface provides daisy chain capability in order to assemble multiple devices in one SPI chain by using the same
number of micro-controller pins.
Furthermore, the TLE7234E is equipped with three input pins that can be individually routed to the output control
of each channel thus offering complete flexibility in design and PCB-layout. The input multiplexer is controlled via
SPI.
The device provides full diagnosis of the load via open load, over load and short circuit detection. SPI diagnosis
flags indicate latched fault conditions that may have occurred.
Each output stage is protected against short circuit. In case of over load, the affected channel switches off. There
are temperature sensors available for each channel to protect the device against over temperature.
The device protects itself with a build in reverse polarity protection which prohibits intrinsic current flow through
the logic during reverse polarity. However the output stages still incorporate a reverse diode where current can
flow through during reverse polarity.
The power transistors are built by N-channel power MOSFETs. The inputs are ground referenced CMOS
compatible. The device is monolithically integrated in Smart Power Technology.


Similar Part No. - TLE7234E

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TLE7234EM INFINEON-TLE7234EM Datasheet
1Mb / 36P
   SPI Driver for Enhanced Relay Control
Rev. 1.0, 2010-02-18
More results

Similar Description - TLE7234E

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TLE7237GS INFINEON-TLE7237GS Datasheet
705Kb / 36P
   8 Channel High-Side and Low-Side Relay Switch
Rev. 1.0, October 2008
TLE7234G INFINEON-TLE7234G Datasheet
697Kb / 36P
   8 Channel High-Side and Low-Side Relay Switch
Rev. 1.0, October 2008
TLE7235G INFINEON-TLE7235G Datasheet
715Kb / 37P
   8 Channel High-Side and Low-Side Relay Switch with Limp Home Mode
Rev. 1.0, October 2008
TLE7238GS INFINEON-TLE7238GS Datasheet
723Kb / 37P
   8 Channel High-Side and Low-Side Relay Switch with Limp Home Mode
Rev. 1.0, October 2008
TLE7235E INFINEON-TLE7235E Datasheet
738Kb / 37P
   8 Channel High-Side and Low-Side Relay Switch with Limp Home Mode
Rev. 1.0, October 2008
TLE7240SL INFINEON-TLE7240SL Datasheet
639Kb / 28P
   8 Channel Protected Low-Side Relay Switch
Rev. 1.1, April 2009
TLE7243SL INFINEON-TLE7243SL Datasheet
635Kb / 28P
   8 Channel Protected Low-Side Relay Switch
Rev. 1.0, September 2009
TLE7244SL INFINEON-TLE7244SL Datasheet
634Kb / 28P
   8 Channel Protected Low-Side Relay Switch
Rev. 1.0, September 2009
TLE7236E INFINEON-TLE7236E Datasheet
744Kb / 37P
   8 Channel High-Side and Low-Side Relay Switch with Limp Home Mode and Cranking
Rev. 1.0, October 2008
TLE7236G INFINEON-TLE7236G Datasheet
726Kb / 38P
   8 Channel High-Side and Low-Side Relay Switch with Limp Home Mode and Cranking
Rev. 1.0, October 2008
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com