Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SPD30N03S2L-20 Datasheet(PDF) 7 Page - Infineon Technologies AG

Part # SPD30N03S2L-20
Description  OptiMOS Power-Transistor Feature Enhancement mode Logic Level
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

SPD30N03S2L-20 Datasheet(HTML) 7 Page - Infineon Technologies AG

  SPD30N03S2L-20 Datasheet HTML 1Page - Infineon Technologies AG SPD30N03S2L-20 Datasheet HTML 2Page - Infineon Technologies AG SPD30N03S2L-20 Datasheet HTML 3Page - Infineon Technologies AG SPD30N03S2L-20 Datasheet HTML 4Page - Infineon Technologies AG SPD30N03S2L-20 Datasheet HTML 5Page - Infineon Technologies AG SPD30N03S2L-20 Datasheet HTML 6Page - Infineon Technologies AG SPD30N03S2L-20 Datasheet HTML 7Page - Infineon Technologies AG SPD30N03S2L-20 Datasheet HTML 8Page - Infineon Technologies AG SPD30N03S2L-20 Datasheet HTML 9Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
SPD30N03S2L-20
13 Typ. avalanche energy
EAS = f (Tj)
par.: ID = 30 A , VDD = 25 V, RGS = 25 Ω
25
45
65
85
105
125
145
°C
185
Tj
0
10
20
30
40
50
mJ
70
14 Typ. gate charge
VGS = f (QGate)
parameter: ID = 30 A pulsed
0
2
4
6
8
10
12
14
16
18nC 21
QGate
0
2
4
6
8
10
12
V
16
SPD30N03S2L-20
0,8 VDS max
DS max
V
0,2
15 Drain-source breakdown voltage
V(BR)DSS = f (Tj)
parameter: ID=10 mA
-60
-20
20
60
100
140
°C
200
Tj
27
28
29
30
31
32
33
34
V
36
SPD30N03S2L-20
02-09-2008
Page 7
G


Similar Part No. - SPD30N03S2L-20

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
SPD30N03S2L-20 INFINEON-SPD30N03S2L-20 Datasheet
261Kb / 8P
   OptiMOS Power-Transistor
2003-04-24
logo
VBsemi Electronics Co.,...
SPD30N03S2L-20 VBSEMI-SPD30N03S2L-20 Datasheet
1,019Kb / 8P
   N-Channel 30-V (D-S) MOSFET
SPD30N03S2L-20G VBSEMI-SPD30N03S2L-20G Datasheet
1,019Kb / 8P
   N-Channel 30-V (D-S) MOSFET
More results

Similar Description - SPD30N03S2L-20

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IPB26CN10N INFINEON-IPB26CN10N_10 Datasheet
547Kb / 12P
   OptiMOS Power-Transistor Feature Enhancement mode Logic Level Avalanche rated
Rev. 1.08 2010-04-28
IPDH6N03LA INFINEON-IPDH6N03LA_08 Datasheet
542Kb / 12P
   OptiMOS Power-Transistor Feature Enhancement mode Logic Level Avalanche rated
Rev. 1.5 2008-04-14
SPD50N03S2-07 INFINEON-SPD50N03S2-07_08 Datasheet
647Kb / 9P
   OptiMOS Power-Transistor Feature Enhancement mode Logic Level Avalanche rated
02-09-2008
SPD30N03S2L-07 INFINEON-SPD30N03S2L-07_08 Datasheet
658Kb / 9P
   OptiMOS Power-Transistor Feature Enhancement mode Logic Level Avalanche rated
02-09-2008
IPB12CNE8N INFINEON-IPB12CNE8N_07 Datasheet
552Kb / 12P
   OptiMOS Power-Transistor Feature Enhancement mode Logic Level Avalanche rated
Rev. 1.05 2007-08-29
SPD30N03S2L-10 INFINEON-SPD30N03S2L-10_08 Datasheet
637Kb / 9P
   OptiMOS Power-Transistor Feature N-Channel Enhancement mode
02-09-2008
SN7002N INFINEON-SN7002N_09 Datasheet
5Mb / 9P
   SIPMOS Small-Signal-Transistor Feature Enhancement mode Logic Level
Rev. 2.5 2009-14-08
logo
Cystech Electonics Corp...
MTBB5B10Q8 CYSTEKEC-MTBB5B10Q8 Datasheet
363Kb / 8P
   Logic Level Enhancement Mode Power MOSFET
logo
Infineon Technologies A...
IPI47N10SL-26 INFINEON-IPI47N10SL-26 Datasheet
3Mb / 8P
   SIPMOS Power-Transistor N-Channel Enhancement mode Logic Level
2006-02-14
logo
NXP Semiconductors
BUK9615-100A PHILIPS-BUK9615-100A Datasheet
70Kb / 9P
   N-Channel Enhancement mode logic Level field-Effect power Transistor
November 1999-Rev 1.000
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com