Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRFSL3004PBF Datasheet(PDF) 1 Page - International Rectifier

Part # IRFSL3004PBF
Description  HEXFET Power MOSFET
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRFSL3004PBF Datasheet(HTML) 1 Page - International Rectifier

  IRFSL3004PBF Datasheet HTML 1Page - International Rectifier IRFSL3004PBF Datasheet HTML 2Page - International Rectifier IRFSL3004PBF Datasheet HTML 3Page - International Rectifier IRFSL3004PBF Datasheet HTML 4Page - International Rectifier IRFSL3004PBF Datasheet HTML 5Page - International Rectifier IRFSL3004PBF Datasheet HTML 6Page - International Rectifier IRFSL3004PBF Datasheet HTML 7Page - International Rectifier IRFSL3004PBF Datasheet HTML 8Page - International Rectifier IRFSL3004PBF Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
02/26/09
www.irf.com
1
HEXFET® Power MOSFET
Benefits
l Improved Gate, Avalanche and Dynamic dV/dt
Ruggedness
l Fully Characterized Capacitance and Avalanche
SOA
l Enhanced body diode dV/dt and dI/dt Capability
l Lead-Free
Applications
l High Efficiency Synchronous Rectification in SMPS
l Uninterruptible Power Supply
l High Speed Power Switching
l Hard Switched and High Frequency Circuits
S
D
G
GD
S
Gate
Drain
Source
PD - 97377
IRFB3004PbF
IRFS3004PbF
IRFSL3004PbF
D
S
G
D2Pak
IRFS3004PbF
S
D
G
D
TO-262
IRFSL3004PbF
TO-220AB
IRFB3004PbF
S
D
G
D
Absolute Maximum Ratings
Symbol
Parameter
Units
ID @ TC = 25°C
Continuous Drain Current, VGS @ 10V (Silicon Limited)
ID @ TC = 100°C
Continuous Drain Current, VGS @ 10V (Silicon Limited)
ID @ TC = 25°C
Continuous Drain Current, VGS @ 10V (Wire Bond Limited)
IDM
Pulsed Drain Current
d
PD @TC = 25°C
Maximum Power Dissipation
W
Linear Derating Factor
W/°C
VGS
Gate-to-Source Voltage
V
dv/dt
Peak Diode Recovery
f
V/ns
TJ
Operating Junction and
TSTG
Storage Temperature Range
Soldering Temperature, for 10 seconds (1.6mm from case)
Mounting torque, 6-32 or M3 screw
Avalanche Characteristics
EAS (Thermally limited)
Single Pulse Avalanche Energy
e
mJ
IAR
Avalanche Current
d
A
EAR
Repetitive Avalanche Energy
d
mJ
Thermal Resistance
Symbol
Parameter
Typ.
Max.
Units
RθJC
Junction-to-Case
kl
–––
0.40
RθCS
Case-to-Sink, Flat Greased Surface, TO-220
0.50
–––
RθJA
Junction-to-Ambient, TO-220
–––
62
RθJA
Junction-to-Ambient (PCB Mount) , D
2Pak j
–––
40
-55 to + 175
± 20
2.5
10lbf
xin (1.1Nxm)
Max.
340
c
240
c
1310
195
°C/W
A
°C
300
300
See Fig. 14, 15, 22a, 22b
380
4.4
VDSS
40V
RDS(on) typ.
1.4mΩ
max.
1.75mΩ
ID (Silicon Limited)
340Ac
ID (Package Limited)
195A


Similar Part No. - IRFSL3004PBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRFSL3006PbF IRF-IRFSL3006PbF Datasheet
366Kb / 10P
   HEXFET Power MOSFET
More results

Similar Description - IRFSL3004PBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF7316 IRF-IRF7316 Datasheet
237Kb / 7P
   HEXFET POWER MOSFET
IRF6215 IRF-IRF6215 Datasheet
125Kb / 8P
   HEXFET Power MOSFET
IRF530NS IRF-IRF530NS Datasheet
618Kb / 10P
   HEXFET Power MOSFET
IRLMS2002 IRF-IRLMS2002 Datasheet
95Kb / 8P
   HEXFET Power MOSFET
IRFH5301PBF IRF-IRFH5301PBF Datasheet
309Kb / 8P
   HEXFET Power MOSFET
IRLR8726PBF IRF-IRLR8726PBF_09 Datasheet
360Kb / 11P
   HEXFET Power MOSFET
IRLML2502GPBF IRF-IRLML2502GPBF Datasheet
180Kb / 8P
   HEXFET Power MOSFET
IRF7304QPBF IRF-IRF7304QPBF_10 Datasheet
248Kb / 9P
   HEXFET POWER MOSFET
IRFS3107-7PPBF IRF-IRFS3107-7PPBF Datasheet
320Kb / 9P
   HEXFET Power MOSFET
IRFH5106PBF IRF-IRFH5106PBF Datasheet
339Kb / 8P
   HEXFET Power MOSFET
IRFH5406PBF IRF-IRFH5406PBF Datasheet
305Kb / 8P
   HEXFET Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com