Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SPP11N60CFD Datasheet(PDF) 5 Page - Infineon Technologies AG

Part # SPP11N60CFD
Description  Cool MOS??Power Transistor Feature New revolutionary high voltage technology
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

SPP11N60CFD Datasheet(HTML) 5 Page - Infineon Technologies AG

  SPP11N60CFD Datasheet HTML 1Page - Infineon Technologies AG SPP11N60CFD Datasheet HTML 2Page - Infineon Technologies AG SPP11N60CFD Datasheet HTML 3Page - Infineon Technologies AG SPP11N60CFD Datasheet HTML 4Page - Infineon Technologies AG SPP11N60CFD Datasheet HTML 5Page - Infineon Technologies AG SPP11N60CFD Datasheet HTML 6Page - Infineon Technologies AG SPP11N60CFD Datasheet HTML 7Page - Infineon Technologies AG SPP11N60CFD Datasheet HTML 8Page - Infineon Technologies AG SPP11N60CFD Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
200
7-08-30
Rev. 2.
6
Page 5
SPP11N60CFD
1 Power dissipation
Ptot = f (TC)
0
20
40
60
80
100
120
°C
160
TC
0
10
20
30
40
50
60
70
80
90
100
110
120
W
140
SPP11N60CFD
2 Safe operating area
ID = f ( VDS )
parameter : D = 0 , TC=25°C
10
0
10
1
10
2
10
3
V
VDS
-2
10
-1
10
0
10
1
10
2
10
A
tp=0.001 ms
tp=0.01 ms
tp=0.1 ms
tp=1 ms
DC
3 Transient thermal impedance
ZthJC = f (tp)
parameter: D = tp/T
10
-7
10
-6
10
-5
10
-4
10
-3
10
-1
s
tp
-4
10
-3
10
-2
10
-1
10
0
10
1
10
K/W
D = 0.5
D = 0.2
D = 0.1
D = 0.05
D = 0.02
D = 0.01
single pulse
4 Typ. output characteristic
ID = f (VDS); Tj=25°C
parameter: tp = 10 µs, VGS
0
4
8
12
16
20
V
26
VDS
0
5
10
15
20
25
30
A
40
Vgs = 20V
Vgs = 10V
Vgs = 9V
Vgs = 8.5V
Vgs = 8V
Vgs = 7.5V
Vgs = 7V
Vgs = 6.5V
Vgs = 6V


Similar Part No. - SPP11N60CFD

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
SPP11N60CFD INFINEON-SPP11N60CFD Datasheet
151Kb / 12P
   Cool MOS??Power Transistor
2003-12-23
SPP11N60CFD INFINEON-SPP11N60CFD Datasheet
647Kb / 12P
   Cool MOS Power Transistor
2009-11-27 revision:2.7
logo
Inchange Semiconductor ...
SPP11N60CFD ISC-SPP11N60CFD Datasheet
338Kb / 2P
   N-Channel MOSFET Transistor
logo
VBsemi Electronics Co.,...
SPP11N60CFD VBSEMI-SPP11N60CFD Datasheet
1Mb / 8P
   N-Channel 650 V (D-S) MOSFET
logo
Infineon Technologies A...
SPP11N60CFD INFINEON-SPP11N60CFD_09 Datasheet
647Kb / 12P
   Cool MOS Power Transistor
2009-11-27 revision:2.7
More results

Similar Description - SPP11N60CFD

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
SPP12N50C3 INFINEON-SPP12N50C3_09 Datasheet
644Kb / 14P
   Cool MOS??Power Transistor Feature New revolutionary high voltage technology
Rev. 3.1 2009-11-30
SPP02N60S5 INFINEON-SPP02N60S5_09 Datasheet
357Kb / 10P
   Cool MOS??Power Transistor Feature New revolutionary high voltage technology
Rev. 2.7 2009-11-26
SPS02N60C3 INFINEON-SPS02N60C3_09 Datasheet
1Mb / 12P
   Cool MOS Power Transistor Feature new revolutionary high voltage technology
Rev.2.2 2009-07-07
IPW60R250CP INFINEON-IPW60R250CP Datasheet
538Kb / 11P
   Cool MOS??Power Transistor Feature New revolutionary high voltage technology
Rev. 2.2 2009-04-01
SPP11N60C3 INFINEON-SPP11N60C3_09 Datasheet
659Kb / 16P
   Cool MOS??Power Transistor Feature New revolutionary high voltage technology
Rev. 3 . 2 2009-11-27
SPP07N60S5 INFINEON-SPP07N60S5_09 Datasheet
534Kb / 12P
   Cool MOS??Power Transistor Feature New revolutionary high voltage technology
Rev. 2.7 2009-11-27
SPP21N50C3 INFINEON-SPP21N50C3_09 Datasheet
756Kb / 14P
   Cool MOS??Power Transistor Feature New revolutionary high voltage technology
Rev. 3.2 2009-12-22
SPI20N60CFD INFINEON-SPI20N60CFD Datasheet
366Kb / 12P
   Cool MOS??Power Transistor Feature New revolutionary high voltage technology
Rev. 2.5 2007-02-01
SPB02N60S5 INFINEON-SPB02N60S5_07 Datasheet
349Kb / 10P
   Cool MOS??Power Transistor Feature New revolutionary high voltage technology
Rev. 2.4 2007-02-14
SPP20N60CFD INFINEON-SPP20N60CFD_09 Datasheet
339Kb / 12P
   Cool MOS??Power Transistor Feature New revolutionary high voltage technology
Rev. 2.6 2009-11-30
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com