Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRG7PH46UPBF Datasheet(PDF) 4 Page - International Rectifier

Part # IRG7PH46UPBF
Description  INSULATED GATE BIPOLAR TRANSISTOR
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRG7PH46UPBF Datasheet(HTML) 4 Page - International Rectifier

  IRG7PH46UPBF Datasheet HTML 1Page - International Rectifier IRG7PH46UPBF Datasheet HTML 2Page - International Rectifier IRG7PH46UPBF Datasheet HTML 3Page - International Rectifier IRG7PH46UPBF Datasheet HTML 4Page - International Rectifier IRG7PH46UPBF Datasheet HTML 5Page - International Rectifier IRG7PH46UPBF Datasheet HTML 6Page - International Rectifier IRG7PH46UPBF Datasheet HTML 7Page - International Rectifier IRG7PH46UPBF Datasheet HTML 8Page - International Rectifier IRG7PH46UPBF Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
4
www.irf.com
IRG7PH46UPbF/IRG7PH46U-EP
Fig. 8 - Typ. IGBT Output Characteristics
TJ = 175°C; tp = 20µs
Fig. 10 - Typical VCE vs. VGE
TJ = 25°C
Fig. 11 - Typical VCE vs. VGE
TJ = 175°C
Fig. 9 - Typical VCE vs. VGE
TJ = -40°C
Fig. 6 - Typ. IGBT Output Characteristics
TJ = -40°C; tp =20µs
Fig. 7 - Typ. IGBT Output Characteristics
TJ = 25°C; tp = 20µs
024
68
10
VCE (V)
0
20
40
60
80
100
120
140
160
VGE = 18V
VGE = 15V
VGE = 12V
VGE = 10V
VGE = 8.0V
02468
10
VCE (V)
0
20
40
60
80
100
120
140
160
VGE = 18V
VGE = 15V
VGE = 12V
VGE = 10V
VGE = 8.0V
02468
10
VCE (V)
0
20
40
60
80
100
120
140
160
VGE = 18V
VGE = 15V
VGE = 12V
VGE = 10V
VGE = 8.0V
4
8
12
16
20
VGE (V)
0
2
4
6
8
10
12
ICE = 20A
ICE = 40A
ICE = 80A
4
8
12
16
20
VGE (V)
0
2
4
6
8
10
12
ICE = 20A
ICE = 40A
ICE = 80A
4
8
12
16
20
VGE (V)
0
2
4
6
8
10
12
ICE = 20A
ICE = 40A
ICE = 80A


Similar Part No. - IRG7PH46UPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRG7PH46UPBF IRF-IRG7PH46UPBF Datasheet
295Kb / 10P
   INSULATED GATE BIPOLAR TRANSISTOR
IRG7PH46UPBF IRF-IRG7PH46UPBF_15 Datasheet
295Kb / 10P
   INSULATED GATE BIPOLAR TRANSISTOR
More results

Similar Description - IRG7PH46UPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRG4BH20K-L IRF-IRG4BH20K-L Datasheet
167Kb / 8P
   INSULATED GATE BIPOLAR TRANSISTOR
IRGP20B120U-E IRF-IRGP20B120U-E Datasheet
106Kb / 10P
   INSULATED GATE BIPOLAR TRANSISTOR
logo
Motorola, Inc
MGP14N60E MOTOROLA-MGP14N60E Datasheet
125Kb / 6P
   Insulated Gate Bipolar Transistor
MGW30N60 MOTOROLA-MGW30N60 Datasheet
214Kb / 6P
   Insulated Gate Bipolar Transistor
logo
ON Semiconductor
MGP20N60U ONSEMI-MGP20N60U Datasheet
120Kb / 5P
   Insulated Gate Bipolar Transistor
1998 REV 1
MGS13002D ONSEMI-MGS13002D Datasheet
138Kb / 6P
   Insulated Gate Bipolar Transistor
1998 REV 2
MGW21N60ED ONSEMI-MGW21N60ED Datasheet
152Kb / 6P
   Insulated Gate Bipolar Transistor
MMG05N60D ONSEMI-MMG05N60D Datasheet
138Kb / 6P
   Insulated Gate Bipolar Transistor
REV 2
logo
International Rectifier
IRG4PSC71UPBF IRF-IRG4PSC71UPBF_15 Datasheet
294Kb / 8P
   INSULATED GATE BIPOLAR TRANSISTOR
IRG4PC30KPBF IRF-IRG4PC30KPBF_15 Datasheet
261Kb / 9P
   INSULATED GATE BIPOLAR TRANSISTOR
IRG4PC30SPBF IRF-IRG4PC30SPBF_15 Datasheet
250Kb / 9P
   INSULATED GATE BIPOLAR TRANSISTOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com