Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRGI4062DPBF Datasheet(PDF) 2 Page - International Rectifier

Part # IRGI4062DPBF
Description  INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRGI4062DPBF Datasheet(HTML) 2 Page - International Rectifier

  IRGI4062DPBF Datasheet HTML 1Page - International Rectifier IRGI4062DPBF Datasheet HTML 2Page - International Rectifier IRGI4062DPBF Datasheet HTML 3Page - International Rectifier IRGI4062DPBF Datasheet HTML 4Page - International Rectifier IRGI4062DPBF Datasheet HTML 5Page - International Rectifier IRGI4062DPBF Datasheet HTML 6Page - International Rectifier IRGI4062DPBF Datasheet HTML 7Page - International Rectifier IRGI4062DPBF Datasheet HTML 8Page - International Rectifier IRGI4062DPBF Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
IRGI4062DPbF
2
www.irf.com
Notes:
 VCC = 80% (VCES), VGE = 15V, L = 28µH, RG = 10Ω.
‚ Pulse width limited by max. junction temperature.
ƒ Refer to AN-1086 for guidelines for measuring V
(BR)CES safely.
Electrical Characteristics @ TJ = 25°C (unless otherwise specified)
Parameter
Min.
Typ. Max. Units
Conditions
Ref.Fig
V(BR)CES
Collector-to-Emitter Breakdown Voltage
600
——V
VGE = 0V, IC = 100µA
e
CT6
∆V(BR)CES/∆TJ
Temperature Coeff. of Breakdown Voltage
—0.80—
V/°C VGE = 0V, IC = 1mA (-55°C-150°C)
CT6
—1.34
1.58
IC = 12A, VGE = 15V, TJ = 25°C
5,6,7
VCE(on)
Collector-to-Emitter Saturation Voltage
1.49
V
IC = 12A, VGE = 15V, TJ = 125°C
9,10,11
—1.54—
IC = 12A, VGE = 15V, TJ = 150°C
VGE(th)
Gate Threshold Voltage
4.0
6.5
V
VCE = VGE, IC = 700µA
9, 10,
∆VGE(th)/∆TJ
Threshold Voltage temp. coefficient
-14
mV/°C VCE = VGE, IC = 1.0mA (-55°C - 150°C)
11, 12
gfe
Forward Transconductance
13
S
VCE = 50V, IC = 12A, PW = 80µs
ICES
Collector-to-Emitter Leakage Current
25
µA
VGE = 0V, VCE = 600V
——
250
VGE = 0V, VCE = 600V, TJ = 150°C
VFM
Diode Forward Voltage Drop
1.70
2.05
V
IF = 12A
8
—1.22—
IF = 12A, TJ = 150°C
IGES
Gate-to-Emitter Leakage Current
±100
nA
VGE = ±20V
Switching Characteristics @ TJ = 25°C (unless otherwise specified)
Parameter
Min.
Typ. Max. Units
Ref.Fig
Qg
Total Gate Charge (turn-on)
48
72
IC = 12A
24
Qge
Gate-to-Emitter Charge (turn-on)
13
20
nC VGE = 15V
CT1
Qgc
Gate-to-Collector Charge (turn-on)
18
27
VCC = 400V
Eon
Turn-On Switching Loss
31
131
IC = 12A, VCC = 400V, VGE = 15V
CT4
Eoff
Turn-Off Switching Loss
183
283
µJ
RG = 10
Ω, L = 0.13mH, TJ = 25°C
Etotal
Total Switching Loss
214
414
Energy losses include tail & diode reverse recovery
td(on)
Turn-On delay time
41
53
IC = 12A, VCC = 400V, VGE = 15V
CT4
tr
Rise time
18
25
ns
RG = 10
Ω, L = 0.13mH, TJ = 25°C
td(off)
Turn-Off delay time
100
110
tf
Fall time
27
35
Eon
Turn-On Switching Loss
130
IC = 12A, VCC = 400V, VGE=15V
13, 15
Eoff
Turn-Off Switching Loss
275
µJ
RG=10
Ω, L= 0.13mH, TJ = 150°C
CT4
Etotal
Total Switching Loss
405
Energy losses include tail & diode reverse recovery
WF1, WF2
td(on)
Turn-On delay time
39
IC = 12A, VCC = 400V, VGE = 15V
14, 16
tr
Rise time
16
ns
RG = 10
Ω, L = 0.13mH
CT4
td(off)
Turn-Off delay time
119
TJ = 150°C
WF1
tf
Fall time
39
WF2
Cies
Input Capacitance
1528
pF
VGE = 0V
23
Coes
Output Capacitance
126
VCC = 30V
Cres
Reverse Transfer Capacitance
39
f = 1.0Mhz
TJ = 150°C, IC = 44A
4
RBSOA
Reverse Bias Safe Operating Area
FULL SQUARE
VCC = 480V, Vp =600V
CT2
Rg = 100
Ω, VGE = +15V to 0V
SCSOA
Short Circuit Safe Operating Area
5
µs
VCC = 400V, Vp =600V
22, CT3
Rg = 100
Ω, VGE = +15V to 0V
WF4
Erec
Reverse Recovery Energy of the Diode
362
µJ
TJ = 150°C
17, 18, 19
trr
Diode Reverse Recovery Time
56
ns
VCC = 400V, IF = 12A
20, 21
Irr
Peak Reverse Recovery Current
30
A
VGE = 15V, Rg = 10
Ω, L = 0.13mH
WF3
Conditions


Similar Part No. - IRGI4062DPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRGI4060DPBF IRF-IRGI4060DPBF Datasheet
319Kb / 10P
   INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRA FAST RECOVERY DIODE
IRGI4061DPBF IRF-IRGI4061DPBF Datasheet
288Kb / 10P
   INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODEINSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE
IRGI4064DPBF IRF-IRGI4064DPBF Datasheet
395Kb / 10P
   INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE
IRGI4065PBF IRF-IRGI4065PBF Datasheet
321Kb / 7P
   PDP TRENCH IGBT
More results

Similar Description - IRGI4062DPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRGB4059DPBF IRF-IRGB4059DPBF Datasheet
286Kb / 10P
   INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODEINSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE
IRGB4064DPBF IRF-IRGB4064DPBF Datasheet
370Kb / 10P
   INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODEINSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE
IRGI4061DPBF IRF-IRGI4061DPBF Datasheet
288Kb / 10P
   INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODEINSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE
IRGIB7B60KD IRF-IRGIB7B60KD Datasheet
435Kb / 12P
   INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE
IRGR3B60KD2 IRF-IRGR3B60KD2 Datasheet
257Kb / 13P
   INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE
IRG4PH40UDPBF IRF-IRG4PH40UDPBF_15 Datasheet
261Kb / 10P
   INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE
IRGP4066DPBF IRF-IRGP4066DPBF_15 Datasheet
322Kb / 11P
   INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE
IRGB4061DPBF IRF-IRGB4061DPBF_15 Datasheet
410Kb / 10P
   INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE
IRG4PC30KDPBF IRF-IRG4PC30KDPBF_15 Datasheet
346Kb / 11P
   INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE
IRG4PC40KDPBF IRF-IRG4PC40KDPBF_15 Datasheet
326Kb / 11P
   INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE
IRGPS60B120KDP IRF-IRGPS60B120KDP_15 Datasheet
141Kb / 12P
   INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com