Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SMLJ6.5CA Datasheet(PDF) 3 Page - Bourns Electronic Solutions

Part # SMLJ6.5CA
Description  SMLJ Transient Voltage Suppressor Diode Series
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

SMLJ6.5CA Datasheet(HTML) 3 Page - Bourns Electronic Solutions

  SMLJ6.5CA Datasheet HTML 1Page - Bourns Electronic Solutions SMLJ6.5CA Datasheet HTML 2Page - Bourns Electronic Solutions SMLJ6.5CA Datasheet HTML 3Page - Bourns Electronic Solutions SMLJ6.5CA Datasheet HTML 4Page - Bourns Electronic Solutions SMLJ6.5CA Datasheet HTML 5Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Product Dimensions
Specifications are subject to change without notice.
Customers should verify actual device performance in their specific applications.
SMLJ Transient Voltage Suppressor Diode Series
Recommended Footprint
Physical Specifications
Case ..........................................Molded plastic per UL Class 94V-0
Polarity ..................... Cathode band indicates unidirectional device
No cathode band indicates bidirectional device
Weight ....................................................0.007 ounces / 0.21 grams
DIMENSIONS:
MM
(INCHES)
B
G
F
D
C
H
E
A
A
C
B
Dimension
SMC (DO-214AB)
A
6.60 - 7.11
(0.260 - 0.280)
B
5.59 - 6.22
(0.220 - 0.245)
C
2.92 - 3.18
(0.115 - 0.125)
D
0.15 - 0.31
(0.006 - 0.112)
E
7.75 - 8.13
(0.305 - 0.320)
F
0.05 - 0.20
(0.002 - 0.008)
G
2.01 - 2.62
(0.080 - 0.103)
H
0.76 - 1.52
(0.030 - 0.060)
DIMENSIONS:
MM
(INCHES)
Dimension
SMC (DO-214AB)
A (Max.)
4.69
(0.185)
B (Min.)
3.07
(0.121)
C (Min.)
1.52
(0.060)


Similar Part No. - SMLJ6.5CA

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
SMLJ6.5CA MCC-SMLJ6.5CA Datasheet
492Kb / 7P
   Transient Voltage Suppressor 5.0 to 170 Volts 3000 Watt
logo
MDE Semiconductor, Inc.
SMLJ6.5CA MDE-SMLJ6.5CA Datasheet
96Kb / 3P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR VOLTAGE-5.0 TO 170 Volts 3000 Watt Peak Pulse Power
logo
Bourns Electronic Solut...
SMLJ6.5CA BOURNS-SMLJ6.5CA Datasheet
258Kb / 5P
   Transient Voltage Suppressor Diode Series
logo
Micro Commercial Compon...
SMLJ6.5CA MCC-SMLJ6.5CA Datasheet
383Kb / 7P
   Transient Voltage Suppressor 5.0 to 440 Volts 3000 Watt
logo
Bourns Electronic Solut...
SMLJ6.5CA BOURNS-SMLJ6.5CA Datasheet
182Kb / 6P
   SMLJ Transient Voltage Suppressor Diode Series
REV. 02/21
More results

Similar Description - SMLJ6.5CA

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
SMLJ50CA BOURNS-SMLJ50CA_13 Datasheet
231Kb / 5P
   SMLJ Transient Voltage Suppressor Diode Series
SMLJ BOURNS-SMLJ Datasheet
182Kb / 6P
   SMLJ Transient Voltage Suppressor Diode Series
REV. 02/21
SMBJ BOURNS-SMBJ Datasheet
282Kb / 5P
   Transient Voltage Suppressor Diode Series
SMAJ5.0CA-H BOURNS-SMAJ5.0CA-H Datasheet
282Kb / 5P
   Transient Voltage Suppressor Diode Series
CD214C BOURNS-CD214C_08 Datasheet
224Kb / 5P
   Transient Voltage Suppressor Diode Series
CD214B BOURNS-CD214B_08 Datasheet
231Kb / 5P
   Transient Voltage Suppressor Diode Series
CD214C BOURNS-CD214C_10 Datasheet
148Kb / 5P
   Transient Voltage Suppressor Diode Series
SMCJ50CA BOURNS-SMCJ50CA_13 Datasheet
352Kb / 5P
   Transient Voltage Suppressor Diode Series
P6SMB6.8CA-H BOURNS-P6SMB6.8CA-H Datasheet
329Kb / 5P
   Transient Voltage Suppressor Diode Series
P6SMB BOURNS-P6SMB Datasheet
329Kb / 5P
   Transient Voltage Suppressor Diode Series
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com