Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SMBJ36CA Datasheet(PDF) 1 Page - Bourns Electronic Solutions

Part # SMBJ36CA
Description  SMBJ Transient Voltage Suppressor Diode Series
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

SMBJ36CA Datasheet(HTML) 1 Page - Bourns Electronic Solutions

  SMBJ36CA Datasheet HTML 1Page - Bourns Electronic Solutions SMBJ36CA Datasheet HTML 2Page - Bourns Electronic Solutions SMBJ36CA Datasheet HTML 3Page - Bourns Electronic Solutions SMBJ36CA Datasheet HTML 4Page - Bourns Electronic Solutions SMBJ36CA Datasheet HTML 5Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Features
RoHS compliant*
Surface Mount SMB package
Standoff Voltage: 5.0 to 170 volts
Power Dissipation: 600 watts
Applications
IEC 61000-4-2 ESD (Min. Level 4)
IEC 61000-4-4 EFT
IEC 61000-4-5 Surge
Electrical Characteristics (@ TA = 25 °C Unless Otherwise Noted)
SMBJ Transient Voltage Suppressor Diode Series
*RoHS Directive 2002/95/EC Jan 27 2003 including Annex.
Specifications are subject to change without notice.
Customers should verify actual device performance in their specific applications.
Parameter
Symbol
Value
Unit
Minimum Peak Pulse Power Dissipation (TP = 1 ms) (Note 1,2)
PPK
600
Watts
Peak Forward Surge Current
8.3 ms Single Half Sine Wave Superimposed on Rated Load
(JEDEC Method) (Note 3)
IFSM
100
Amps
Steady State Power Dissipation @ TL = 75 °C
PM(AV)
5.0
Watts
Maximum Instantaneous Forward Voltage @ IPP = 50 A
(For Unidirectional Units Only)
VF
(Note 5)
Volts
Operating Temperature Range
TJ
-55 to +150
°C
Storage Temperature Range
TSTG
-55 to +175
°C
1.
Non-repetitive current pulse, per Pulse Waveform graph and derated above TA = 25 °C per Pulse Derating Curve.
2.
Thermal Resistance Junction to Lead.
3.
8.3 ms Single Half-Sine Wave duty cycle = 4 pulses maximum per minute (unidirectional units only).
4.
Single Phase, Half Wave, 60 Hz, resistive or inductive load. For capacitive load, derate current by 20 %.
5.
VF = 3.5 V on SMBJ5.0A through SMBJ90A and VF= 5.0 V on SMBJ100A through SMBJ170A.
General Information
Asia-Pacific:
Tel: +886-2 2562-4117 • Fax: +886-2 2562-4116
Europe:
Tel: +41-41 768 5555 • Fax: +41-41 768 5510
The Americas:
Tel: +1-951 781-5500 • Fax: +1-951 781-5700
www.bourns.com
The markets of portable communications, computing and video equipment are challenging the semiconductor industry to develop
increasingly smaller electronic components.
Bourns offers Transient Voltage Suppressor Diodes for surge and ESD protection applications, in compact chip package DO-214AA (SMB)
size format. The Transient Voltage Suppressor series offers a choice of Working Peak Reverse Voltage from 5 V up to 170 V and Breakdown
Voltage up to 200 V. Typical fast response times are less than 1.0 ns for unidirectional devices and less than 5.0 ns for bidirectional devices
from 0 V to Minimum Breakdown Voltage.
Bourns® Chip Diodes conform to JEDEC standards, are easy to handle with standard pick and place equipment and the flat configuration
minimizes roll away.
How to Order
SMBJ 5.0 CA
Package
SMBJ = SMA/DO-214AA
Working Peak Reverse Voltage
5.0 = 5.0 VRWM (Volts)
Suffix
A = 5 % Tolerance Unidirectional Device
CA = 5 % Tolerance Bidirectional Device


Similar Part No. - SMBJ36CA

ManufacturerPart #DatasheetDescription
logo
Bytes
SMBJ36CA BYTES-SMBJ36CA Datasheet
338Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
logo
Guangdong Youtai Semico...
SMBJ36CA UMW-SMBJ36CA Datasheet
628Kb / 4P
   5V-188V 600W
logo
Socay Electornics Co., ...
SMBJ36CA SOCAY-SMBJ36CA Datasheet
620Kb / 7P
   Surface Mount Transient Voltage Suppressors (TVS)
logo
MDE Semiconductor, Inc.
SMBJ36CA MDE-SMBJ36CA Datasheet
92Kb / 3P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Suntan Capacitors
SMBJ36CA SUNTAN-SMBJ36CA Datasheet
435Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
More results

Similar Description - SMBJ36CA

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
SMBJ33A BOURNS-SMBJ33A Datasheet
409Kb / 5P
   SMBJ Transient Voltage Suppressor Diode Series
SMBJ130A BOURNS-SMBJ130A Datasheet
425Kb / 6P
   SMBJ Transient Voltage Suppressor Diode Series
logo
Shanghai Yint Electroni...
SMBJ YINT-SMBJ Datasheet
1Mb / 5P
   SMBJ Transient Voltage Suppressor Diode Series
logo
Shanghai Leiditech Elec...
S-SMBJ LEIDITECH-S-SMBJ Datasheet
1Mb / 6P
   S-SMBJ Series 600W Transient Voltage Suppressor
logo
Bourns Electronic Solut...
SMBJ BOURNS-SMBJ Datasheet
282Kb / 5P
   Transient Voltage Suppressor Diode Series
SMAJ5.0CA-H BOURNS-SMAJ5.0CA-H Datasheet
282Kb / 5P
   Transient Voltage Suppressor Diode Series
CD214C BOURNS-CD214C_08 Datasheet
224Kb / 5P
   Transient Voltage Suppressor Diode Series
CD214B BOURNS-CD214B_08 Datasheet
231Kb / 5P
   Transient Voltage Suppressor Diode Series
CD214C BOURNS-CD214C_10 Datasheet
148Kb / 5P
   Transient Voltage Suppressor Diode Series
SMCJ50CA BOURNS-SMCJ50CA_13 Datasheet
352Kb / 5P
   Transient Voltage Suppressor Diode Series
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com