Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SMCJ120CA Datasheet(PDF) 2 Page - Bourns Electronic Solutions

Part # SMCJ120CA
Description  SMCJ Transient Voltage Suppressor Diode Series
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

SMCJ120CA Datasheet(HTML) 2 Page - Bourns Electronic Solutions

  SMCJ120CA Datasheet HTML 1Page - Bourns Electronic Solutions SMCJ120CA Datasheet HTML 2Page - Bourns Electronic Solutions SMCJ120CA Datasheet HTML 3Page - Bourns Electronic Solutions SMCJ120CA Datasheet HTML 4Page - Bourns Electronic Solutions SMCJ120CA Datasheet HTML 5Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Specifications are subject to change without notice.
Customers should verify actual device performance in their specific applications.
SMCJ Transient Voltage Suppressor Diode Series
Electrical Characteristics (@ TA = 25 °C Unless Otherwise Noted)
Notes:
1. Suffix ‘A’ denotes a 5 % tolerance unidirectional device.
3. For bidirectional devices with a VR of 10 volts or less, the IR limit is double.
2. Suffix ‘CA’ denotes a 5 % tolerance bidirectional device.
4. For unidirectional devices with a VF max. of 3.5 V at an IF of 35 A, 0.5 Sine
Wave of 8.3 ms Pulse Width.
Unidirectional Device
Bidirectional Device
Breakdown Voltage
VBR (Volts)
Working
Peak
Reverse
Voltage
Maximum
Reverse
Leakage
@ VRWM
Maximum
Reverse
Voltage
@ IRSM
Maximum
Reverse
Surge
Current
Part
Number
Part
Marking
Part
Number
Part
Marking
Min.
Max.
@ IT (mA)
VRWM
(Volts)
IR (μA)
VRSM (Volts) IRSM (Amps)
SMCJ5.0A
GDE
SMCJ5.0CA
BDE
6.4
7.23
10
5
1000
9.2
163
SMCJ6.0A
GDG
SMCJ6.0CA
BDG
6.67
7.67
10
6
1000
10.3
145.6
SMCJ6.5A
GDK
SMCJ6.5CA
BDK
7.22
8.3
10
6.5
500
11.2
133.9
SMCJ7.0A
GDM
SMCJ7.0CA
BDM
7.78
8.95
10
7
200
12
125
SMCJ7.5A
GDP
SMCJ7.5CA
BDP
8.33
9.58
1
7.5
100
12.9
116.3
SMCJ8.0A
GDR
SMCJ8.0CA
BDR
8.89
10.2
1
8
50
13.6
110.3
SMCJ8.5A
GDT
SMCJ8.5CA
BDT
9.44
10.8
1
8.5
20
14.4
104.2
SMCJ9.0A
GDV
SMCJ9.0CA
BDV
10
11.5
1
9
10
15.4
97.4
SMCJ10A
GDX
SMCJ10CA
BDX
11.1
12.8
1
10
5
17
88.2
SMCJ11A
GDZ
SMCJ11CA
BDZ
12.2
14.4
1
11
5
18.2
82.4
SMCJ12A
GEE
SMCJ12CA
BEE
13.3
15.3
1
12
5
19.9
75.3
SMCJ13A
GEG
SMCJ13CA
BEG
14.4
16.5
1
13
5
21.5
69.7
SMCJ14A
GEK
SMCJ14CA
BEK
15.6
17.9
1
14
5
23.2
64.7
SMCJ15A
GEM
SMCJ15CA
BEM
16.7
19.2
1
15
5
24.4
61.5
SMCJ16A
GEP
SMCJ16CA
BEP
17.8
20.5
1
16
5
26
57.7
SMCJ17A
GER
SMCJ17CA
BER
18.9
21.7
1
17
5
27.6
53.3
SMCJ18A
GET
SMCJ18CA
BET
20
23.3
1
18
5
29.2
51.4
SMCJ20A
GEV
SMCJ20CA
BEV
22.2
25.5
1
20
5
32.4
46.3
SMCJ22A
GEX
SMCJ22CA
BEX
24.4
28
1
22
5
35.5
42.2
SMCJ24A
GEZ
SMCJ24CA
BEZ
26.7
30.7
1
24
5
38.9
38.6
SMCJ26A
GFE
SMCJ26CA
BFE
28.9
32.2
1
26
5
42.1
35.6
SMCJ28A
GFG
SMCJ28CA
BFG
31.1
35.8
1
28
5
45.4
33
SMCJ30A
GFK
SMCJ30CA
BFK
33.3
38.3
1
30
5
48.4
31
SMCJ33A
GFM
SMCJ33CA
BFM
36.7
42.2
1
33
5
53.3
28.1
SMCJ36A
GFP
SMCJ36CA
BFP
40
46
1
36
5
58.1
25.8
SMCJ40A
GFR
SMCJ40CA
BFR
44.4
51.1
1
40
5
64.5
23.3
SMCJ43A
GFT
SMCJ43CA
BFT
47.8
54.9
1
43
5
69.4
21.6
SMCJ45A
GFV
SMCJ45CA
BFV
50
57.5
1
45
5
72.7
20.6
SMCJ48A
GFX
SMCJ48CA
BFX
53.3
61.3
1
48
5
77.4
19.4
SMCJ51A
GFZ
SMCJ51CA
BFZ
56.7
65.2
1
51
5
82.4
18.2
SMCJ54A
GGE
SMCJ54CA
BGE
60
69
1
54
5
87.1
17.2
SMCJ58A
GGG
SMCJ58CA
BGG
64.4
74.6
1
58
5
93.6
16
SMCJ60A
GGK
SMCJ60CA
BGK
66.7
76.7
1
60
5
96.8
15.5
SMCJ64A
GGM
SMCJ64CA
BGM
71.1
81.8
1
64
5
103
14.6
SMCJ70A
GGP
SMCJ70CA
BGP
77.8
89.5
1
70
5
113
13.3
SMCJ75A
GGR
SMCJ75CA
BGR
83.3
95.8
1
75
5
121
12.4
SMCJ78A
GGT
SMCJ78CA
BGT
86.7
99.7
1
78
5
126
11.4
SMCJ85A
GGV
SMCJ85CA
BGV
94.4
108.2
1
85
5
137
10.4
SMCJ90A
GGX
SMCJ90CA
BGX
100
115.5
1
90
5
146
10.3
SMCJ100A
GGZ
SMCJ100CA
BGZ
111
128
1
100
5
162
9.3
SMCJ110A
GHE
SMCJ110CA
BHE
122
140
1
110
5
177
8.4
SMCJ120A
GHG
SMCJ120CA
BHG
133
153
1
120
5
193
7.9
SMCJ130A
GHK
SMCJ130CA
BHK
144
165
1
130
5
209
7.2
SMCJ150A
GHM
SMCJ150CA
BHM
167
192
1
150
5
243
6.2
SMCJ160A
GHP
SMCJ160CA
BHP
178
205
1
160
5
259
5.8
SMCJ170A
GHR
SMCJ170CA
BHR
189
217.5
1
170
5
275
5.5


Similar Part No. - SMCJ120CA

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
SMCJ120CA FAIRCHILD-SMCJ120CA Datasheet
127Kb / 5P
   DEVICES FOR BIPOLAR APPLICATIONS
logo
GUANGDONG HOTTECH INDUS...
SMCJ120CA HOTTECH-SMCJ120CA Datasheet
541Kb / 3P
   Transient Voltage Suppressors
logo
MDE Semiconductor, Inc.
SMCJ120CA MDE-SMCJ120CA Datasheet
86Kb / 3P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
SHIKUES Electronics
SMCJ120CA SKTECHNOLGY-SMCJ120CA Datasheet
1Mb / 4P
   Rating to 200C VBR
logo
Ruilongyuan Electronics...
SMCJ120CA RUILON-SMCJ120CA Datasheet
933Kb / 7P
   Transient Voltage Suppressors
More results

Similar Description - SMCJ120CA

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
SMCJ50CA BOURNS-SMCJ50CA_11 Datasheet
370Kb / 5P
   SMCJ Transient Voltage Suppressor Diode Series
logo
Shanghai Yint Electroni...
SMCJ YINT-SMCJ Datasheet
1Mb / 5P
   SMCJ Transient Voltage Suppressor Diode Series
logo
Shanghai Leiditech Elec...
S-SMCJ LEIDITECH-S-SMCJ Datasheet
1,018Kb / 6P
   S-SMCJ Series 1500W Transient Voltage Suppressor
logo
Bourns Electronic Solut...
SMBJ BOURNS-SMBJ Datasheet
282Kb / 5P
   Transient Voltage Suppressor Diode Series
SMAJ5.0CA-H BOURNS-SMAJ5.0CA-H Datasheet
282Kb / 5P
   Transient Voltage Suppressor Diode Series
CD214C BOURNS-CD214C_08 Datasheet
224Kb / 5P
   Transient Voltage Suppressor Diode Series
CD214B BOURNS-CD214B_08 Datasheet
231Kb / 5P
   Transient Voltage Suppressor Diode Series
CD214C BOURNS-CD214C_10 Datasheet
148Kb / 5P
   Transient Voltage Suppressor Diode Series
SMCJ50CA BOURNS-SMCJ50CA_13 Datasheet
352Kb / 5P
   Transient Voltage Suppressor Diode Series
P6SMB6.8CA-H BOURNS-P6SMB6.8CA-H Datasheet
329Kb / 5P
   Transient Voltage Suppressor Diode Series
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com