Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SPA03N60C3 Datasheet(PDF) 1 Page - Infineon Technologies AG

Part # SPA03N60C3
Description  New revolutionary high voltage technology Ultra low gate charge Extreme dv/dt rated
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

SPA03N60C3 Datasheet(HTML) 1 Page - Infineon Technologies AG

  SPA03N60C3 Datasheet HTML 1Page - Infineon Technologies AG SPA03N60C3 Datasheet HTML 2Page - Infineon Technologies AG SPA03N60C3 Datasheet HTML 3Page - Infineon Technologies AG SPA03N60C3 Datasheet HTML 4Page - Infineon Technologies AG SPA03N60C3 Datasheet HTML 5Page - Infineon Technologies AG SPA03N60C3 Datasheet HTML 6Page - Infineon Technologies AG SPA03N60C3 Datasheet HTML 7Page - Infineon Technologies AG SPA03N60C3 Datasheet HTML 8Page - Infineon Technologies AG SPA03N60C3 Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
Rev.
3.1
P
200
9-11-26
VDS
Tjmax
• G
;-3-111
G
FP
G
P-TO220-3-31
1
2
3
G
G
FP
SP000216296
TC
TC
tp
Tjmax
VDD
Tjmax
VDD
EAR
Tjmax
Gate source voltage static
VGS
VGS
±
±
Power dissipation, TC = 25°C
Ptot
Reverse diode dv/dt
dv/dt
15
V/ns
7)


Similar Part No. - SPA03N60C3

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
SPA03N60C3 INFINEON-SPA03N60C3 Datasheet
308Kb / 14P
   Cool MOS Power Transistor
2003-10-02
SPA03N60C3 INFINEON-SPA03N60C3 Datasheet
1Mb / 14P
   COOL MOS POWER TRANSISTOR
Rev. 3.0 2007-08-30
logo
Inchange Semiconductor ...
SPA03N60C3 ISC-SPA03N60C3 Datasheet
267Kb / 2P
   Isc N-Channel MOSFET Transistor
More results

Similar Description - SPA03N60C3

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
SPP04N60C3 INFINEON-SPP04N60C3_09 Datasheet
594Kb / 14P
   New revolutionary high voltage technology Ultra low gate charge Extreme dv/dt rated
Rev. 3.1 2009-11-26
SPP15N60C3 INFINEON-SPP15N60C3_09 Datasheet
689Kb / 14P
   New revolutionary high voltage technology Ultra low gate charge Extreme dv/dt rated
Rev. 3.2 2009-12-22
SPP07N60C3 INFINEON-SPP07N60C3_09 Datasheet
625Kb / 15P
   New revolutionary high voltage technology Ultra low gate charge Extreme dv/dt rated
Rev. 3.2 2009-11-27
SPP20N65C3 INFINEON-SPP20N65C3_09 Datasheet
622Kb / 15P
   New revolutionary high voltage technology Ultra low gate charge Extreme dv/dt rated
Rev. 3.1 2009-12-01
SPP04N60S5 INFINEON-SPP04N60S5_07 Datasheet
1,001Kb / 11P
   New revolutionary high voltage technology Ultra low gate charge Extreme dv/dt rated
Rev. 2.6 2007-08-30
SPW11N80C3 INFINEON-SPW11N80C3_08 Datasheet
684Kb / 11P
   New revolutionary high voltage technology Ultra low gate charge Extreme dv/dt rated
Rev. 2.9 2008-10-15
SPB07N60C3 INFINEON-SPB07N60C3_05 Datasheet
1Mb / 13P
   New revolutionary high voltage technology Ultra low gate charge Extreme dv/dt rated
Rev. 2.5 2005-09-14
SPN01N60C3 INFINEON-SPN01N60C3_05 Datasheet
7Mb / 9P
   New revolutionary high voltage technology Ultra low gate charge Extreme dv/dt rated
Rev. 2.2 2005-02-21
SPN03N60S5 INFINEON-SPN03N60S5_05 Datasheet
4Mb / 9P
   New revolutionary high voltage technology Ultra low gate chargeExtreme dv/dt rated
Rev. 2.2 2005-02-21
SPA20N60CFD INFINEON-SPA20N60CFD_09 Datasheet
654Kb / 12P
   CoolMOSTM Power Transistor Features New revolutionary high voltage technology Extreme dv/dt rated
Rev. 1.3 2009-12-22
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com