Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SPD30P06PG Datasheet(PDF) 4 Page - Infineon Technologies AG

Part # SPD30P06PG
Description  SIPMOS횘 Power-Transistor Features Enhancement mode Avalanche rated
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

SPD30P06PG Datasheet(HTML) 4 Page - Infineon Technologies AG

  SPD30P06PG Datasheet HTML 1Page - Infineon Technologies AG SPD30P06PG Datasheet HTML 2Page - Infineon Technologies AG SPD30P06PG Datasheet HTML 3Page - Infineon Technologies AG SPD30P06PG Datasheet HTML 4Page - Infineon Technologies AG SPD30P06PG Datasheet HTML 5Page - Infineon Technologies AG SPD30P06PG Datasheet HTML 6Page - Infineon Technologies AG SPD30P06PG Datasheet HTML 7Page - Infineon Technologies AG SPD30P06PG Datasheet HTML 8Page - Infineon Technologies AG SPD30P06PG Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
2008-09-02
Rev 2.3
Page 4
SPD30P06P G
Electrical Characteristics, at
Tj = 25 °C, unless otherwise specified
Unit
Values
Symbol
Parameter
min.
typ.
max.
Dynamic Characteristics
Gate to source charge
VDD = -48 V, ID = -30 A
-
Qgs
nC
5.6
3.7
Gate to drain charge
VDD = -48 V, ID = -30 A
Qgd
13.8
20.7
-
48
-
Qg
Gate charge total
VDD = -48 V, ID = -30 A, VGS = 0 to -10 V
32
Gate plateau voltage
VDD = -48 V , ID = -30 A
V(plateau)
-
-5.2
-
V
Parameter
Symbol
Values
Unit
min.
typ.
max.
Reverse Diode
Inverse diode continuous forward current
TC = 25 °C
IS
-
-
-30
A
Inverse diode direct current,pulsed
TC = 25 °C
ISM
-
-
-120
Inverse diode forward voltage
VGS = 0 V, IF = -30
VSD
-
-1.3
-1.7
V
Reverse recovery time
VR = -30 V, IF=IS , diF/dt = 100 A/µs
trr
-
64.6
97
ns
Reverse recovery charge
VR = -30 V, IF=lS , diF/dt = 100 A/µs
Qrr
-
153
230
nC


Similar Part No. - SPD30P06PG

ManufacturerPart #DatasheetDescription
logo
VBsemi Electronics Co.,...
SPD30P06PG VBSEMI-SPD30P06PG Datasheet
1,004Kb / 8P
   P-Channel 60 V (D-S) MOSFET
logo
Guangdong Youtai Semico...
SPD30P06PG UMW-SPD30P06PG Datasheet
828Kb / 9P
   -60V P-Channel MOSFET
More results

Similar Description - SPD30P06PG

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
SPD18P06P INFINEON-SPD18P06P_08 Datasheet
567Kb / 10P
   SIPMOS횘 Power-Transistor Features Enhancement mode Avalanche rated
Rev 3.4 2008-09-02
SPP80P06PG INFINEON-SPP80P06PG Datasheet
525Kb / 11P
   SIPMOS횘 Power-Transistor Features Enhancement mode Avalanche rated
Rev 1.4 2009-11-19
SPD07N20 INFINEON-SPD07N20_08 Datasheet
830Kb / 10P
   SIPMOS횘 Power Transistor Features N channel Enhancement mode Avalanche rated
Rev. 2.4 2008-09-01
IPD400N06NG INFINEON-IPD400N06NG_08 Datasheet
509Kb / 9P
   OptiMOS짰 Power-Transistor Features N-channel enhancement - normal level Avalanche rated
Rev. 1.3 2008-09-01
logo
Siemens Semiconductor G...
BUZ172 SIEMENS-BUZ172 Datasheet
184Kb / 9P
   SIPMOS Power Transistor (P channel Enhancement mode Avalanche rated)
BUZ20 SIEMENS-BUZ20 Datasheet
202Kb / 9P
   SIPMOS Power Transistor (N channel Enhancement mode Avalanche-rated)
BUZ255 SIEMENS-BUZ255 Datasheet
128Kb / 9P
   SIPMOS Power Transistor (N channel Enhancement mode Avalanche-rated)
BUZ308 SIEMENS-BUZ308 Datasheet
242Kb / 9P
   SIPMOS Power Transistor (N channel Enhancement mode Avalanche-rated)
BUZ30A SIEMENS-BUZ30A Datasheet
207Kb / 9P
   SIPMOS Power Transistor (N channel Enhancement mode Avalanche-rated)
BUZ31 SIEMENS-BUZ31 Datasheet
197Kb / 9P
   SIPMOS Power Transistor (N channel Enhancement mode Avalanche-rated)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com