Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLE4242G Datasheet(PDF) 4 Page - Infineon Technologies AG

Part # TLE4242G
Description  Adjustable LED Driver Wide input voltage range up to 42 V Low drop voltage
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE4242G Datasheet(HTML) 4 Page - Infineon Technologies AG

  TLE4242G_07 Datasheet HTML 1Page - Infineon Technologies AG TLE4242G_07 Datasheet HTML 2Page - Infineon Technologies AG TLE4242G_07 Datasheet HTML 3Page - Infineon Technologies AG TLE4242G_07 Datasheet HTML 4Page - Infineon Technologies AG TLE4242G_07 Datasheet HTML 5Page - Infineon Technologies AG TLE4242G_07 Datasheet HTML 6Page - Infineon Technologies AG TLE4242G_07 Datasheet HTML 7Page - Infineon Technologies AG TLE4242G_07 Datasheet HTML 8Page - Infineon Technologies AG TLE4242G_07 Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
Data Sheet
4
Rev. 1.1, 2007-03-20
TLE 4242 G
Application Information
Figure 3
Application Circuit
Figure 3 shows a typical application with the TLE 4242 G LED driver. The 3 LEDs are
driven with an adequate supply current adjusted by the resistor
R
REF. Thus brightness
variations due to forward voltage spread of the LEDs are prevented. The luminosity
spread arising from the LED production process can be compensated via software by an
appropriate duty cycle applied to the PWM pin. Hence selection of the LEDs to forward
voltage as well as to luminosity classes can be spared. The minimum supply voltage
calculates as the sum of the LED forward voltages, the TLE 4242 G drop voltage (max.
0.7 V at a LED current of 300 mA) and the max. voltage drop at the shunt resistor
R
REF
of max. 185 mV.
The status output of the LED driver (ST) detects an open load condition enabling to
supervise correct LED function. A LED failure is detected if the voltage drop at the shunt
resistor
R
REF falls below typ. 25 mV. In this case the status output pin ST is set low after
a delay time adjustable via an optional capacitor connected to the pin D.
AEA03499.VSD
TLE 4269 G
100
nF
GND
D
RADJ
SI
Q
RO
10
µF
10 k
Ω
µC
TLE 4242 G
V
BAT
I
I
47 nF
GND
D
ST
PWM
Q
0.47
Ω
0.25 W
R
REF
LED
Dragon
REF


Similar Part No. - TLE4242G_07

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TLE4242G INFINEON-TLE4242G Datasheet
270Kb / 13P
   Adjustable LED Driver
Rev. 1.0, 2004-01-01
More results

Similar Description - TLE4242G_07

ManufacturerPart #DatasheetDescription
logo
Maxic Technology Corpor...
MT7608 MAXIC-MT7608 Datasheet
80Kb / 1P
   Wide Input Voltage Range, Linear LED Driver
logo
Infineon Technologies A...
TLE4287G INFINEON-TLE4287G_09 Datasheet
307Kb / 13P
   5-V Voltage Regulator Input voltage up to 42 V
Rev. 1.4, 2009-01-12
logo
RICOH electronics devic...
R5112 RICOH-R5112 Datasheet
1Mb / 34P
   Input Voltage Range (Maximum Rating) 3.5 V to 42 V (50 V)
logo
MORNSUN Science& Techno...
LI120-10B12 MORNSUN-LI120-10B12 Datasheet
1Mb / 4P
   Wide input voltage range
logo
Allegro MicroSystems
A8502KLPTR-T ALLEGRO-A8502KLPTR-T Datasheet
1Mb / 35P
   Wide Input Voltage Range, High Efficiency Fault Tolerant LED Driver
logo
CUI INC
VLD25-300-SMT CUI-VLD25-300-SMT Datasheet
406Kb / 6P
   LED DRIVER wide input and output voltage range SMT package
logo
Linear Technology
LT3759 LINER-LT3759 Datasheet
514Kb / 32P
   Wide Input Voltage Range
logo
MORNSUN Science& Techno...
LI240-10B24 MORNSUN-LI240-10B24 Datasheet
223Kb / 4P
   Wide input voltage range
URF1D12HB-150W MORNSUN-URF1D12HB-150W Datasheet
2Mb / 8P
   Wide input voltage range
logo
Analog Devices
ADP5051 AD-ADP5051 Datasheet
2Mb / 28P
   Wide input voltage range
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com