Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRMD2336DJ Datasheet(PDF) 7 Page - International Rectifier

Part # IRMD2336DJ
Description  3 PHASE GATE DRIVER IC REFERENCE DESIGN KIT
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRMD2336DJ Datasheet(HTML) 7 Page - International Rectifier

Back Button IRMD2336DJ Datasheet HTML 3Page - International Rectifier IRMD2336DJ Datasheet HTML 4Page - International Rectifier IRMD2336DJ Datasheet HTML 5Page - International Rectifier IRMD2336DJ Datasheet HTML 6Page - International Rectifier IRMD2336DJ Datasheet HTML 7Page - International Rectifier IRMD2336DJ Datasheet HTML 8Page - International Rectifier IRMD2336DJ Datasheet HTML 9Page - International Rectifier IRMD2336DJ Datasheet HTML 10Page - International Rectifier IRMD2336DJ Datasheet HTML 11Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 27 page
background image
IRMD2336DJ
www.irf.com
© 2008 International Rectifier
7
Figure 2: Picture of IRMD2336DJ Reference Design
IRS2336DJ Gate Driver IC
The IRS2336DJ IC integrates three independent half bridge drivers with shoot through protection and internal
dead-time insertion. Proprietary HVIC technology enables ruggedized monolithic construction with logic inputs
compatible with CMOS or LSTTL levels as low as 3.3 V. The output drivers feature a high pulse current buffer
stage designed for minimum driver cross-conduction. Propagation delays are matched to simplify use in high
frequency applications. The floating channel can be used to drive N-channel power MOSFETs or IGBTs in the
high side configuration, which operates up to 600V. The IC is based on “Active Low” input logic i.e. a logic HIGH
input turns OFF the corresponding output and vice versa. In addition to VSS pin, the IC features a COM pin to
provide a dedicated, low impedance return path for the low side gate driver which also serves to shunt the high-
frequency gate drive currents away from the current sense resistor thus preventing false trips. A host of protection
functions such as UVLO for VCC & VBS supplies and motor current trip along with integrated fault diagnostics are
also offered in IRS2336DJ I. An open-drain FAULT signal is provided to indicate that an over-current or a VCC
under-voltage shutdown has occurred. Fault conditions are cleared automatically after a delay programmed
externally via an RC network connected to the RCIN input. An enable function is available to terminate all six
outputs simultaneously.
Figure 3: IRS2336DJ Application Diagram
Input Stage
Power Inverter
Gate Driver Circuitry
Connector for external PWM drive
DC-DC Converter
Control
Circuitry
Input Stage
Power Inverter
Gate Driver Circuitry
Connector for external PWM drive
DC-DC Converter
Control
Circuitry


Similar Part No. - IRMD2336DJ

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRMD22141SS IRF-IRMD22141SS Datasheet
1Mb / 22P
   Demo Board For 3-phase / 380V motor drives
IRMD2214SS IRF-IRMD2214SS Datasheet
1Mb / 22P
   For 3-phase / 380V motor drives
IRMD2231Q IRF-IRMD2231Q Datasheet
791Kb / 25P
   Demo Board For 3-phase / 380V motor drives
IRMD22381Q IRF-IRMD22381Q Datasheet
803Kb / 25P
   Optional on-board phase shunt resistors
IRMD26310DJ IRF-IRMD26310DJ Datasheet
3Mb / 28P
   3 PHASE GATE DRIVER IC REFERENCE DESIGN KIT
More results

Similar Description - IRMD2336DJ

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRMD26310DJ IRF-IRMD26310DJ Datasheet
3Mb / 28P
   3 PHASE GATE DRIVER IC REFERENCE DESIGN KIT
IRMDAC3 IRF-IRMDAC3 Datasheet
97Kb / 9P
   Reference Design Kit: 3-Phase 460VAC 3HP Motor Drive
logo
Princeton Technology Co...
PT5616A PTC-PT5616A Datasheet
297Kb / 6P
   3-Phase 600V Gate Driver IC
logo
OSRAM GmbH
RD-040 OSRAM-RD-040 Datasheet
40Kb / 1P
   Reference Design Kit
logo
International Rectifier
IRS2336 IRF-IRS2336 Datasheet
907Kb / 47P
   HIGH VOLTAGE 3 PHASE GATE DRIVER IC
logo
Infineon Technologies A...
IRS2336 INFINEON-IRS2336 Datasheet
2Mb / 49P
   HIGH VOLTAGE 3 PHASE GATE DRIVER IC
April 26, 2011
logo
Alpha & Omega Semicondu...
AGD8136A AOSMD-AGD8136A Datasheet
1Mb / 14P
   High Voltage 3-Phase Gate Driver IC
Rev.1.3 October 2018
logo
International Rectifier
IRS2336 IRF-IRS2336_15 Datasheet
996Kb / 49P
   HIGH VOLTAGE 3 PHASE GATE DRIVER IC
logo
Alpha & Omega Semicondu...
AGD8156A AOSMD-AGD8156A Datasheet
957Kb / 14P
   High Voltage 3-Phase Gate Driver IC
Rev. 1.3 October 2018
logo
International Rectifier
IRS2336D IRF-IRS2336D Datasheet
940Kb / 45P
   HIGH VOLTAGE 3 PHASE GATE DRIVER IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com