Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRPLCFL8U Datasheet(PDF) 2 Page - International Rectifier

Part # IRPLCFL8U
Description  Simplified Three Level Dimming CFL Fluorescent Ballast using the IRS2530D DIM8TM
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRPLCFL8U Datasheet(HTML) 2 Page - International Rectifier

  IRPLCFL8U Datasheet HTML 1Page - International Rectifier IRPLCFL8U Datasheet HTML 2Page - International Rectifier IRPLCFL8U Datasheet HTML 3Page - International Rectifier IRPLCFL8U Datasheet HTML 4Page - International Rectifier IRPLCFL8U Datasheet HTML 5Page - International Rectifier IRPLCFL8U Datasheet HTML 6Page - International Rectifier IRPLCFL8U Datasheet HTML 7Page - International Rectifier IRPLCFL8U Datasheet HTML 8Page - International Rectifier IRPLCFL8U Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 27 page
background image
www.irf.com
- 2 -
RD0803
1. Features
Drives 1 x 32W Spiral CFL Lamp
Input Voltage: 120Vac
High Frequency Operation
Lamp Filament Preheating
Lamp Fault Protection with Auto-Restart
Low AC Line/Brownout Protection
IRS2530D DIM8
TM HVIC Ballast Controller
2. Overview
The 3 way dimming system widely adopted in the US with conventional filament lamps
consists of a light bulb that has a modified Edison screw type base which allows 3
connections to be made to a special lamp socket that also has 3 connections.
Standard Edison Screw
Base
3 Way Dimming Edison
Screw Base
Neutral
Neutral
Live
Live 1 Live 2
Figure 2.1: Three way dimming Edison screw base
The 3 way dimming light bulb has two filaments inside which produce different light
outputs when connected to the AC line. These filaments are connected in series such that
the mid point goes to the line common and the two ends can be connected to the live


Similar Part No. - IRPLCFL8U

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRPLCFL1 IRF-IRPLCFL1 Datasheet
119Kb / 6P
   POWIRLIGHTTM REFERENCE DESIGN : COMPACT BALLAST
IRPLCFL5E IRF-IRPLCFL5E Datasheet
255Kb / 15P
   CFL Ballast for 26W/Spiral Lamp, 220VAC Input
IRPLCFL5U IRF-IRPLCFL5U Datasheet
260Kb / 15P
   CFL Ballast for 26W/Spiral Lamp, 120VAC Input
More results

Similar Description - IRPLCFL8U

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRPLDIM5E IRF-IRPLDIM5E Datasheet
506Kb / 17P
   4 Level Switch Dim Fluorescent Ballast using the IRS2530D DIM8TM
IRPLDIM4E IRF-IRPLDIM4E Datasheet
653Kb / 17P
   Miniature Dimmable 26W Ballast Using IRS2530D DIM8TM Control IC
IRS2530D IRF-IRS2530D Datasheet
461Kb / 23P
   DIM8TM DIMMING BALLAST CONTROL IC
IRPLDIM3 IRF-IRPLDIM3 Datasheet
699Kb / 27P
   IRPLDIM3 Wide Range Input Linear Dimming Fluorescent Ballast using the IRS2158D
logo
STMicroelectronics
L6574 STMICROELECTRONICS-L6574 Datasheet
169Kb / 10P
   CFL/TL BALLAST DRIVER PREHEAT AND DIMMING
logo
Micro Linear Corporatio...
ML4835 MICRO-LINEAR-ML4835 Datasheet
380Kb / 17P
   Compact Fluorescent Electronic Dimming Ballast Controller
ML4836 MICRO-LINEAR-ML4836 Datasheet
307Kb / 15P
   Compact Fluorescent Electronic Dimming Ballast Controller
logo
International Rectifier
IRPLLNR3 IRF-IRPLLNR3 Datasheet
329Kb / 27P
   Universal Input Linear Fluorescent Ballast using the IR2167
logo
STMicroelectronics
EVAL6574B STMICROELECTRONICS-EVAL6574B Datasheet
398Kb / 8P
   CFL/TL ballast driver preheat and dimming demonstration board based on the L6574
May 2013 Rev 1
logo
NXP Semiconductors
AN10961 PHILIPS-AN10961_15 Datasheet
1Mb / 57P
   Dimmable CFL using the UBA2027X family
Rev. 2-8 June 2012
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com