Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SPP07N60S5 Datasheet(PDF) 1 Page - Infineon Technologies AG

Part # SPP07N60S5
Description  Cool MOS??Power Transistor Feature New revolutionary high voltage technology
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

SPP07N60S5 Datasheet(HTML) 1 Page - Infineon Technologies AG

  SPP07N60S5_09 Datasheet HTML 1Page - Infineon Technologies AG SPP07N60S5_09 Datasheet HTML 2Page - Infineon Technologies AG SPP07N60S5_09 Datasheet HTML 3Page - Infineon Technologies AG SPP07N60S5_09 Datasheet HTML 4Page - Infineon Technologies AG SPP07N60S5_09 Datasheet HTML 5Page - Infineon Technologies AG SPP07N60S5_09 Datasheet HTML 6Page - Infineon Technologies AG SPP07N60S5_09 Datasheet HTML 7Page - Infineon Technologies AG SPP07N60S5_09 Datasheet HTML 8Page - Infineon Technologies AG SPP07N60S5_09 Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
200
9-11-27
Rev. 2.
7
Page 1
SPP07N60S5
SPI07N60S5
Cool MOS™ Power Transistor
VDS
600
V
RDS(on)
0.6
ID
7.3
A
Feature
• New revolutionary high voltage technology
• Worldwide best RDS(on) in TO 220
• Ultra low gate charge
• Periodic avalanche rated
• Extreme dv/dt rated
• Ultra low effective capacitances
• Improved transconductance
P
G-TO262 PG-TO220
2
P-TO220-3-1
2 3
1
Type
Package
Ordering Code
SPP07N60S5
P
G-TO220
Q67040-S4172
SPI07N60S5
P
G-TO262
Q67040-S4328
Marking
07N60S5
07N60S5
Maximum Ratings
Parameter
Symbol
Value
Unit
Continuous drain current
TC = 25 °C
TC = 100 °C
ID
7.3
4.6
A
Pulsed drain current, t
p limited by Tjmax
ID puls
14.6
Avalanche energy, single pulse
ID = - A, VDD = 50 V
EAS
230
mJ
Avalanche energy, repetitive tAR limited by Tjmax1)
ID = 7.3 A, VDD = 50 V
EAR
0.5
Avalanche current, repetitive tAR limited by Tjmax IAR
7.3
A
Gate source voltage
VGS
±20
V
Gate source voltage AC (f >1Hz)
VGS
±30
Power dissipation, TC = 25°C
Ptot
83
W
Operating and storage temperature
Tj , Tstg
-55... +150
°C


Similar Part No. - SPP07N60S5_09

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
SPP07N60S5 INFINEON-SPP07N60S5 Datasheet
332Kb / 12P
   Cool MOS??Power Transistor
Rev. 2.1 2004-03-30
SPP07N60S5 INFINEON-SPP07N60S5 Datasheet
108Kb / 10P
   Cool MOS??Power Transistor
2002-07-26
logo
Inchange Semiconductor ...
SPP07N60S5 ISC-SPP07N60S5 Datasheet
338Kb / 2P
   N-Channel MOSFET Transistor
More results

Similar Description - SPP07N60S5_09

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
SPP12N50C3 INFINEON-SPP12N50C3_09 Datasheet
644Kb / 14P
   Cool MOS??Power Transistor Feature New revolutionary high voltage technology
Rev. 3.1 2009-11-30
SPP02N60S5 INFINEON-SPP02N60S5_09 Datasheet
357Kb / 10P
   Cool MOS??Power Transistor Feature New revolutionary high voltage technology
Rev. 2.7 2009-11-26
SPS02N60C3 INFINEON-SPS02N60C3_09 Datasheet
1Mb / 12P
   Cool MOS Power Transistor Feature new revolutionary high voltage technology
Rev.2.2 2009-07-07
SPP11N60CFD INFINEON-SPP11N60CFD_07 Datasheet
680Kb / 12P
   Cool MOS??Power Transistor Feature New revolutionary high voltage technology
Rev. 2.6 2007-08-30
IPW60R250CP INFINEON-IPW60R250CP Datasheet
538Kb / 11P
   Cool MOS??Power Transistor Feature New revolutionary high voltage technology
Rev. 2.2 2009-04-01
SPP11N60C3 INFINEON-SPP11N60C3_09 Datasheet
659Kb / 16P
   Cool MOS??Power Transistor Feature New revolutionary high voltage technology
Rev. 3 . 2 2009-11-27
SPP21N50C3 INFINEON-SPP21N50C3_09 Datasheet
756Kb / 14P
   Cool MOS??Power Transistor Feature New revolutionary high voltage technology
Rev. 3.2 2009-12-22
SPI20N60CFD INFINEON-SPI20N60CFD Datasheet
366Kb / 12P
   Cool MOS??Power Transistor Feature New revolutionary high voltage technology
Rev. 2.5 2007-02-01
SPB02N60S5 INFINEON-SPB02N60S5_07 Datasheet
349Kb / 10P
   Cool MOS??Power Transistor Feature New revolutionary high voltage technology
Rev. 2.4 2007-02-14
SPP20N60CFD INFINEON-SPP20N60CFD_09 Datasheet
339Kb / 12P
   Cool MOS??Power Transistor Feature New revolutionary high voltage technology
Rev. 2.6 2009-11-30
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com