Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRS2336DPBF Datasheet(PDF) 7 Page - International Rectifier

Part # IRS2336DPBF
Description  HIGH VOLTAGE 3 PHASE GATE DRIVER IC
Download  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRS2336DPBF Datasheet(HTML) 7 Page - International Rectifier

Back Button IRS2336DPBF Datasheet HTML 3Page - International Rectifier IRS2336DPBF Datasheet HTML 4Page - International Rectifier IRS2336DPBF Datasheet HTML 5Page - International Rectifier IRS2336DPBF Datasheet HTML 6Page - International Rectifier IRS2336DPBF Datasheet HTML 7Page - International Rectifier IRS2336DPBF Datasheet HTML 8Page - International Rectifier IRS2336DPBF Datasheet HTML 9Page - International Rectifier IRS2336DPBF Datasheet HTML 10Page - International Rectifier IRS2336DPBF Datasheet HTML 11Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 47 page
background image
IRS2336x(D) Family
www.irf.com
© 2009 International Rectifier
7
Recommended Operating Conditions
For proper operation, the device should be used within the recommended conditions. All voltage parameters are
absolute voltages referenced to VSS unless otherwise stated in the table. The offset rating is tested with supplies of
(VCC-COM) = (VB-VS) = 15 V.
Symbol
Definition
Min
Max
Units
IRS2336(D)
10
20
VCC
Low-side supply voltage
IRS23364D
11.5
20
IRS2336(D)
VSS+5
VIN
HIN, LIN, & EN input voltage
IRS23364D
VSS
VCC
IRS2336(D)
VS+10
VS+20
VB
High-side floating well supply voltage
IRS23364D
VS+11.5
VS+20
VS
High-side floating well supply offset voltage
COM-8
600
VS(t)
Transient high-side floating supply voltage
††
-50
600
VHO
Floating gate drive output voltage
Vs
VB
VLO
Low-side output voltage
COM
VCC
COM
Power ground
-5
5
VFLT
FAULT output voltage
VSS
VCC
VRCIN
RCIN input voltage
VSS
VCC
VITRIP
ITRIP input voltage
VSS
VSS+5
V
TA
Ambient temperature
-40
125
ºC
Logic operation for VS of –8 V to 600 V. Logic state held for VS of –8 V to –VBS. Please refer to Design Tip
DT97-3 for more details.
††
Operational for transient negative VS of VSS - 50 V with a 50 ns pulse width. Guaranteed by design. Refer to
the Application Information section of this datasheet for more details.


Similar Part No. - IRS2336DPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRS2336DPBF IRF-IRS2336DPBF Datasheet
940Kb / 45P
   HIGH VOLTAGE 3 PHASE GATE DRIVER IC
logo
Infineon Technologies A...
IRS2336DPBF INFINEON-IRS2336DPBF Datasheet
2Mb / 49P
   HIGH VOLTAGE 3 PHASE GATE DRIVER IC
April 26, 2011
More results

Similar Description - IRS2336DPBF

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IRS2336 INFINEON-IRS2336 Datasheet
2Mb / 49P
   HIGH VOLTAGE 3 PHASE GATE DRIVER IC
April 26, 2011
logo
Alpha & Omega Semicondu...
AGD8136A AOSMD-AGD8136A Datasheet
1Mb / 14P
   High Voltage 3-Phase Gate Driver IC
Rev.1.3 October 2018
logo
International Rectifier
IRS2336 IRF-IRS2336_15 Datasheet
996Kb / 49P
   HIGH VOLTAGE 3 PHASE GATE DRIVER IC
logo
Alpha & Omega Semicondu...
AGD8156A AOSMD-AGD8156A Datasheet
957Kb / 14P
   High Voltage 3-Phase Gate Driver IC
Rev. 1.3 October 2018
logo
International Rectifier
IRS2336D IRF-IRS2336D Datasheet
940Kb / 45P
   HIGH VOLTAGE 3 PHASE GATE DRIVER IC
logo
Princeton Technology Co...
PT5617 PTC-PT5617 Datasheet
407Kb / 5P
   High Voltage 3-Phase Gate Driver
logo
International Rectifier
IRS26310DJPBF IRF-IRS26310DJPBF Datasheet
1Mb / 41P
   HIGH VOLTAGE 3 PHASE GATE DRIVER IC WITH DC BUS
logo
Princeton Technology Co...
PT5616A PTC-PT5616A Datasheet
297Kb / 6P
   3-Phase 600V Gate Driver IC
logo
AiT Semiconductor Inc.
AG2136 AITSEMI-AG2136 Datasheet
834Kb / 13P
   MOSFET/IGBT GATE DRIVER 3-PHASE HIGH VOLTAGE DRIVER
REV2.0
logo
Infineon Technologies A...
EVAL_1ED020I12-B2 INFINEON-EVAL_1ED020I12-B2 Datasheet
1Mb / 20P
   High voltage gate driver IC
Revision 1.0, 2013-07-26
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com