Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLE4905G Datasheet(PDF) 9 Page - Infineon Technologies AG

Part # TLE4905G
Description  Uni- and Bipolar Hall IC Switches for Magnetic Field Applications
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE4905G Datasheet(HTML) 9 Page - Infineon Technologies AG

Back Button TLE4905G_07 Datasheet HTML 5Page - Infineon Technologies AG TLE4905G_07 Datasheet HTML 6Page - Infineon Technologies AG TLE4905G_07 Datasheet HTML 7Page - Infineon Technologies AG TLE4905G_07 Datasheet HTML 8Page - Infineon Technologies AG TLE4905G_07 Datasheet HTML 9Page - Infineon Technologies AG TLE4905G_07 Datasheet HTML 10Page - Infineon Technologies AG TLE4905G_07 Datasheet HTML 11Page - Infineon Technologies AG TLE4905G_07 Datasheet HTML 12Page - Infineon Technologies AG TLE4905G_07 Datasheet HTML 13Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
AC/DC Characteristics
4.0 V
VS ≤ 24 V; – 40 °C ≤ Tj ≤ 150 °C
Parameter
Symbol
Limit Values
Unit Test Condition
Test
Circuit
min. typ.
max.
Supply current
I
I
SHigh
I
SLow
1.6
2.5
3.5
5.0
mA
mA
mA
B < B
RP
B > B
OP
1
1
1
Output saturation
voltage
V
QSat
0.25
0.5
V
IQ = 40 mA
1
Output leakage
current
I
QL
10
µA
VQ = 18 V
1
Rise/fall time
t
r / tf
1
µs
R
L = 1.2 kΩ
C
L ≤ 33 pF
1
TLE4905G; TLE4935G;
TLE4945-2G
Data Sheet
9
V1.3, 2007-12-05
Note: The listed characteristics are ensured over the operating range of the integrated
circuit. Typical characteristics specify mean values expected over the production
spread. If not otherwise specified, typical characteristics apply at
T
j = 25 °C and
the given supply voltage.


Similar Part No. - TLE4905G_07

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
TLE4905G SIEMENS-TLE4905G Datasheet
115Kb / 13P
   Uni- and Bipolar Hall IC Switches for Magnetic Field Applications
logo
Infineon Technologies A...
TLE4905G INFINEON-TLE4905G Datasheet
84Kb / 13P
   Uni- and Bipolar Hall IC Switches for Magnetic Field Applications
2000-07-01
More results

Similar Description - TLE4905G_07

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
TLE4905G SIEMENS-TLE4905G Datasheet
115Kb / 13P
   Uni- and Bipolar Hall IC Switches for Magnetic Field Applications
TLE4905L SIEMENS-TLE4905L Datasheet
264Kb / 15P
   Uni- and Bipolar Hall IC Switches for Magnetic Field Applications
logo
Infineon Technologies A...
TLE4905L INFINEON-TLE4905L Datasheet
99Kb / 15P
   Uni- and Bipolar Hall IC Switches for Magnetic Field Applications
2000-07-01
TLE4905G INFINEON-TLE4905G Datasheet
84Kb / 13P
   Uni- and Bipolar Hall IC Switches for Magnetic Field Applications
2000-07-01
TLE4945LHALA1 INFINEON-TLE4945LHALA1 Datasheet
507Kb / 20P
   Uni- and Bipolar Hall IC Switches for Magnetic Field Applications
V1.5, Nov. 2007
TLE4905L INFINEON-TLE4905L_07 Datasheet
507Kb / 20P
   Uni- and Bipolar Hall IC Switches for Magnetic Field Applications
V1.5, Nov. 2007
logo
Panasonic Semiconductor
DN6849UBS PANASONIC-DN6849UBS Datasheet
48Kb / 6P
   Hall IC for alternative magnetic field
DN8899UAS PANASONIC-DN8899UAS Datasheet
45Kb / 6P
   Hall IC for alternative magnetic field SOH-4D type
logo
Sharp Corporation
LT230A SHARP-LT230A Datasheet
22Kb / 2P
   GaAs Hall IC for Noncontact Switch (Unidirestional magnetic field-type)
LT253A SHARP-LT253A Datasheet
23Kb / 2P
   GaAs Hall IC for Noncontact Swich(Unidirectional magnetic field-type)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com