Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BTS5235-2G Datasheet(PDF) 9 Page - Infineon Technologies AG

Part # BTS5235-2G
Description  Smart High-Side Power Switch
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BTS5235-2G Datasheet(HTML) 9 Page - Infineon Technologies AG

Back Button BTS5235-2G Datasheet HTML 5Page - Infineon Technologies AG BTS5235-2G Datasheet HTML 6Page - Infineon Technologies AG BTS5235-2G Datasheet HTML 7Page - Infineon Technologies AG BTS5235-2G Datasheet HTML 8Page - Infineon Technologies AG BTS5235-2G Datasheet HTML 9Page - Infineon Technologies AG BTS5235-2G Datasheet HTML 10Page - Infineon Technologies AG BTS5235-2G Datasheet HTML 11Page - Infineon Technologies AG BTS5235-2G Datasheet HTML 12Page - Infineon Technologies AG BTS5235-2G Datasheet HTML 13Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 25 page
background image
Data Sheet
9
Rev.1.1, 2007-09-01
Smart High-Side Power Switch
BTS5235-2G
Electrical Characteristics
Note: Stresses above the ones listed here may cause permanent damage to the device. Exposure to absolute
maximum rating conditions for extended periods may affect device reliability.
Note: Integrated protection functions are designed to prevent IC destruction under fault conditions described in the
data sheet. Fault conditions are considered as “outside” normal operating range. Protection functions are
not designed for continuous repetitive operation.
2)
R and L describe the complete circuit impedance including line, contact and generator impedances
3) Load Dump is specified in ISO 7636,
R
I is the internal resistance of the Load Dump pulse generator
4) Current limitation is a protection feature. Operation in current limitation is considered as “outside” normal operating range.
Protection features are not designed for continuous repetitive operation.
5) Pulse shape represents inductive switch off: IL(t) = IL(0) * (1 - t / tpulse); 0 < t < tpulse
6) Device mounted on PCB (50 mm
× 50 mm × 1.5mm epoxy, FR4) with 6 cm2 copper heatsinking area (one layer, 70 µm
thick) for
V
bb connection. PCB is vertical without blown air.


Similar Part No. - BTS5235-2G

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BTS5235-2L INFINEON-BTS5235-2L Datasheet
488Kb / 25P
   Smart High-Side Power Switch
Rev.1.1, Sep 2008
More results

Similar Description - BTS5235-2G

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BTS5210G INFINEON-BTS5210G_09 Datasheet
339Kb / 17P
   Smart High-Side Power Switch
Rev. 1.3, April 2009
BTS4142N INFINEON-BTS4142N_07 Datasheet
383Kb / 20P
   Smart High-Side Power Switch
V1.1, 2007-05-29
BTS4175SGA INFINEON-BTS4175SGA Datasheet
472Kb / 26P
   Smart High-Side Power Switch
Rev.1.0, April 2008
BTS5215L INFINEON-BTS5215L_07 Datasheet
262Kb / 16P
   Smart High-Side Power Switch
V1.1, 2007-05-29
BSP752T INFINEON-BSP752T_07 Datasheet
240Kb / 17P
   Smart High-Side Power Switch
V1.1, 2007-05-29
BTS5180-2EKA INFINEON-BTS5180-2EKA Datasheet
2Mb / 54P
   Smart High-Side Power Switch
Rev. 2.0, 2010-08-02
BTS4160DGA INFINEON-BTS4160DGA Datasheet
868Kb / 26P
   Smart High-Side Power Switch
Rev. 1.0, March 2008
BTS452T INFINEON-BTS452T_07 Datasheet
282Kb / 18P
   Smart Power High-Side-Switch
V1.1, 2007-05-29
BTS716G INFINEON-BTS716G_07 Datasheet
283Kb / 16P
   Smart High-Side Power Switch
V1.0, 2007-05-13
BTS740S2 INFINEON-BTS740S2_07 Datasheet
289Kb / 17P
   Smart High-Side Power Switch
V1.0, 2007-05-13
BTS462T INFINEON-BTS462T Datasheet
304Kb / 16P
   Smart Power High-Side-Switch
2004-01-27
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com