Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BTS50090-1TMA Datasheet(PDF) 9 Page - Infineon Technologies AG

Part # BTS50090-1TMA
Description  Smart High-Side Power Switch PROFET짰 One Channel
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BTS50090-1TMA Datasheet(HTML) 9 Page - Infineon Technologies AG

Back Button BTS50090-1TMA Datasheet HTML 5Page - Infineon Technologies AG BTS50090-1TMA Datasheet HTML 6Page - Infineon Technologies AG BTS50090-1TMA Datasheet HTML 7Page - Infineon Technologies AG BTS50090-1TMA Datasheet HTML 8Page - Infineon Technologies AG BTS50090-1TMA Datasheet HTML 9Page - Infineon Technologies AG BTS50090-1TMA Datasheet HTML 10Page - Infineon Technologies AG BTS50090-1TMA Datasheet HTML 11Page - Infineon Technologies AG BTS50090-1TMA Datasheet HTML 12Page - Infineon Technologies AG BTS50090-1TMA Datasheet HTML 13Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 27 page
background image
Datasheet
9
Rev. 1.0, 2008-02-11
Smart High-Side Power Switch
BTS50090-1TMA
Power Stages
5
Power Stages
The power stage is built by a N-channel vertical power MOSFET (DMOS) with charge pump.
5.1
Input Circuit
Figure 4 shows the input circuit of the BTS50090-1TMA. The current source to Vbb ensures that the device
switches off in case of open input pin. The zener diode protects the input circuit against ESD pulses.
Figure 4
Input Circuit
A high signal at the required external small signal transistor pulls the input pin to ground. A logic supply current IIN
is flowing and the power DMOS switches on with a dedicated slope, which is optimized in terms of EMC emission.
Figure 5
Switching a Load (resistive)
5.2
Output On-State Resistance
The on-state resistance
R
DS(ON) depends on the supply voltage as well as the junction temperature Tj. Figure 6
shows these dependencies for the typical on-state resistance. The voltage drop in reverse polarity mode is
described in Section 6.3.
IN
Rbb
I
V
bb
Input.emf
VZ,IN
VIN
I
IN
V
bIN
V
OUT
t
SwitchOn.emf
t
I
IN
10%
25%
50%
90%
t
ON
t
OFF
(dV/dt)
ON
(dV/dt)
OFF


Similar Part No. - BTS50090-1TMA

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BTS50090-1TMB INFINEON-BTS50090-1TMB Datasheet
528Kb / 27P
   Smart High-Side Power Switch PROFET One Channel
Rev. 1.0, Feb. 2008
More results

Similar Description - BTS50090-1TMA

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BTF50060-1TEA INFINEON-BTF50060-1TEA_11 Datasheet
1Mb / 38P
   Smart High-Side Power Switch, One Channel
Rev. 1.2, 2011-09-01
BTS50090-1TMB INFINEON-BTS50090-1TMB Datasheet
528Kb / 27P
   Smart High-Side Power Switch PROFET One Channel
Rev. 1.0, Feb. 2008
BTS50080-1TEB INFINEON-BTS50080-1TEB Datasheet
576Kb / 27P
   Smart High-Side Power Switch PROFET??One Channel
Rev. 1.0, Aug. 2008
BTS5016SDA INFINEON-BTS5016SDA Datasheet
564Kb / 27P
   Smart High-Side Power Switch PROFET??One Channel
Rev. 1.1, Nov. 2008
BTS5012SDA INFINEON-BTS5012SDA Datasheet
566Kb / 27P
   Smart High-Side Power Switch PROFET??One Channel
Rev. 1.1, Nov. 2008
BTS50080-1TEA INFINEON-BTS50080-1TEA Datasheet
567Kb / 27P
   Smart High-Side Power Switch PROFET??One Channel
Rev. 1.0, Aug. 2008
BTS50070-1TMB INFINEON-BTS50070-1TMB Datasheet
559Kb / 27P
   Smart High-Side Power Switch PROFET??One Channel
Rev. 1.0, Sept. 2008
BTS5014SDA INFINEON-BTS5014SDA Datasheet
564Kb / 27P
   Smart High-Side Power Switch PROFET??One Channel
Rev. 1.1, Nov. 2008
BTS50070-1TMA INFINEON-BTS50070-1TMA Datasheet
562Kb / 27P
   Smart High-Side Power Switch PROFET??One Channel
Rev. 1.0, Sept. 2008
BTF50060-1TEA INFINEON-BTF50060-1TEA Datasheet
1,006Kb / 38P
   Smart High-Side Power Switch, One Channel High PWM Frequencies
Rev. 1.0, June 2010
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com