Electronic Components Datasheet Search |
|
MAX126CCAX Datasheet(PDF) 9 Page - Maxim Integrated Products |
|
MAX126CCAX Datasheet(HTML) 9 Page - Maxim Integrated Products |
9 / 15 page Between conversions, the buffer input is connected to channel 1 of the selected track/hold bank. When a channel is not selected, switches S1, S2, and S3 are placed in hold mode to improve channel-to-channel isolation. Digital Interface Input data (A0–A3) and output data (D0–D13) are multi- plexed on a three-state bidirectional interface. This par- allel I/O can easily be interfaced with a microprocessor (µP) or DSP. CS, WR, and RD control the write and read operations. CS is the standard chip-select signal, which enables the controller to address the MAX125/MAX126 as an I/O port. When CS is high, it disables the WR and RD inputs and forces the interface into a high-Z state. Figure 4 details the interface timing. Programming Modes The MAX125/MAX126 have eight conversion modes plus power-down, which are programmed through a bidirectional parallel interface. At power-up, the devices default to the mode Input Mux A/Single-Channel Conversion. The user can select between two banks (mux inputs A or mux inputs B) of four simultaneous- sampled input channels, as illustrated in Figure 2. An internal microsequencer can be programmed to convert one, two, three, or four channels of the selected bank per sample. For a single-channel conversion, CH1 is digitized, and then INT goes low to indicate completion of the conversion. For multichannel conversions, INT goes low after the last channel has been digitized. To input data into the MAX125/MAX126, pull CS low, program the bidirectional pins A0–A3 (Table 1), and pulse WR low. Data is latched into the devices on the WR or CS rising edge. The ADC is now ready to convert. Once programmed, the ADCs continue operating in the same mode until they are reprogrammed or until power is removed. Figure 5 shows an example of program- ming a four-channel conversion using Input Mux A. Starting a Conversion After programming the MAX125/MAX126 as outlined in the Programming Modes section, pulse CONVST low to initiate a conversion sequence. The analog inputs are sampled at the CONVST rising edge. Do not start a new conversion while the conversion is in progress. Monitor the INT output. A falling edge indicates the end of a conversion sequence. 2x4-Channel, Simultaneous-Sampling 14-Bit DAS _______________________________________________________________________________________ 9 CH1 CH2 CH3 CH4 tACQ tCONV tAH tAS t WR tCSD tCWH tDH tDA tRD tCRS tCRH tRD tID tCWS CONVST INT CS WR DATA tCW DATA IN RD Figure 4. Timing Diagram Figure 5. Programming a Four-Channel Conversion, Input Mux A A0 (LSB) WR CS A1 A2 A3 |
Similar Part No. - MAX126CCAX |
|
Similar Description - MAX126CCAX |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |