Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLE4271-2S Datasheet(PDF) 9 Page - Infineon Technologies AG

Part # TLE4271-2S
Description  5-V Low Drop Fixed Voltage Regulator Output voltage tolerance ??짹2%
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE4271-2S Datasheet(HTML) 9 Page - Infineon Technologies AG

Back Button TLE4271-2S Datasheet HTML 5Page - Infineon Technologies AG TLE4271-2S Datasheet HTML 6Page - Infineon Technologies AG TLE4271-2S Datasheet HTML 7Page - Infineon Technologies AG TLE4271-2S Datasheet HTML 8Page - Infineon Technologies AG TLE4271-2S Datasheet HTML 9Page - Infineon Technologies AG TLE4271-2S Datasheet HTML 10Page - Infineon Technologies AG TLE4271-2S Datasheet HTML 11Page - Infineon Technologies AG TLE4271-2S Datasheet HTML 12Page - Infineon Technologies AG TLE4271-2S Datasheet HTML 13Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 23 page
background image
TLE 4271-2
Data Sheet
9
Rev. 2.7, 2007-06-25
Watchdog trigger
time
t
WI,tr
30
45
66
ms
C
D = 100 nF
see diagram
Watchdog pulse
slew rate
V
WI
5––V/
µs from 20% to 80% V
Q
1) Drop voltage =
V
I - VQ (measured when the output voltage has dropped 100 mV from the nominal value
obtained at 13.5 V input)
2) Test condition not applicable during delay time for power-on reset.
Table 4
Characteristics (cont’d)
V
I = 13.5 V; -40 °C ≤ Tj ≤ 125 °C; VINH > VU,INH (unless otherwise specified)
Parameter
Symbol
Limit Values
Unit Test Condition
Min.
Typ.
Max.


Similar Part No. - TLE4271-2S

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TLE4271-2S INFINEON-TLE4271-2S Datasheet
178Kb / 23P
   5-V Low-Drop Fixed Voltage Regulator
Rev. 2.4 2001-04-04
More results

Similar Description - TLE4271-2S

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TLE4278G INFINEON-TLE4278G_07 Datasheet
212Kb / 20P
   5-V Low Drop Fixed Voltage Regulator Output voltage tolerance ??짹2%
Rev. 1.4, 2007-02-19
TLE4269 INFINEON-TLE4269_07 Datasheet
367Kb / 19P
   5-V Low Drop Fixed Voltage Regulator Output voltage tolerance ??짹2%
Rev. 2.4, 2007-03-20
TLE4268 INFINEON-TLE4268_07 Datasheet
333Kb / 17P
   5-V Low Drop Fixed Voltage Regulator Output voltage tolerance ??짹2%
Rev. 1.5, 2007-03-20
TLE4264 INFINEON-TLE4264_08 Datasheet
192Kb / 11P
   5-V Low Drop Fixed Voltage Regulator Output voltage tolerance ??짹2%
Rev. 2.3, 2008-03-07
TLE4276-2 INFINEON-TLE4276-2 Datasheet
281Kb / 16P
   Low Drop Voltage Regulator 5 V or variable output voltage Output voltage tolerance ??짹2%
Rev. 1.1, 2007-09-21
TLE4264-2 INFINEON-TLE4264-2_08 Datasheet
204Kb / 11P
   5-V Low Drop Fixed Voltage Regulator Output voltage tolerance ??짹3% (짹2% up to 50 mA)
Rev. 2.6, 2008-03-10
TLE4275 INFINEON-TLE4275_07 Datasheet
228Kb / 17P
   5-V Low Drop Fixed Voltage Regulator 5-V Low Drop Fixed Voltage Regulator
Rev. 1.7, 2007-02-19
TLE4473GV53 INFINEON-TLE4473GV53_08 Datasheet
292Kb / 16P
   Dual Low Drop Voltage Regulator Output 2: 180 mA, 5 V (짹2%)
Rev. 1.1, 2008-09-19
logo
Siemens Semiconductor G...
TLE4279 SIEMENS-TLE4279 Datasheet
242Kb / 19P
   5-V Low-Drop Fixed Voltage Regulator
logo
Infineon Technologies A...
TLE4299 INFINEON-TLE4299 Datasheet
356Kb / 22P
   5-V Low-Drop Fixed Voltage Regulator
Rev. 1.0 2002-01-17
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com