Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLE4473GV55-2 Datasheet(PDF) 6 Page - Infineon Technologies AG

Part # TLE4473GV55-2
Description  Dual Low Dropout Voltage Regulator Stand-by output 190 mA; 5 V 짹 2%
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE4473GV55-2 Datasheet(HTML) 6 Page - Infineon Technologies AG

Back Button TLE4473GV55-2 Datasheet HTML 2Page - Infineon Technologies AG TLE4473GV55-2 Datasheet HTML 3Page - Infineon Technologies AG TLE4473GV55-2 Datasheet HTML 4Page - Infineon Technologies AG TLE4473GV55-2 Datasheet HTML 5Page - Infineon Technologies AG TLE4473GV55-2 Datasheet HTML 6Page - Infineon Technologies AG TLE4473GV55-2 Datasheet HTML 7Page - Infineon Technologies AG TLE4473GV55-2 Datasheet HTML 8Page - Infineon Technologies AG TLE4473GV55-2 Datasheet HTML 9Page - Infineon Technologies AG TLE4473GV55-2 Datasheet HTML 10Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
Data Sheet
6
Rev. 1.2, 2008-10-28
TLE 4473 GV55-2
Table 1
Pin Definitions and Functions
Pin No. Symbol Function
1WI
Watchdog input; input for watchdog pulses, positive edge
triggered.
2RO1
Reset and watchdog output for Q1; open collector output.
Connect to pull-up resistor.
3RO2
Reset output 2; open collector output. Connect to pull-up resistor.
4Q2
Stand-by regulator output voltage; block to GND with a capacitor
C
Q2 ≥ 10 µF, ESR < 5 Ω at 10 kHz.
5N.C.
Internally not connected; connect to GND.
6Q1
Main regulator output voltage; output voltage tracked to Q2
voltage; block to GND with a capacitor
C
Q1 ≥ 10 µF, ESR < 3 Ω at
10 kHz
7I
Input voltage; block to ground directly at the IC with a ceramic
capacitor.
8INH1
Inhibit input 1; low level disables Q1, integrated pull-down resistor.
9INH2
Inhibit input 2; low level at INH2 and INH1 disables Q2 and Q1,
integrated pull-down resistor.
10
D1
Reset Delay 1; connect to ground via a capacitor to set reset delay
for Q1.
11
D2
Reset Delay 2; connect to ground via a capacitor to set reset delay
and watchdog timing for Q2.
12
GND
Ground; connect to heatslug.
Heatslug
Interconnect with PCB heatsink area and GND.


Similar Part No. - TLE4473GV55-2

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TLE4473GV55-2 INFINEON-TLE4473GV55-2 Datasheet
676Kb / 16P
   Dual Low Drop Voltage Regulator
Rev. 0.2, 2005-07-26
More results

Similar Description - TLE4473GV55-2

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TLE4473GV53 INFINEON-TLE4473GV53_08 Datasheet
292Kb / 16P
   Dual Low Drop Voltage Regulator Output 2: 180 mA, 5 V (짹2%)
Rev. 1.1, 2008-09-19
logo
Zilog, Inc.
IXD1216 ZILOG-IXD1216 Datasheet
3Mb / 33P
   28 V, 150 mA Voltage Regulator with Stand-by Mode
logo
ON Semiconductor
NCP5504 ONSEMI-NCP5504_13 Datasheet
145Kb / 10P
   250 mA Dual Output Low Dropout Linear Regulator
April, 2013 ??Rev. 4
NCP5504 ONSEMI-NCP5504 Datasheet
71Kb / 10P
   250 mA Dual Output Low Dropout Linear Regulator
October, 2005 ??Rev. 1
logo
STMicroelectronics
L5150CS STMICROELECTRONICS-L5150CS Datasheet
664Kb / 34P
   5 V low dropout voltage regulator
logo
ON Semiconductor
NCP5504 ONSEMI-NCP5504_06 Datasheet
71Kb / 10P
   250 mA Dual Output Low Dropout Linear Regulator
September, 2006 ??Rev. 2
logo
Infineon Technologies A...
TLE7274-2 INFINEON-TLE7274-2 Datasheet
1Mb / 19P
   5-V Low Dropout Voltage Regulator
Rev. 1.01, 2011-11-30
logo
STMicroelectronics
L5150GJ STMICROELECTRONICS-L5150GJ Datasheet
554Kb / 29P
   5 V low dropout voltage regulator
L5150CJTR STMICROELECTRONICS-L5150CJTR Datasheet
664Kb / 34P
   5 V low dropout voltage regulator
logo
Texas Instruments
TLE4275-Q1 TI-TLE4275-Q1 Datasheet
314Kb / 12P
[Old version datasheet]   5-V LOW-DROPOUT VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com