Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FP15R12W1T4 Datasheet(PDF) 4 Page - Infineon Technologies AG

Part # FP15R12W1T4
Description  EasyPIM??module with Trench/Fieldstop IGBT4 and Emitter Controlled 4 diode and NTC
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

FP15R12W1T4 Datasheet(HTML) 4 Page - Infineon Technologies AG

  FP15R12W1T4 Datasheet HTML 1Page - Infineon Technologies AG FP15R12W1T4 Datasheet HTML 2Page - Infineon Technologies AG FP15R12W1T4 Datasheet HTML 3Page - Infineon Technologies AG FP15R12W1T4 Datasheet HTML 4Page - Infineon Technologies AG FP15R12W1T4 Datasheet HTML 5Page - Infineon Technologies AG FP15R12W1T4 Datasheet HTML 6Page - Infineon Technologies AG FP15R12W1T4 Datasheet HTML 7Page - Infineon Technologies AG FP15R12W1T4 Datasheet HTML 8Page - Infineon Technologies AG FP15R12W1T4 Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
4
Technische Information / technical information
FP15R12W1T4
IGBT-Module
IGBT-modules
prepared by: DK
approved by: MB
date of publication: 2009-10-30
revision: 2.2
Vorläufige Daten
preliminary data
IGBT-Brems-Chopper / IGBT-brake-chopper
Höchstzulässige Werte / maximum rated values
Kollektor-Emitter-Sperrspannung
collector-emitter voltage
TÝÎ = 25°C
V†Š»
1200
V
Kollektor-Dauergleichstrom
DC-collector current
T† = 100°C, TÝÎ = 175°C
T† = 25°C, TÝÎ = 175°C
I†ÒÓÑ
I†
15
28
A
A
Periodischer Kollektor Spitzenstrom
repetitive peak collector current
t« = 1 ms
I†ç¢
30
A
Gesamt-Verlustleistung
total power dissipation
T† = 25°C, TÝÎ = 175°C
PÚÓÚ
130
W
Gate-Emitter-Spitzenspannung
gate-emitter peak voltage
V•Š»
+/-20
V
Charakteristische Werte / characteristic values
min.
typ.
max.
Kollektor-Emitter Sättigungsspannung
collector-emitter saturation voltage
I† = 15 A, V•Š = 15 V
I† = 15 A, V•Š = 15 V
I† = 15 A, V•Š = 15 V
V†Š ÙÈÚ
1,85
2,15
2,25
2,25
V
V
V
TÝÎ = 25°C
TÝÎ = 125°C
TÝÎ = 150°C
Gate-Schwellenspannung
gate threshold voltage
I† = 0,48 mA, V†Š = V•Š, TÝÎ = 25°C
V•ŠÚÌ
5,2
5,8
6,4
V
Gateladung
gate charge
V•Š = -15 V ... +15 V
Q•
0,12
C
Interner Gatewiderstand
internal gate resistor
TÝÎ = 25°C
R•ÍÒÚ
0,00
Â
Eingangskapazität
input capacitance
f = 1 MHz, TÝÎ = 25°C, V†Š = 25 V, V•Š = 0 V
CÍþÙ
0,89
nF
Rückwirkungskapazität
reverse transfer capacitance
f = 1 MHz, TÝÎ = 25°C, V†Š = 25 V, V•Š = 0 V
CØþÙ
0,03
nF
Kollektor-Emitter Reststrom
collector-emitter cut-off current
V†Š = 1200 V, V•Š = 0 V, TÝÎ = 25°C
I†Š»
1,0
mA
Gate-Emitter Reststrom
gate-emitter leakage current
V†Š = 0 V, V•Š = 20 V, TÝÎ = 25°C
I•Š»
400
nA
Einschaltverzögerungszeit (ind. Last)
turn-on delay time (inductive load)
I† = 15 A, V†Š = 600 V
V•Š = ±15 V
R•ÓÒ = 43 Â
tÁ ÓÒ
0,065
0,065
0,065
s
s
s
TÝÎ = 25°C
TÝÎ = 125°C
TÝÎ = 150°C
Anstiegszeit (induktive Last)
rise time (inductive load)
I† = 15 A, V†Š = 600 V
V•Š = ±15 V
R•ÓÒ = 43 Â
0,06
0,065
0,065
s
s
s
TÝÎ = 25°C
TÝÎ = 125°C
TÝÎ = 150°C
Abschaltverzögerungszeit (ind. Last)
turn-off delay time (inductive load)
I† = 15 A, V†Š = 600 V
V•Š = ±15 V
R•ÓËË = 43 Â
tÁ ÓËË
0,21
0,28
0,285
s
s
s
TÝÎ = 25°C
TÝÎ = 125°C
TÝÎ = 150°C
Fallzeit (induktive Last)
fall time (inductive load)
I† = 15 A, V†Š = 600 V
V•Š = ±15 V
R•ÓËË = 43 Â
0,17
0,20
0,225
s
s
s
TÝÎ = 25°C
TÝÎ = 125°C
TÝÎ = 150°C
Einschaltverlustenergie pro Puls
turn-on energy loss per pulse
I† = 15 A, V†Š = 600 V, L» = 50 nH
V•Š = ±15 V
R•ÓÒ = 43 Â
EÓÒ
1,35
1,80
2,00
mJ
mJ
mJ
TÝÎ = 25°C
TÝÎ = 125°C
TÝÎ = 150°C
Abschaltverlustenergie pro Puls
turn-off energy loss per pulse
I† = 15 A, V†Š = 600 V, L» = 50 nH
V•Š = ±15 V
R•ÓËË = 43 Â
EÓËË
0,85
1,20
1,35
mJ
mJ
mJ
TÝÎ = 25°C
TÝÎ = 125°C
TÝÎ = 150°C
Kurzschlussverhalten
SC data
V•Š ù 15 V, V†† = 800 V
V†ŠÑÈà = V†Š» -LÙ†Š · di/dt
IȠ
55
A
TÝÎ = 150°C
t« ù 10 s,
Innerer Wärmewiderstand
thermal resistance, junction to case
pro IGBT / per IGBT
RÚÌœ†
1,05
1,15
K/W
Übergangs-Wärmewiderstand
thermal resistance, case to heatsink
pro IGBT / per IGBT
ð«ÈÙÚþ = 1 W/(m·K) / ðÃØþÈÙþ = 1 W/(m·K)
RÚ̆™
1,05
K/W


Similar Part No. - FP15R12W1T4

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
FP15R12W1T4 INFINEON-FP15R12W1T4 Datasheet
961Kb / 12P
   EasyPIM Modul mit Trench
2013-10-03 revision:2.2
FP15R12W1T4P INFINEON-FP15R12W1T4P Datasheet
769Kb / 12P
   EasyPIM Modul mit Trench
V3.0 2017-05-04
FP15R12W1T4P_B11 INFINEON-FP15R12W1T4P_B11 Datasheet
791Kb / 12P
   EasyPIM Modul mit Trench
V3.0 2017-05-04
FP15R12W1T4 INFINEON-FP15R12W1T4_13 Datasheet
961Kb / 12P
   EasyPIM Modul mit Trench
2013-10-03 revision:2.2
FP15R12W1T4_B11 INFINEON-FP15R12W1T4_B11 Datasheet
423Kb / 11P
   IGBT-Wechselrichter / IGBT-inverter
2009-10-19 revision:2.0
More results

Similar Description - FP15R12W1T4

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
FP10R12W1T4_B3 INFINEON-FP10R12W1T4_B3 Datasheet
571Kb / 10P
   EasyPIM module with Trench/Fieldstop IGBT4 and Emitter Controlled 4 diode and NTC
2009-12-08 revision:2.4
FP15R12W1T4_B3 INFINEON-FP15R12W1T4_B3 Datasheet
572Kb / 10P
   EasyPIM??module with Trench/Fieldstop IGBT4 and Emitter Controlled 4 diode and NTC
2009-12-08 revision:2.3
FP35R12W2T4 INFINEON-FP35R12W2T4 Datasheet
537Kb / 12P
   EasyPIM??module with fast Trench/Fieldstop IGBT4 and Emitter Controlled 4 diode and NTC
2009-10-19 rev 2.2
FS50R12W2T4 INFINEON-FS50R12W2T4 Datasheet
494Kb / 9P
   EasyPACK module with Trench/Fieldstop IGBT4 and Emitter Controlled 4 diode and NTC
2009-10-30 rev 2.4
FS100R07N2E4 INFINEON-FS100R07N2E4 Datasheet
536Kb / 9P
   EconoPACK2 module with Trench/Fieldstop IGBT4 and Emitter Controlled 4 diode and NTC
2011-04-14 revision:2.0
FF900R12IE4 INFINEON-FF900R12IE4 Datasheet
1Mb / 9P
   PrimePACK3 module with Trench/Fieldstop IGBT4 and Emitter Controlled 4 diode and NTC
2009-08-14 revision:2.4
FS75R07N2E4 INFINEON-FS75R07N2E4 Datasheet
536Kb / 9P
   EconoPACK2 module with Trench/Fieldstop IGBT4 and Emitter Controlled 4 diode and NTC
2011-04-14 revision:2.0
FS150R07N3E4 INFINEON-FS150R07N3E4 Datasheet
533Kb / 9P
   EconoPACK3 module with Trench/Fieldstop IGBT4 and Emitter Controlled 4 diode and NTC
2011-04-05 revision:2.0
FS200R07N3E4R INFINEON-FS200R07N3E4R Datasheet
532Kb / 9P
   EconoPACK3 module with Trench/Fieldstop IGBT4 and Emitter Controlled 4 diode and NTC
2011-04-05 revision:2.0
FF900R12IP4 INFINEON-FF900R12IP4 Datasheet
1Mb / 9P
   PrimePACK2 module with Trench/Fieldstop IGBT4 and Emitter Controlled 4 diode and NTC
2009-08-13 revision:2.4
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com