Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SPP07N60CFD Datasheet(PDF) 4 Page - Infineon Technologies AG

Part # SPP07N60CFD
Description  CoolMOSTM Power Transistor Features Intrinsic fast-recovery body diode
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

SPP07N60CFD Datasheet(HTML) 4 Page - Infineon Technologies AG

  SPP07N60CFD Datasheet HTML 1Page - Infineon Technologies AG SPP07N60CFD Datasheet HTML 2Page - Infineon Technologies AG SPP07N60CFD Datasheet HTML 3Page - Infineon Technologies AG SPP07N60CFD Datasheet HTML 4Page - Infineon Technologies AG SPP07N60CFD Datasheet HTML 5Page - Infineon Technologies AG SPP07N60CFD Datasheet HTML 6Page - Infineon Technologies AG SPP07N60CFD Datasheet HTML 7Page - Infineon Technologies AG SPP07N60CFD Datasheet HTML 8Page - Infineon Technologies AG SPP07N60CFD Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
SPP07N60CFD
Parameter
Symbol Conditions
Unit
min.
typ.
max.
Reverse Diode
Diode continuous forward current
I S
-
-
6.6
A
Diode pulse current
2)
I S,pulse
-
-
17
Diode forward voltage
V SD
V GS=0 V, I F=I S,
T j=25 °C
-
1.0
1.2
V
Reverse recovery time
t rr
-
104
200
ns
Reverse recovery charge
Q rr
-
0.5
1.42
µC
Peak reverse recovery current
I rrm
-
8
-
A
Peak rate of fall of reverse recovery
current
di rr / dt
T j=25 °C
-
1000
-
A/µs
V R=480 V, I F=I S,
di F/dt =100 A/µs
T C=25 °C
Values
Rev. 1.4
page 4
2009-11-27


Similar Part No. - SPP07N60CFD

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
SPP07N60CFD ISC-SPP07N60CFD Datasheet
338Kb / 2P
   N-Channel MOSFET Transistor
logo
VBsemi Electronics Co.,...
SPP07N60CFD VBSEMI-SPP07N60CFD Datasheet
1Mb / 10P
   N-Channel 650V (D-S) Power MOSFET
More results

Similar Description - SPP07N60CFD

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
SPP15N60CFD INFINEON-SPP15N60CFD Datasheet
340Kb / 12P
   CoolMOSTM Power Transistor Features Intrinsic fast-recovery body diode
Rev. 1.2 2007-08-28
SPA07N60CFD INFINEON-SPA07N60CFD Datasheet
348Kb / 12P
   CoolMOSTM Power Transistor Features Intrinsic fast-recovery body diode
Rev. 1.0 2007-01-26
SPA15N60CFD INFINEON-SPA15N60CFD Datasheet
342Kb / 12P
   CoolMOSTM Power Transistor Features Intrinsic fast-recovery body diode
Rev. 1.0 2007-01-10
SPI15N60CFD INFINEON-SPI15N60CFD Datasheet
333Kb / 12P
   CoolMOSTM Power Transistor Intrinsic fast-recovery body diode
Rev. 1.0 2007-01-29
SPW15N60CFD INFINEON-SPW15N60CFD Datasheet
700Kb / 14P
   Intrinsic fast-recovery body diode
2008-02-11 revision:1.2
SPI15N65C3 INFINEON-SPI15N65C3 Datasheet
305Kb / 10P
   CoolMOSTM Power Transistor Features Extreme dv/dt rated
Rev. 2.0 2007-09-10
logo
STMicroelectronics
STD12N50DM2 STMICROELECTRONICS-STD12N50DM2 Datasheet
817Kb / 16P
   Fast-recovery body diode
March 2016 Rev 2
STB18N60DM2 STMICROELECTRONICS-STB18N60DM2 Datasheet
897Kb / 15P
   Fast-recovery body diode
STD13N60DM2 STMICROELECTRONICS-STD13N60DM2 Datasheet
839Kb / 16P
   Fast-recovery body diode
December 2016 Rev 2
STL19N60DM2 STMICROELECTRONICS-STL19N60DM2 Datasheet
677Kb / 13P
   Fast-recovery body diode
August 2014 Rev 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com