Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX201CPD Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX201CPD
Description  5V, RS-232 Transceivers with 0.1關F External Capacitors
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX201CPD Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX201CPD Datasheet HTML 1Page - Maxim Integrated Products MAX201CPD Datasheet HTML 2Page - Maxim Integrated Products MAX201CPD Datasheet HTML 3Page - Maxim Integrated Products MAX201CPD Datasheet HTML 4Page - Maxim Integrated Products MAX201CPD Datasheet HTML 5Page - Maxim Integrated Products MAX201CPD Datasheet HTML 6Page - Maxim Integrated Products MAX201CPD Datasheet HTML 7Page - Maxim Integrated Products MAX201CPD Datasheet HTML 8Page - Maxim Integrated Products MAX201CPD Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 23 page
background image
+5V, RS-232 Transceivers
with 0.1µF External Capacitors
4
Typical Operating Characteristics
15
20
25
30
35
10
MAX202/203
SUPPLY CURRENT
vs. LOAD CAPACITANCE
LOAD CAPACITANCE (pF)
4000
3000
1000
2000
0
5000
VCC = +4.5V, TA = +25NC,
BOTH Tx OUTPUTS, LOADED 3k
ΩIICL
ONE TRANSMITTER AT FULL DATA RATE
ONE TRANSMITTER AT 1/8 DATA RATE
240kbps
20kbps
120kbps
2
4
6
8
10
12
14
0
MAX202/203
TRANSMITTER SLEW RATE
vs. LOAD CAPACITANCE
LOAD CAPACITANCE (pF)
4000
3000
1000
2000
0
5000
VCC = +4.5V, TA = +25NC
BOTH Tx OUTPUTS, LOADED 3k
ΩIICL
ONE TRANSMITTER AT FULL DATA RATE
ONE TRANSMITTER AT 1/8 DATA RATE
-SLEW RATE
+SLEW RATE
240kbps
20kbps
120kbps
240kbps
20kbps
120kbps
MAX202/203
TRANSMITTER OUTPUT VOLTAGE
vs. LOAD CAPACITANCE
LOAD CAPACITANCE (pF)
4000
3000
1000
2000
0
5000
-5.0
-2.5
0
2.5
5.0
7.5
-7.0
20kbps
120kbps
120kbps
VCC = +4.5V, TA = +25NC
BOTH Tx OUTPUTS, LOADED 3k
ΩIICL
ONE TRANSMITTER AT FULL DATA RATE
ONE TRANSMITTER AT 1/8 DATA RATE
20kbps
240kbps
240kbps
5
10
15
20
25
0
LOAD CAPACITANCE (pF)
4000
3000
1000
2000
0
5000
MAX201/MAX209
TRANSMITTER SLEW RATE
vs. LOAD CAPACITANCE
-SLEW RATE
+SLEW RATE
MAX209
MAX201
VCC = +5V
ALL Tx OUTPUTS
LOADED 3kIIICL
TA = +25NC
V+ = 12V
MAX201
TRANSMITTER OUTPUT VOLTAGE
vs. LOAD CAPACITANCE
LOAD CAPACITANCE (pF)
4000
3000
1000
2000
0
5000
7.5
8.0
8.5
9.0
9.5
10.0
7.0
VCC = +5V
ALL Tx OUTPUTS
LOADED 3kIIICL
TA = +25NC
V+ = 12V
20kbps
60kbps
112kbps
LOAD CAPACITANCE (pF)
4000
3000
1000
2000
0
5000
MAX209
TRANSMITTER OUTPUT VOLTAGE
vs. LOAD CAPACITANCE
8.6
8.8
9.0
9.2
9.4
9.6
9.8
10.0
8.4
VCC = +5V
ALL Tx OUTPUTS
LOADED 3kIIICL
TA = +25NC
V+ = 12V
20kbps
60kbps
116kbps
MAX200/204/205/206/207/208/211/213
TRANSMITTER SKEW RATE
vs. LOAD CAPACITANCE
LOAD CAPACITANCE (pF)
4000
3000
1000
2000
4
6
8
10
12
14
16
18
20
22
2
0
5000
-SLEW RATE
+SLEW RATE
VCC = +5V
ALL Tx OUTPUTS
LOADED 3kIIICL
TA = +25NC
MAX200/204/205/206/207/208/211/213
TRANSMITTER OUTPUT VOLTAGE
vs. LOAD CAPACITANCE
LOAD CAPACITANCE (pF)
4000
3000
1000
2000
5.2
5.4
5.6
5.8
6.0
6.2
6.4
6.6
6.8
7.0
5.0
0
5000
20kbps
116kbps
60kbps
VCC = +5V
ALL Tx OUTPUTS
LOADED 3kIIICL
TA = +25NC


Similar Part No. - MAX201CPD

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX201CPD MAXIM-MAX201CPD Datasheet
580Kb / 20P
   5V RS-232 Transceivers with 0.1uF External Capacitors
19-0065; Rev 5; 12/96
MAX201CPD MAXIM-MAX201CPD Datasheet
1Mb / 23P
   5V, RS-232 Transceivers with 0.1muF External Capacitors
Rev 7; 12/05
More results

Similar Description - MAX201CPD

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX200 MAXIM-MAX200_15 Datasheet
1Mb / 23P
   5V, RS-232 Transceivers with 0.1μF External Capacitors
Rev 8; 1/15
MAX205CPG-G36 MAXIM-MAX205CPG-G36 Datasheet
1Mb / 23P
   5V, RS-232 Transceivers with 0.1muF External Capacitors
Rev 7; 12/05
MAX204EWE MAXIM-MAX204EWE Datasheet
1Mb / 23P
   5V, RS-232 Transceivers with 0.1μF External Capacitors
Rev 7; 12/05
MAX200 MAXIM-MAX200 Datasheet
580Kb / 20P
   5V RS-232 Transceivers with 0.1uF External Capacitors
19-0065; Rev 5; 12/96
logo
Tiger Electronic Co.,Lt...
MAX3232 TGS-MAX3232 Datasheet
362Kb / 16P
   3.0V to 5.5V, Low-Power, up to 1Mbps, True RS-232 Transceivers Using Four 0.1關F External Capacitors
logo
Sipex Corporation
SP200 SIPEX-SP200_05 Datasheet
263Kb / 16P
   5V High-Speed RS-232 Transceivers with 0.1mF Capacitors
logo
Exar Corporation
SP211CA-L-TR EXAR-SP211CA-L-TR Datasheet
1Mb / 15P
   5V RS-232 Serial Transceivers
logo
Sipex Corporation
SP200 SIPEX-SP200 Datasheet
213Kb / 15P
   5V High-Speed RS-232 Transceivers with 0.1uF Capacitors
logo
Exar Corporation
SP211ECA-L-TR EXAR-SP211ECA-L-TR Datasheet
1Mb / 15P
   5V RS-232 Serial Transceivers
SP211EEA-L-TR EXAR-SP211EEA-L-TR Datasheet
1Mb / 15P
   5V RS-232 Serial Transceivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com