Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX203CPP Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # MAX203CPP
Description  5V, RS-232 Transceivers with 0.1關F External Capacitors
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX203CPP Datasheet(HTML) 6 Page - Maxim Integrated Products

Back Button MAX203CPP Datasheet HTML 2Page - Maxim Integrated Products MAX203CPP Datasheet HTML 3Page - Maxim Integrated Products MAX203CPP Datasheet HTML 4Page - Maxim Integrated Products MAX203CPP Datasheet HTML 5Page - Maxim Integrated Products MAX203CPP Datasheet HTML 6Page - Maxim Integrated Products MAX203CPP Datasheet HTML 7Page - Maxim Integrated Products MAX203CPP Datasheet HTML 8Page - Maxim Integrated Products MAX203CPP Datasheet HTML 9Page - Maxim Integrated Products MAX203CPP Datasheet HTML 10Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 23 page
background image
+5V, RS-232 Transceivers
with 0.1µF External Capacitors
6
RS-232 Receivers
The receivers convert RS-232 signals to CMOS logic
output levels. Receiver outputs are inverting, maintain-
ing compatibility with driver outputs. The guaranteed
receiver input thresholds of +0.8V and +2.4V are signifi-
cantly tighter than the Q3.0V threshold required by the
EIA/TIA-232E specification. This allows receiver inputs
to respond to TTL/CMOS logic levels and improves noise
margin for RS-232 levels.
The MAX200–MAX209/MAX211/MAX213 guaranteed
+0.8V threshold (+0.6V in shutdown for the MAX213)
ensures that receivers shorted to ground have a logic 1
output. Also, the 5kI input resistance to ground ensures
that a receiver with its input left open also has a logic 1
output.
Receiver inputs have approximately +0.5V hysteresis.
This provides clean output transitions, even with slow
rise and fall time input signals with moderate amounts of
noise and ringing. In shutdown, the MAX213 receivers
R4 and R5 have no hysteresis.
Figure 3. Transition Slew-Rate Test Circuit
Figure 4. Dual Charge-Pump Diagram
+5V
0V (+5V)
0V (+5V)
0.1FF
0.1FF
0.1FF
C1+
C1-
C2+
C2-
400kI
3kI
2500pF
5kI
VCC
V+
V-
TIN
+5V
T1 T0 T5
R1 T0 R5
TOUT
RIN
0.1FF
ROUT
SHDN (SHDN)
EN (EN)
MAX200-MAX209
MAX211
MAX213
+5V
0V (+5V)
MAXIMUM SLEW-RATE
TEST CIRCUIT
MINIMUM SLEW-RATE
TEST CIRCUIT
NOTE: ( ) ARE FOR MAX213.
0V (+5V)
0.1FF
0.1FF
0.1FF
C1+
C1-
C2+
C2-
400kI
7kI
50pF
5kI
VCC
V+
V-
TIN
+5V
T1 T0 T5
R1 T0 R5
TOUT
RIN
0.1FF
ROUT
SHDN (SHDN)
EN (EN)
MAX200-MAX209
MAX211
MAX213
0.1FF
0.1FF
V+ V+
S5
S1
S2
C1+
S6
C2+
IL+
C3
C2
C4
GND
RL-
V-
S7
S8
GND
VCC
IL-
RL+
C2-
C1
VCC
200kHz
S3
S4
C1-
GND


Similar Part No. - MAX203CPP

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX203CPP MAXIM-MAX203CPP Datasheet
580Kb / 20P
   5V RS-232 Transceivers with 0.1uF External Capacitors
19-0065; Rev 5; 12/96
MAX203CPP MAXIM-MAX203CPP Datasheet
1Mb / 23P
   5V, RS-232 Transceivers with 0.1muF External Capacitors
Rev 7; 12/05
More results

Similar Description - MAX203CPP

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX200 MAXIM-MAX200_15 Datasheet
1Mb / 23P
   5V, RS-232 Transceivers with 0.1μF External Capacitors
Rev 8; 1/15
MAX205CPG-G36 MAXIM-MAX205CPG-G36 Datasheet
1Mb / 23P
   5V, RS-232 Transceivers with 0.1muF External Capacitors
Rev 7; 12/05
MAX204EWE MAXIM-MAX204EWE Datasheet
1Mb / 23P
   5V, RS-232 Transceivers with 0.1μF External Capacitors
Rev 7; 12/05
MAX200 MAXIM-MAX200 Datasheet
580Kb / 20P
   5V RS-232 Transceivers with 0.1uF External Capacitors
19-0065; Rev 5; 12/96
logo
Tiger Electronic Co.,Lt...
MAX3232 TGS-MAX3232 Datasheet
362Kb / 16P
   3.0V to 5.5V, Low-Power, up to 1Mbps, True RS-232 Transceivers Using Four 0.1關F External Capacitors
logo
Sipex Corporation
SP200 SIPEX-SP200_05 Datasheet
263Kb / 16P
   5V High-Speed RS-232 Transceivers with 0.1mF Capacitors
logo
Exar Corporation
SP211CA-L-TR EXAR-SP211CA-L-TR Datasheet
1Mb / 15P
   5V RS-232 Serial Transceivers
logo
Sipex Corporation
SP200 SIPEX-SP200 Datasheet
213Kb / 15P
   5V High-Speed RS-232 Transceivers with 0.1uF Capacitors
logo
Exar Corporation
SP211ECA-L-TR EXAR-SP211ECA-L-TR Datasheet
1Mb / 15P
   5V RS-232 Serial Transceivers
SP211EEA-L-TR EXAR-SP211EEA-L-TR Datasheet
1Mb / 15P
   5V RS-232 Serial Transceivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com