Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SKW25N120 Datasheet(PDF) 3 Page - Infineon Technologies AG

Part # SKW25N120
Description  Fast IGBT in NPT-technology with soft, fast recovery anti-parallel EmCon diode
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

SKW25N120 Datasheet(HTML) 3 Page - Infineon Technologies AG

  SKW25N120 Datasheet HTML 1Page - Infineon Technologies AG SKW25N120 Datasheet HTML 2Page - Infineon Technologies AG SKW25N120 Datasheet HTML 3Page - Infineon Technologies AG SKW25N120 Datasheet HTML 4Page - Infineon Technologies AG SKW25N120 Datasheet HTML 5Page - Infineon Technologies AG SKW25N120 Datasheet HTML 6Page - Infineon Technologies AG SKW25N120 Datasheet HTML 7Page - Infineon Technologies AG SKW25N120 Datasheet HTML 8Page - Infineon Technologies AG SKW25N120 Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
SKW25N120
Power Semiconductors
3
Rev. 2_2
Sep 08
Switching Characteristic, Inductive Load, at Tj=25
°C
Value
Parameter
Symbol
Conditions
Min.
typ.
max.
Unit
IGBT Characteristic
Turn-on delay time
td(on)
-
45
60
Rise time
tr
-
40
52
Turn-off delay time
td(off)
-
730
950
Fall time
tf
-
30
39
ns
Turn-on energy
Eon
-
2.2
2.9
Turn-off energy
Eoff
-
1.5
2.0
Total switching energy
Ets
Tj=25
°C,
VCC=800V,IC=25A,
VGE=15/0V,
RG=22
Ω,
Lσ
1) =180nH,
Cσ
1) =40pF
Energy losses include
“tail” and diode
reverse recovery.
-
3.7
4.9
mJ
Anti-Parallel Diode Characteristic
Diode reverse recovery time
trr
tS
tF
-
-
-
90
ns
Diode reverse recovery charge
Qrr
-
1.0
µC
Diode peak reverse recovery current
Irrm
-
20
A
Diode peak rate of fall of reverse
recovery current during tF
dirr/dt
Tj=25
°C,
VR=800V, IF=25A,
diF/dt=650A/
µs
-
470
A/
µs
Switching Characteristic, Inductive Load, at Tj=150
°C
Value
Parameter
Symbol
Conditions
Min.
typ.
max.
Unit
IGBT Characteristic
Turn-on delay time
td(on)
-
50
60
Rise time
tr
-
36
43
Turn-off delay time
td(off)
-
820
990
Fall time
tf
-
42
50
ns
Turn-on energy
Eon
-
3.8
4.6
Turn-off energy
Eoff
-
2.9
3.8
Total switching energy
Ets
Tj=150
°C
VCC=800V,IC=25A,
VGE=15/0V,
RG=22
Ω,
Lσ
1) =180nH,
Cσ
1) =40pF
Energy losses include
“tail” and diode
reverse recovery.
-
6.7
8.4
mJ
Anti-Parallel Diode Characteristic
Diode reverse recovery time
trr
tS
tF
-
-
-
280
ns
Diode reverse recovery charge
Qrr
-
4.3
µC
Diode peak reverse recovery current
Irrm
-
32
A
Diode peak rate of fall of reverse
recovery current during tF
dirr/dt
Tj=150
°C
VR=800V, IF=25A,
diF/dt=750A/
µs
-
130
A/
µs
1) Leakage inductance Lσ and stray capacity Cσ due to dynamic test circuit in figure E.


Similar Part No. - SKW25N120

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
SKW25N120 INFINEON-SKW25N120 Datasheet
336Kb / 13P
   Fast IGBT in NPT-technology with soft, fast recovery anti-parallel EmCon diode
Rev. 2_1 Apr 06
More results

Similar Description - SKW25N120

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
SKP10N60A INFINEON-SKP10N60A_08 Datasheet
368Kb / 14P
   Fast IGBT in NPT-technology with soft, fast recovery anti-parallel EmCon diode
Rev. 2.3 Sep 08
SKW15N120 INFINEON-SKW15N120 Datasheet
415Kb / 13P
   FAST IGBT IN NPT-TECHNOLOGY WITH SOFT, FAST RECOVERY ANTI-PARALLEL EmCon DIODE
Jul-02
SKW30N60 INFINEON-SKW30N60 Datasheet
393Kb / 13P
   Fast IGBT in NPT-technology with soft, fast recovery anti-parallel EmCon diode
Jul-02
SKP15N60 INFINEON-SKP15N60_08 Datasheet
377Kb / 14P
   Fast IGBT in NPT-technology with soft, fast recovery anti-parallel EmCon diode
Rev. 2.3 Sep 08
SKP15N60 INFINEON-SKP15N60 Datasheet
450Kb / 14P
   Fast IGBT in NPT-technology with soft, fast recovery anti-parallel EmCon diode
Jul-02
SKP02N60 INFINEON-SKP02N60 Datasheet
397Kb / 13P
   Fast IGBT in NPT-technology with soft, fast recovery anti-parallel EmCon diode
Jul-02
SKW20N60 INFINEON-SKW20N60 Datasheet
400Kb / 13P
   Fast IGBT in NPT-technology with soft, fast recovery anti-parallel EmCon diode
Mar-00
SKP10N60A INFINEON-SKP10N60A Datasheet
438Kb / 14P
   Fast IGBT in NPT-technology with soft, fast recovery anti-parallel EmCon diode
Sep-02
SKB02N60 INFINEON-SKB02N60_07 Datasheet
1Mb / 13P
   Fast IGBT in NPT-technology with soft, fast recovery anti-parallel EmCon diode
Rev. 2.2 Oct. 07
SKW15N120 INFINEON-SKW15N120_08 Datasheet
348Kb / 13P
   Fast IGBT in NPT-technology with soft, fast recovery anti-parallel EmCon diode
Rev. 2_2 Sep 08
SKB02N120 INFINEON-SKB02N120_07 Datasheet
1Mb / 13P
   Fast IGBT in NPT-technology with soft, fast recovery anti-parallel EmCon diode
Rev. 2.3 Oct 07
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com