Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX225EWI+ Datasheet(PDF) 8 Page - Maxim Integrated Products

Part # MAX225EWI+
Description  5V-Powered, Multichannel RS-232 Drivers/Receivers
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX225EWI+ Datasheet(HTML) 8 Page - Maxim Integrated Products

Back Button MAX225EWI+ Datasheet HTML 4Page - Maxim Integrated Products MAX225EWI+ Datasheet HTML 5Page - Maxim Integrated Products MAX225EWI+ Datasheet HTML 6Page - Maxim Integrated Products MAX225EWI+ Datasheet HTML 7Page - Maxim Integrated Products MAX225EWI+ Datasheet HTML 8Page - Maxim Integrated Products MAX225EWI+ Datasheet HTML 9Page - Maxim Integrated Products MAX225EWI+ Datasheet HTML 10Page - Maxim Integrated Products MAX225EWI+ Datasheet HTML 11Page - Maxim Integrated Products MAX225EWI+ Datasheet HTML 12Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 38 page
background image
Input Logic-Low Voltage
+5V-Powered, Multichannel RS-232
Drivers/Receivers
8
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS—MAX225/MAX244–MAX249
ELECTRICAL CHARACTERISTICS—MAX225/MAX244–MAX249
(MAX225, VCC = +5.0V ±5%; MAX244–MAX249, VCC = +5.0V ±10%, external capacitors C1–C4 = 1µF; TA = TMIN to TMAX; unless
otherwise noted.) (Note 7)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
(Voltages referenced to GND.)
Supply Voltage (VCC) ...............................................-0.3V to +6V
Input Voltages
TIN‚ ENA, ENB, ENR, ENT, ENRA,
ENRB, ENTA, ENTB..................................-0.3V to (VCC + 0.3V)
RIN .....................................................................................±25V
TOUT (Note 6)....................................................................±15V
ROUT........................................................-0.3V to (VCC + 0.3V)
Short Circuit Duration (one output at a time)
TOUT to GND ...........................................................Continuous
ROUT to GND...........................................................Continuous
Continuous Power Dissipation (TA = +70°C)
28-Pin Wide SO (derate 12.50mW/°C above +70°C) .............1W
40-Pin Plastic DIP (derate 11.11mW/°C above +70°C) ...611mW
44-Pin PLCC (derate 13.33mW/°C above +70°C) ...........1.07W
Operating Temperature Ranges
MAX225C_ _, MAX24_C_ _ ..................................0°C to +70°C
MAX225E_ _, MAX24_E_ _ ...............................-40°C to +85°C
Storage Temperature Range .............................-65°C to +160°C
Lead Temperature (soldering,10s)) .................................+300°C
Soldering Temperature (reflow)
40 PDIP (P40M-2) ..........................................................+225°C
All other lead(Pb)-free packages...................................+260°C
All other packages containing lead(Pb) ........................+240°C
VCC = 0V,
VOUT = ±15V
µA
Tables 1a–1d
±0.01
±25
Normal operation
Shutdown
Tables 1a–1d, normal operation
All transmitter outputs loaded with 3k
Ω to GND
VENA, VENB, VENT, VENTA,
VENTB = VCC, VOUT = ±15V
V
RS-232 Input Hysteresis
RS-232 Input Logic-Low Voltage
V
V
±5
±7.5
Output Voltage Swing
Output Leakage Current (Shutdown)
±0.01
±25
Ω
300
10M
VCC = V+ = V- = 0V, VOUT = ±2V (Note 8)
Transmitter Output Resistance
µA
PARAMETER
±0.05
±0.10
MIN
TYP
MAX
UNITS
Normal operation, outputs disabled,
Tables 1a–1d, 0V
≤ VOUT ≤ VCC, VENR_ = VCC
TTL/CMOS Output Leakage Current
10
30
Sinking VOUT = VCC
mA
-2
-10
Sourcing VOUT = VGND
V
3.5
VCC - 0.2
IOUT = -1.0mA
TTL/CMOS Output Voltage High
V
0.2
0.4
IOUT = 3.2mA
TTL/CMOS Output Voltage Low
k
Ω
35
7
0.2
0.5
1.0
VCC = +5V
1.4
0.8
V
TTL/CMOS Output Short-Circuit Current
V
1.8
2.4
0.8
1.3
VCC = +5V
RS-232 Input Resistance
V
±25
RS-232 Input Voltage Operating Range
mA
±7
±30
VOUT = 0V
Output Short-Circuit Current
kbps
120
64
Data Rate
CONDITIONS
VCC = +5V
µA
±0.01
±1
Logic Pullup/lnput Current
10
50
Tables 1a–1d
RS-232 Input Logic-High Voltage
V
2
1.4
Input Logic-High Voltage
RS-232 TRANSMITTERS
RS-232 RECEIVERS
Note 6: Input voltage measured with transmitter output in a high-impedance state, shutdown, or VCC = 0V.


Similar Part No. - MAX225EWI+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX225EWI MAXIM-MAX225EWI Datasheet
395Kb / 36P
   5V-Powered, Multichannel RS-232 Drivers/Receivers
Rev 15; 1/06
MAX225EWI MAXIM-MAX225EWI Datasheet
676Kb / 38P
   MAX220?밠AX249 5V-Powered, Multichannel RS-232 Drivers/Receivers
Rev 16; 7/10
More results

Similar Description - MAX225EWI+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX220 MAXIM-MAX220_15 Datasheet
408Kb / 39P
   5V-Powered, Multichannel RS-232 Drivers/Receivers
Rev 17; 1/15
MAX233AEWP-TG36 MAXIM-MAX233AEWP-TG36 Datasheet
1Mb / 38P
   5V-Powered, Multichannel RS-232 Drivers/Receivers
Rev 16; 7/10
MAX220 MAXIM-MAX220_V01 Datasheet
2Mb / 39P
   5V-Powered, Multichannel RS-232 Drivers/Receivers
19-4323; Rev 18; 5/19
MAX232CSE-T MAXIM-MAX232CSE-T Datasheet
1Mb / 38P
   5V-Powered, Multichannel RS-232 Drivers/Receivers
Rev 16; 7/10
MAX220 MAXIM-MAX220 Datasheet
395Kb / 36P
   5V-Powered, Multichannel RS-232 Drivers/Receivers
Rev 15; 1/06
MAX232AESE-T MAXIM-MAX232AESE-T Datasheet
1Mb / 38P
   5V-Powered, Multichannel RS-232 Drivers/Receivers
Rev 16; 7/10
MAX232-ACWE MAXIM-MAX232-ACWE Datasheet
1Mb / 38P
   5V-Powered, Multichannel RS-232 Drivers/Receivers
Rev 16; 7/10
MAX249CQHTD MAXIM-MAX249CQHTD Datasheet
676Kb / 38P
   MAX220?밠AX249 5V-Powered, Multichannel RS-232 Drivers/Receivers
Rev 16; 7/10
MAX250 MAXIM-MAX250_14 Datasheet
8Mb / 13P
   5V Powered Isolates RS-232 Drivers/Receivers
Rev 1; 7/89
MAX250 MAXIM-MAX250 Datasheet
416Kb / 12P
   5V Powered Isolated RS-232 Drivers/Receivers
19-2002; Rev 0; 1989
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com