Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SPA11N80C3 Datasheet(PDF) 5 Page - Infineon Technologies AG

Part # SPA11N80C3
Description  CoolMOSTM Power Transistor Features New revolutionary high voltage technology
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

SPA11N80C3 Datasheet(HTML) 5 Page - Infineon Technologies AG

  SPA11N80C3_08 Datasheet HTML 1Page - Infineon Technologies AG SPA11N80C3_08 Datasheet HTML 2Page - Infineon Technologies AG SPA11N80C3_08 Datasheet HTML 3Page - Infineon Technologies AG SPA11N80C3_08 Datasheet HTML 4Page - Infineon Technologies AG SPA11N80C3_08 Datasheet HTML 5Page - Infineon Technologies AG SPA11N80C3_08 Datasheet HTML 6Page - Infineon Technologies AG SPA11N80C3_08 Datasheet HTML 7Page - Infineon Technologies AG SPA11N80C3_08 Datasheet HTML 8Page - Infineon Technologies AG SPA11N80C3_08 Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
SPA11N80C3
5 Typ. output characteristics
6 Typ. drain-source on-state resistance
I D=f(V DS); T j=150 °C; t p=10 µs
R DS(on)=f(I D); T j=150 °C
parameter: V GS
parameter: V GS
7 Drain-source on-state resistance
8 Typ. transfer characteristics
R DS(on)=f(T j); I D=7.1 A; V GS=10 V
I D=f(V GS); |V DS|>2|I D|R DS(on)max; t p=10 µs
parameter: T j
typ
98 %
0
0.2
0.4
0.6
0.8
1
1.2
-60
-20
20
60
100
140
180
T j [°C]
25 °C
150 °C
0
10
20
30
40
02
46
8
10
V GS [V]
6 V
10 V 20 V
4.5 V
5 V
5.5 V
0
3
6
9
12
15
18
21
0
5
10
15
20
25
V DS [V]
4 V 4.5 V
5 V
6 V
6.5 V
10 V
20 V
0.8
1
1.2
1.4
1.6
1.8
0
5
10
15
20
25
30
I D [A]
Rev. 2.9
page 5
2008-10-15


Similar Part No. - SPA11N80C3_08

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
SPA11N80C3 INFINEON-SPA11N80C3_14 Datasheet
509Kb / 10P
   CoolMOSTM Power Transistor
Rev. 2.92 2014-02-14
SPA11N80C3 INFINEON-SPA11N80C3_15 Datasheet
32Kb / 1P
   Material Content Data Sheet
21. September 2015
More results

Similar Description - SPA11N80C3_08

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
SPP04N80C3 INFINEON-SPP04N80C3_08 Datasheet
395Kb / 10P
   CoolMOSTM Power Transistor Features New revolutionary high voltage technology
Rev. 2.9 2008-10-15
SPI08N80C3 INFINEON-SPI08N80C3 Datasheet
360Kb / 10P
   CoolMOSTM Power Transistor Features New revolutionary high voltage technology
Rev. 2.9 2008-10-15
IPW50R250CP INFINEON-IPW50R250CP Datasheet
537Kb / 11P
   CoolMOSTM Power Transistor Features New revolutionary high voltage technology
Rev. 2.0 2007-11-07
SPP06N60C3 INFINEON-SPP06N60C3_09 Datasheet
228Kb / 11P
   CoolMOSTM Power Transistor Features New revolutionary high voltage technology
Rev. 1.4 2009-11-27
SPD02N80C3 INFINEON-SPD02N80C3_08 Datasheet
281Kb / 10P
   CoolMOSTM Power Transistor Features New revolutionary high voltage technology
Rev. 2.9 2008-10-15
SPP08N80C3 INFINEON-SPP08N80C3_08 Datasheet
398Kb / 10P
   CoolMOSTM Power Transistor Features New revolutionary high voltage technology
Rev. 2.9 2008-10-15
SPD04N80C3 INFINEON-SPD04N80C3_08 Datasheet
442Kb / 10P
   CoolMOSTM Power Transistor Features New revolutionary high voltage technology
Rev. 2.9 2008-10-15
SPP06N60C3 INFINEON-SPP06N60C3_07 Datasheet
258Kb / 11P
   CoolMOSTM Power Transistor Features New revolutionary high voltage technology
Rev. 1.3 2007-08-28
SPA11N60CFD INFINEON-SPA11N60CFD_10 Datasheet
210Kb / 12P
   CoolMOSTM Power Transistor Features New revolutionary high voltage technology
Rev. 1.3 2010-01-12
SPP02N80C3 INFINEON-SPP02N80C3_08 Datasheet
394Kb / 10P
   CoolMOSTM Power Transistor Features New revolutionary high voltage technology
Rev. 2.9 2008-10-15
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com