Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLE4276V10 Datasheet(PDF) 7 Page - Infineon Technologies AG

Part # TLE4276V10
Description  Low Drop Voltage Regulator 400 mA current capability
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE4276V10 Datasheet(HTML) 7 Page - Infineon Technologies AG

Back Button TLE4276V10 Datasheet HTML 3Page - Infineon Technologies AG TLE4276V10 Datasheet HTML 4Page - Infineon Technologies AG TLE4276V10 Datasheet HTML 5Page - Infineon Technologies AG TLE4276V10 Datasheet HTML 6Page - Infineon Technologies AG TLE4276V10 Datasheet HTML 7Page - Infineon Technologies AG TLE4276V10 Datasheet HTML 8Page - Infineon Technologies AG TLE4276V10 Datasheet HTML 9Page - Infineon Technologies AG TLE4276V10 Datasheet HTML 10Page - Infineon Technologies AG TLE4276V10 Datasheet HTML 11Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
TLE 4276
Data Sheet
7
Rev. 2.7, 2007-10-23
Table 5
Characteristics
V
I = 13.5 V; -40 °C < Tj < 150 °C (unless otherwise specified)
Parameter
Sym-
bol
Limit Values
Unit
Measuring
Condition
Measuring
Circuit
Min. Typ. Max.
Output voltage
V
Q
4.8
5.0
5.2
V
V50-Version
5 mA <
I
Q < 400 mA
6 V <
V
I < 28 V
1
Output voltage
V
Q
4.8
5.0
5.2
V
V50-Version
5 mA <
I
Q < 200 mA
6 V <
V
I < 40 V
1
Output voltage
V
Q
8.16 8.50
8.84
V
V85-Version
5 mA <
I
Q < 400 mA
9.5 V <
V
I < 28 V
1
Output voltage
V
Q
8.16 8.50
8.84
V
V85-Version
5 mA <
I
Q < 200 mA
9.5 V <
V
I < 40 V
1
Output voltage
V
Q
9.6
10.0
10.4
V
V10-Version
5 mA <
I
Q < 400 mA
11 V <
V
I < 28 V
1
Output voltage
V
Q
9.6
10.0
10.4
V
V10-Version
5 mA <
I
Q < 200 mA
11 V <
V
I < 40 V
1
Output voltage
tolerance
V
Q
-4
4
%
V-Version
R
2 < 50 kΩ
V
Q + 1 V ≤ VI ≤ 40 V
V
I > 4.5 V
5 mA
I
Q ≤ 400 mA
1
Output current
limitation
1)
I
Q
400
600
1100 mA
1
Current
consumption;
I
q = II - IQ
I
q
––
10
µA
V
INH = 0 V;
T
j ≤ 100 °C
1
Current
consumption;
I
q = II - IQ
I
q
100
220
µA
I
Q = 1 mA
1
Current
consumption;
I
q = II - IQ
I
q
–5
10
mA
I
Q = 250 mA
1


Similar Part No. - TLE4276V10

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
TLE4276V10 SIEMENS-TLE4276V10 Datasheet
158Kb / 16P
   Low-Drop Voltage Regulator
logo
Infineon Technologies A...
TLE4276V10 INFINEON-TLE4276V10 Datasheet
209Kb / 19P
   Low-Drop Voltage Regulator
Version 2.2 2000-10-11
More results

Similar Description - TLE4276V10

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TLE4251 INFINEON-TLE4251_07 Datasheet
373Kb / 13P
   Low Drop Voltage Tracker 400 mA output current capability
Rev. 2.9, 2007-03-20
logo
ON Semiconductor
NCV4276 ONSEMI-NCV4276 Datasheet
182Kb / 25P
   400 mA Low-Drop Voltage Regulator
June, 2011 ??Rev. 24
NCV4276C ONSEMI-NCV4276C Datasheet
164Kb / 16P
   400 mA Low-Drop Voltage Regulator
January, 2014 ??Rev. 0
NCV4276B ONSEMI-NCV4276B Datasheet
142Kb / 12P
   400 mA Low-Drop Voltage Regulator
June, 2010 ??Rev. 0
NCV4276BDT50RKG ONSEMI-NCV4276BDT50RKG Datasheet
205Kb / 18P
   400 mA Low?륞rop Voltage Regulator
February, 2013 ??Rev. 5
NCV4274C ONSEMI-NCV4274C Datasheet
125Kb / 13P
   400 mA Low Dropout Voltage Regulator
May, 2015 ??Rev. 1
NCV4276 ONSEMI-NCV4276_06 Datasheet
198Kb / 23P
   400 mA Low?묭rop Voltage Regulator
October, 2006 ??Rev. 18
NCV4276BDS50R4G ONSEMI-NCV4276BDS50R4G Datasheet
205Kb / 18P
   400 mA Low?륞rop Voltage Regulator
February, 2013 ??Rev. 5
logo
Unisonic Technologies
MBR3150L-Z21D-R UTC-MBR3150L-Z21D-R Datasheet
134Kb / 3P
   Low forward voltage drop, High Current Capability
logo
ON Semiconductor
NCV4276B ONSEMI-NCV4276B_14 Datasheet
146Kb / 18P
   400 mA Low?륞rop Voltage Regulator
August, 2014 ??Rev. 6
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com