Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IDP45E60 Datasheet(PDF) 4 Page - Infineon Technologies AG

Part # IDP45E60
Description  Fast Switching Diode Product
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

IDP45E60 Datasheet(HTML) 4 Page - Infineon Technologies AG

  IDP45E60_09 Datasheet HTML 1Page - Infineon Technologies AG IDP45E60_09 Datasheet HTML 2Page - Infineon Technologies AG IDP45E60_09 Datasheet HTML 3Page - Infineon Technologies AG IDP45E60_09 Datasheet HTML 4Page - Infineon Technologies AG IDP45E60_09 Datasheet HTML 5Page - Infineon Technologies AG IDP45E60_09 Datasheet HTML 6Page - Infineon Technologies AG IDP45E60_09 Datasheet HTML 7Page - Infineon Technologies AG IDP45E60_09 Datasheet HTML 8Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
2009-09-2
8
Rev.2.
4
Page 4
IDP45E60
2 Diode forward current
IF = f(TC)
parameter:
Tj≤ 175°C
25
50
75
100
125
°C
175
TC
0
10
20
30
40
50
60
A
80
1 Power dissipation
Ptot = f (TC)
parameter: Tj ≤ 175 °C
25
50
75
100
125
°C
175
TC
0
15
30
45
60
75
90
105
120
135
150
165
W
195
3 Typ. diode forward current
IF = f (VF)
0
0.5
1
1.5
V
2.5
VF
0
20
40
60
80
100
A
140
-55°C
25°C
100°C
150°C
4 Typ. diode forward voltage
VF = f (Tj)
-60
-20
20
60
100
°C
160
Tj
1
1.2
1.4
1.6
1.8
2
V
2.4
22,5A
45A
90A


Similar Part No. - IDP45E60_09

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IDP45E60 INFINEON-IDP45E60_14 Datasheet
518Kb / 8P
   Fast Switching Emitter Controlled Diode
2013-12-05 revision:2.5
More results

Similar Description - IDP45E60_09

ManufacturerPart #DatasheetDescription
logo
Zowie Technology Corpor...
DAN217G ZOWIE-DAN217G Datasheet
141Kb / 2P
   Switching Diode Lead free product
logo
Diodes Incorporated
1N4151 DIODES-1N4151 Datasheet
49Kb / 1P
   FAST SWITCHING DIODE
DS12014 Rev. F-2
logo
Jiangsu Changjiang Elec...
1N4448WT JIANGSU-1N4448WT Datasheet
829Kb / 4P
   FAST SWITCHING DIODE
logo
GOOD-ARK Electronics
LS4154 GOOD-ARK-LS4154 Datasheet
103Kb / 2P
   Fast Switching Diode
logo
Chenmko Enterprise Co. ...
LL4150PT CHENMKO-LL4150PT Datasheet
121Kb / 2P
   FAST SWITCHING DIODE
logo
Shanghai Shunye Electro...
1N4448W SY-1N4448W Datasheet
932Kb / 2P
   FAST SWITCHING DIODE
logo
Vishay Siliconix
LL4148 VISHAY-LL4148_04 Datasheet
111Kb / 4P
   Fast Switching Diode
Rev. 1.7, 06-Feb-04
logo
New Jersey Semi-Conduct...
1N914 NJSEMI-1N914 Datasheet
62Kb / 1P
   FAST SWITCHING DIODE
logo
Jiangsu Changjiang Elec...
BAV16W JIANGSU-BAV16W_17 Datasheet
1Mb / 5P
   FAST SWITCHING DIODE
logo
Infineon Technologies A...
IDP30E60 INFINEON-IDP30E60_09 Datasheet
701Kb / 8P
   Fast Switching Diode
Rev.2.4 2009-09-28
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com