Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SPP06N60C3 Datasheet(PDF) 7 Page - Infineon Technologies AG

Part # SPP06N60C3
Description  CoolMOSTM Power Transistor Features New revolutionary high voltage technology
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

SPP06N60C3 Datasheet(HTML) 7 Page - Infineon Technologies AG

Back Button SPP06N60C3 Datasheet HTML 3Page - Infineon Technologies AG SPP06N60C3 Datasheet HTML 4Page - Infineon Technologies AG SPP06N60C3 Datasheet HTML 5Page - Infineon Technologies AG SPP06N60C3 Datasheet HTML 6Page - Infineon Technologies AG SPP06N60C3 Datasheet HTML 7Page - Infineon Technologies AG SPP06N60C3 Datasheet HTML 8Page - Infineon Technologies AG SPP06N60C3 Datasheet HTML 9Page - Infineon Technologies AG SPP06N60C3 Datasheet HTML 10Page - Infineon Technologies AG SPP06N60C3 Datasheet HTML 11Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
SPP06N60C3
9 Typ. gate charge
10 Forward characteristics of reverse diode
V GS=f(Q gate); I D=6.2 A pulsed
I F=f(V SD)
parameter: V DD
parameter: T j
11 Avalanche SOA
12 Avalanche energy
I AR=f(t AR)
E AS=f(T j); I D=3.1 A; V DD=50 V
parameter: T j(start)
V 120
V 480
0
2
4
6
8
10
12
010
20
30
Q gate [nC]
0
50
100
150
200
250
20
60
100
140
180
T j [°C]
25 °C
150 °C
25 °C, 98%
150 °C, 98%
10
2
10
1
10
0
10
-1
0
0.5
1
1.5
2
2.5
V SD [V]
125 °C
25 °C
10
3
10
2
10
1
10
0
10
-1
10
-2
10
-3
0
2
4
6
8
t AR [µs]
Rev. 1.3
page 7
2007-08-28


Similar Part No. - SPP06N60C3

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
SPP06N60C3 INFINEON-SPP06N60C3 Datasheet
489Kb / 11P
   CoolMOS Power Transistor
Rev. 1.4 2005-09-21
SPP06N60C3 INFINEON-SPP06N60C3 Datasheet
228Kb / 11P
   CoolMOSTM Power Transistor Features New revolutionary high voltage technology
Rev. 1.4 2009-11-27
logo
Inchange Semiconductor ...
SPP06N60C3 ISC-SPP06N60C3 Datasheet
339Kb / 2P
   N-Channel MOSFET Transistor
logo
Infineon Technologies A...
SPP06N60C3 INFINEON-SPP06N60C3_09 Datasheet
228Kb / 11P
   CoolMOSTM Power Transistor Features New revolutionary high voltage technology
Rev. 1.4 2009-11-27
More results

Similar Description - SPP06N60C3

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
SPP04N80C3 INFINEON-SPP04N80C3_08 Datasheet
395Kb / 10P
   CoolMOSTM Power Transistor Features New revolutionary high voltage technology
Rev. 2.9 2008-10-15
SPI08N80C3 INFINEON-SPI08N80C3 Datasheet
360Kb / 10P
   CoolMOSTM Power Transistor Features New revolutionary high voltage technology
Rev. 2.9 2008-10-15
IPW50R250CP INFINEON-IPW50R250CP Datasheet
537Kb / 11P
   CoolMOSTM Power Transistor Features New revolutionary high voltage technology
Rev. 2.0 2007-11-07
SPP06N60C3 INFINEON-SPP06N60C3_09 Datasheet
228Kb / 11P
   CoolMOSTM Power Transistor Features New revolutionary high voltage technology
Rev. 1.4 2009-11-27
SPD02N80C3 INFINEON-SPD02N80C3_08 Datasheet
281Kb / 10P
   CoolMOSTM Power Transistor Features New revolutionary high voltage technology
Rev. 2.9 2008-10-15
SPP08N80C3 INFINEON-SPP08N80C3_08 Datasheet
398Kb / 10P
   CoolMOSTM Power Transistor Features New revolutionary high voltage technology
Rev. 2.9 2008-10-15
SPA11N80C3 INFINEON-SPA11N80C3_08 Datasheet
295Kb / 10P
   CoolMOSTM Power Transistor Features New revolutionary high voltage technology
Rev. 2.9 2008-10-15
SPD04N80C3 INFINEON-SPD04N80C3_08 Datasheet
442Kb / 10P
   CoolMOSTM Power Transistor Features New revolutionary high voltage technology
Rev. 2.9 2008-10-15
SPA11N60CFD INFINEON-SPA11N60CFD_10 Datasheet
210Kb / 12P
   CoolMOSTM Power Transistor Features New revolutionary high voltage technology
Rev. 1.3 2010-01-12
SPP02N80C3 INFINEON-SPP02N80C3_08 Datasheet
394Kb / 10P
   CoolMOSTM Power Transistor Features New revolutionary high voltage technology
Rev. 2.9 2008-10-15
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com