Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLE4275D Datasheet(PDF) 10 Page - Infineon Technologies AG

Part # TLE4275D
Description  5-V Low Drop Fixed Voltage Regulator 5-V Low Drop Fixed Voltage Regulator
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE4275D Datasheet(HTML) 10 Page - Infineon Technologies AG

Back Button TLE4275D Datasheet HTML 6Page - Infineon Technologies AG TLE4275D Datasheet HTML 7Page - Infineon Technologies AG TLE4275D Datasheet HTML 8Page - Infineon Technologies AG TLE4275D Datasheet HTML 9Page - Infineon Technologies AG TLE4275D Datasheet HTML 10Page - Infineon Technologies AG TLE4275D Datasheet HTML 11Page - Infineon Technologies AG TLE4275D Datasheet HTML 12Page - Infineon Technologies AG TLE4275D Datasheet HTML 13Page - Infineon Technologies AG TLE4275D Datasheet HTML 14Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 17 page
background image
Data Sheet
10
Rev. 1.7, 2007-02-19
TLE 4275
Output Current
I
Q versus
Input Voltage
V
I
Current Consumption
I
q
versus Output Current
I
Q
Current Consumption
I
q
versus Output Current
I
Q
Drop Voltage
V
dr versus
Output Current
I
Q
AED03030
0
10
20
30
40 V50
0
0.4
0.8
1.2
A
1.0
0.6
0.2
I
V
IQ
= 125 ˚C
Tj
25 ˚C
0
0
AED03084
Ι
q
1
2
mA
3
= 13.5 V
mA
Ι
V
20
40
60
80
120
Q
Ι
0
0
AED03085
Ι
q
mA
= 13.5 V
mA
Ι
V
100
200
300
400
600
Q
Ι
10
20
30
40
50
60
70
80
AED03031
0
0
Q
I
100
200
300
400
500
600
700
800
mV
Vdr
j
T = 125 ˚C
25 ˚C
200
400
600
1000
mA


Similar Part No. - TLE4275D

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TLE4275D INFINEON-TLE4275D Datasheet
141Kb / 16P
   5-V Low-Drop Voltage Regulator
Version 1.3 2001-04-24
TLE4275DV33 INFINEON-TLE4275DV33 Datasheet
319Kb / 12P
   Linear Voltage Regulator 3.3 V Fixed Output Voltage
Rev. 1.0, 2006-09-22
More results

Similar Description - TLE4275D

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
TLE4279 SIEMENS-TLE4279 Datasheet
242Kb / 19P
   5-V Low-Drop Fixed Voltage Regulator
logo
Infineon Technologies A...
TLE4299 INFINEON-TLE4299 Datasheet
356Kb / 22P
   5-V Low-Drop Fixed Voltage Regulator
Rev. 1.0 2002-01-17
TLE4299 INFINEON-TLE4299_04 Datasheet
374Kb / 22P
   5-V Low Drop Fixed Voltage Regulator
Rev. 1.1, 2004-01-01
TLE4278G INFINEON-TLE4278G Datasheet
564Kb / 19P
   5-V Low Drop Fixed Voltage Regulator
Rev. 1.3, 2005-04-29
TLE4264 INFINEON-TLE4264 Datasheet
83Kb / 10P
   5-V Low-Drop Fixed-Voltage Regulator
Rev. 2.1 2000-10-10
logo
IK Semicon Co., Ltd
ILE4264G IKSEMICON-ILE4264G Datasheet
279Kb / 6P
   5-V Low-Drop Fixed-Voltage Regulator
ILE4268 IKSEMICON-ILE4268_11 Datasheet
153Kb / 8P
   5-V Low-Drop Fixed Voltage Regulator
ILE4271-2 IKSEMICON-ILE4271-2_11 Datasheet
183Kb / 9P
   5-V LOW-DROP FIXED VOLTAGE REGULATOR
logo
Siemens Semiconductor G...
TLE4264G SIEMENS-TLE4264G Datasheet
42Kb / 9P
   5-V Low-Drop Fixed-Voltage Regulator
TLE4268 SIEMENS-TLE4268 Datasheet
138Kb / 13P
   5-V Low-Drop Fixed Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com