Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLE4275S Datasheet(PDF) 3 Page - Infineon Technologies AG

Part # TLE4275S
Description  5-V Low Drop Fixed Voltage Regulator 5-V Low Drop Fixed Voltage Regulator
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE4275S Datasheet(HTML) 3 Page - Infineon Technologies AG

  TLE4275S Datasheet HTML 1Page - Infineon Technologies AG TLE4275S Datasheet HTML 2Page - Infineon Technologies AG TLE4275S Datasheet HTML 3Page - Infineon Technologies AG TLE4275S Datasheet HTML 4Page - Infineon Technologies AG TLE4275S Datasheet HTML 5Page - Infineon Technologies AG TLE4275S Datasheet HTML 6Page - Infineon Technologies AG TLE4275S Datasheet HTML 7Page - Infineon Technologies AG TLE4275S Datasheet HTML 8Page - Infineon Technologies AG TLE4275S Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
TLE 4275
Data Sheet
3
Rev. 1.7, 2007-02-19
Figure 1
Pin Configuration (top view)
Table 1
Pin Definitions and Functions
Pin No.
Symbol Function
1I
Input; block to ground directly at the IC by a ceramic capacitor.
2RO
Reset Output; open collector output
3GND
Ground; Pin 3 internally connected to heatsink
4D
Reset Delay; connect capacitor to GND for setting delay time
5Q
Output; block to ground with a
≥ 22 µF capacitor,
ESR < 5
Ω at 10 kHz.
AEP02580
15
RO
Ι
DQ
GND
AEP02756
GND
Ι
RO
Q
D
GND
RO
Ι
IEP02528
D
Q
PG-TO252-5-11
PG-TO263-5-1
PG-TO220-5-11
IEP02527
Ι
RO
GND
D
Q
PG-TO220-5-12


Similar Part No. - TLE4275S

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TLE4275S INFINEON-TLE4275S Datasheet
141Kb / 16P
   5-V Low-Drop Voltage Regulator
Version 1.3 2001-04-24
More results

Similar Description - TLE4275S

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
TLE4279 SIEMENS-TLE4279 Datasheet
242Kb / 19P
   5-V Low-Drop Fixed Voltage Regulator
logo
Infineon Technologies A...
TLE4299 INFINEON-TLE4299 Datasheet
356Kb / 22P
   5-V Low-Drop Fixed Voltage Regulator
Rev. 1.0 2002-01-17
TLE4299 INFINEON-TLE4299_04 Datasheet
374Kb / 22P
   5-V Low Drop Fixed Voltage Regulator
Rev. 1.1, 2004-01-01
TLE4278G INFINEON-TLE4278G Datasheet
564Kb / 19P
   5-V Low Drop Fixed Voltage Regulator
Rev. 1.3, 2005-04-29
TLE4264 INFINEON-TLE4264 Datasheet
83Kb / 10P
   5-V Low-Drop Fixed-Voltage Regulator
Rev. 2.1 2000-10-10
logo
IK Semicon Co., Ltd
ILE4264G IKSEMICON-ILE4264G Datasheet
279Kb / 6P
   5-V Low-Drop Fixed-Voltage Regulator
ILE4268 IKSEMICON-ILE4268_11 Datasheet
153Kb / 8P
   5-V Low-Drop Fixed Voltage Regulator
ILE4271-2 IKSEMICON-ILE4271-2_11 Datasheet
183Kb / 9P
   5-V LOW-DROP FIXED VOLTAGE REGULATOR
logo
Siemens Semiconductor G...
TLE4264G SIEMENS-TLE4264G Datasheet
42Kb / 9P
   5-V Low-Drop Fixed-Voltage Regulator
TLE4268 SIEMENS-TLE4268 Datasheet
138Kb / 13P
   5-V Low-Drop Fixed Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com